Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

2SC2688-M-T60-E-K Arkusz danych(PDF) 5 Page - Unisonic Technologies

Numer części 2SC2688-M-T60-E-K
Szczegółowy opis  NPN SILICON TRANSISTOR
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  UTC [Unisonic Technologies]
Strona internetowa  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

2SC2688-M-T60-E-K Arkusz danych(HTML) 5 Page - Unisonic Technologies

  2SC2688-M-T60-E-K Datasheet HTML 1Page - Unisonic Technologies 2SC2688-M-T60-E-K Datasheet HTML 2Page - Unisonic Technologies 2SC2688-M-T60-E-K Datasheet HTML 3Page - Unisonic Technologies 2SC2688-M-T60-E-K Datasheet HTML 4Page - Unisonic Technologies 2SC2688-M-T60-E-K Datasheet HTML 5Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 5 / 5 page
background image
2SC2688
NPN EPITAXIAL SILICON TRANSISTOR
UNISONICTECHNOLOGIESCO.,LTD
5 of 5
www.unisonic.com.tw
QW-R204-023,A
TYPICAL CHARACTERISTICS
0.1
10
100
Collector Current, IC (mA)
0.01
0.05
1.0
Base And Collector Saturation
Voltage vs. Collector Current
0.1
0.5
5
50
1000
0.5
1500
VCE(SAT)
5.0
10.0
VBE(SAT)
IC=10·IB
-1
-10
Emitter Current, IE (mA)
10
200
Gain Banddwidth Product Vs.
Emitter Current
50
-5
-100
100
-50
VCE=30V
110
Collector to Base Voltage, VCB (V)
1
Feedback Capacitance
vs.Collectorto Base Voltage
5
5100
10
50
IE=0
f=1MHz
UTC assumes no responsibility for equipment failures that result from using products at values that
exceed, even momentarily, rated values (such as maximum ratings, operating condition ranges, or
other parameters) listed in products specifications of any and all UTC products described or contained
herein. UTC products are not designed for use in life support appliances, devices or systems where
malfunction of these products can be reasonably expected to result in personal injury. Reproduction in
whole or in part is prohibited without the prior written consent of the copyright owner. The information
presented in this document does not form part of any quotation or contract, is believed to be accurate
and reliable and may be changed without notice.


Podobny numer części - 2SC2688-M-T60-E-K

ProducentNumer częściArkusz danychSzczegółowy opis
logo
SeCoS Halbleitertechnol...
2SC2688-K SECOS-2SC2688-K Datasheet
311Kb / 2P
   0.2A, 300V NPN Plastic Encapsulated Transistor
2SC2688-L SECOS-2SC2688-L Datasheet
311Kb / 2P
   0.2A, 300V NPN Plastic Encapsulated Transistor
logo
Nanjing International G...
2SC2688-TU DGNJDZ-2SC2688-TU Datasheet
1Mb / 4P
   TO-126 Plastic-Encapsulate Transistors
More results

Podobny opis - 2SC2688-M-T60-E-K

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Fairchild Semiconductor
KSC5603D FAIRCHILD-KSC5603D_10 Datasheet
115Kb / 5P
   NPN Silicon Transistor, Planar Silicon Transistor
logo
STMicroelectronics
MJE521 STMICROELECTRONICS-MJE521 Datasheet
61Kb / 4P
   SILICON NPN TRANSISTOR
logo
Seme LAB
BFT33A SEME-LAB-BFT33A Datasheet
21Kb / 2P
   NPN SILICON TRANSISTOR
logo
Central Semiconductor C...
CMPT5551 CENTRAL-CMPT5551 Datasheet
78Kb / 2P
   NPN SILICON TRANSISTOR
CZT2222A CENTRAL-CZT2222A Datasheet
94Kb / 2P
   NPN SILICON TRANSISTOR
logo
NEC
2SC3731 NEC-2SC3731 Datasheet
193Kb / 3P
   NPN SILICON TRANSISTOR
logo
Sanyo Semicon Device
2SC3486 SANYO-2SC3486 Datasheet
41Kb / 1P
   SILICON NPN TRANSISTOR
logo
NEC
NE685M03 NEC-NE685M03 Datasheet
34Kb / 3P
   NPN SILICON TRANSISTOR
2SD774 NEC-2SD774 Datasheet
161Kb / 3P
   NPN SILICON TRANSISTOR
AA1L3Z NEC-AA1L3Z Datasheet
119Kb / 2P
   NPN SILICON TRANSISTOR
NE688M23 NEC-NE688M23 Datasheet
19Kb / 2P
   NPN SILICON TRANSISTOR
More results


Html Pages

1 2 3 4 5


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com