Zakładka z wyszukiwarką danych komponentów |
|
74ACT16240 Arkusz danych(PDF) 1 Page - Fairchild Semiconductor |
|
74ACT16240 Arkusz danych(HTML) 1 Page - Fairchild Semiconductor |
1 / 6 page © 2005 Fairchild Semiconductor Corporation DS500293 www.fairchildsemi.com August 1999 Revised May 2005 74ACT16240 16-Bit Inverting Buffer/Line Driver with 3-STATE Outputs General Description The ACT16240 contains sixteen inverting buffers with 3-STATE outputs designed to be employed as a memory and address driver, clock driver, or bus-oriented transmit- ter/receiver. The device is nibble controlled. Each nibble has separate 3-STATE control inputs which can be shorted together for full 16-bit operation. Features s Separate control logic for each byte s 16-bit version of the ACT240 s Outputs source/sink 24 mA s TTL-compatible inputs Ordering Code: Device also available in Tape and Reel. Specify by appending suffix letter “X” to the ordering code. Logic Symbol Pin Descriptions Connection Diagram FACT ¥ is a trademark of Fairchild Semiconductor Corporation. Order Number Package Number Package Description 74ACT16240SSC MS48A 48-Lead Small Shrink Outline Package (SSOP), JEDEC MO-118, 0.300" Wide 74ACT16240MTD MTD48 48-Lead Thin Shrink Small Outline Package (TSSOP), JEDEC MO-153, 6.1mm Wide Pin Names Description OEn Output Enable Inputs (Active LOW) I0–I15 Inputs O0–O15 Outputs |
Podobny numer części - 74ACT16240 |
|
Podobny opis - 74ACT16240 |