Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

CD74HCU04E Arkusz danych(PDF) 6 Page - Texas Instruments

Click here to check the latest version.
Numer części CD74HCU04E
Szczegółowy opis  High-Speed CMOS Logic Hex Inverter
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  TI [Texas Instruments]
Strona internetowa  http://www.ti.com
Logo TI - Texas Instruments

CD74HCU04E Arkusz danych(HTML) 6 Page - Texas Instruments

Back Button CD74HCU04E Datasheet HTML 2Page - Texas Instruments CD74HCU04E Datasheet HTML 3Page - Texas Instruments CD74HCU04E Datasheet HTML 4Page - Texas Instruments CD74HCU04E Datasheet HTML 5Page - Texas Instruments CD74HCU04E Datasheet HTML 6Page - Texas Instruments CD74HCU04E Datasheet HTML 7Page - Texas Instruments CD74HCU04E Datasheet HTML 8Page - Texas Instruments CD74HCU04E Datasheet HTML 9Page - Texas Instruments CD74HCU04E Datasheet HTML 10Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 6 / 10 page
background image
PACKAGING INFORMATION
Orderable Device
Status
(1)
Package
Type
Package
Drawing
Pins Package
Qty
Eco Plan
(2)
Lead/Ball Finish
MSL Peak Temp
(3)
CD74HCU04E
ACTIVE
PDIP
N
14
25
Pb-Free
(RoHS)
CU NIPDAU
N / A for Pkg Type
CD74HCU04EE4
ACTIVE
PDIP
N
14
25
Pb-Free
(RoHS)
CU NIPDAU
N / A for Pkg Type
CD74HCU04M
ACTIVE
SOIC
D
14
50
Green (RoHS &
no Sb/Br)
CU NIPDAU
Level-1-260C-UNLIM
CD74HCU04M96
ACTIVE
SOIC
D
14
2500 Green (RoHS &
no Sb/Br)
CU NIPDAU
Level-1-260C-UNLIM
CD74HCU04M96E4
ACTIVE
SOIC
D
14
2500 Green (RoHS &
no Sb/Br)
CU NIPDAU
Level-1-260C-UNLIM
CD74HCU04ME4
ACTIVE
SOIC
D
14
50
Green (RoHS &
no Sb/Br)
CU NIPDAU
Level-1-260C-UNLIM
CD74HCU04MT
ACTIVE
SOIC
D
14
250
Green (RoHS &
no Sb/Br)
CU NIPDAU
Level-1-260C-UNLIM
CD74HCU04MTE4
ACTIVE
SOIC
D
14
250
Green (RoHS &
no Sb/Br)
CU NIPDAU
Level-1-260C-UNLIM
CD74HCU04PWR
ACTIVE
TSSOP
PW
14
2000 Green (RoHS &
no Sb/Br)
CU NIPDAU
Level-1-260C-UNLIM
CD74HCU04PWRE4
ACTIVE
TSSOP
PW
14
2000 Green (RoHS &
no Sb/Br)
CU NIPDAU
Level-1-260C-UNLIM
(1) The marketing status values are defined as follows:
ACTIVE: Product device recommended for new designs.
LIFEBUY: TI has announced that the device will be discontinued, and a lifetime-buy period is in effect.
NRND: Not recommended for new designs. Device is in production to support existing customers, but TI does not recommend using this part in
a new design.
PREVIEW: Device has been announced but is not in production. Samples may or may not be available.
OBSOLETE: TI has discontinued the production of the device.
(2) Eco Plan - The planned eco-friendly classification: Pb-Free (RoHS), Pb-Free (RoHS Exempt), or Green (RoHS & no Sb/Br) - please check
http://www.ti.com/productcontent for the latest availability information and additional product content details.
TBD: The Pb-Free/Green conversion plan has not been defined.
Pb-Free (RoHS): TI's terms "Lead-Free" or "Pb-Free" mean semiconductor products that are compatible with the current RoHS requirements
for all 6 substances, including the requirement that lead not exceed 0.1% by weight in homogeneous materials. Where designed to be soldered
at high temperatures, TI Pb-Free products are suitable for use in specified lead-free processes.
Pb-Free (RoHS Exempt): This component has a RoHS exemption for either 1) lead-based flip-chip solder bumps used between the die and
package, or 2) lead-based die adhesive used between the die and leadframe. The component is otherwise considered Pb-Free (RoHS
compatible) as defined above.
Green (RoHS & no Sb/Br): TI defines "Green" to mean Pb-Free (RoHS compatible), and free of Bromine (Br) and Antimony (Sb) based flame
retardants (Br or Sb do not exceed 0.1% by weight in homogeneous material)
(3) MSL, Peak Temp. -- The Moisture Sensitivity Level rating according to the JEDEC industry standard classifications, and peak solder
temperature.
Important Information and Disclaimer:The information provided on this page represents TI's knowledge and belief as of the date that it is
provided. TI bases its knowledge and belief on information provided by third parties, and makes no representation or warranty as to the
accuracy of such information. Efforts are underway to better integrate information from third parties. TI has taken and continues to take
reasonable steps to provide representative and accurate information but may not have conducted destructive testing or chemical analysis on
incoming materials and chemicals. TI and TI suppliers consider certain information to be proprietary, and thus CAS numbers and other limited
information may not be available for release.
In no event shall TI's liability arising out of such information exceed the total purchase price of the TI part(s) at issue in this document sold by TI
to Customer on an annual basis.
PACKAGE OPTION ADDENDUM
www.ti.com
18-Jul-2006
Addendum-Page 1


Podobny numer części - CD74HCU04E

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Texas Instruments
CD74HCU04E TI-CD74HCU04E Datasheet
40Kb / 6P
[Old version datasheet]   High Speed CMOS Logic Hex Inverter
CD74HCU04E TI-CD74HCU04E Datasheet
397Kb / 13P
[Old version datasheet]   High-Speed CMOS Logic Hex Inverter
CD74HCU04E TI1-CD74HCU04E Datasheet
620Kb / 15P
[Old version datasheet]   High-Speed CMOS Logic Hex Inverter
CD74HCU04EE4 TI1-CD74HCU04EE4 Datasheet
620Kb / 15P
[Old version datasheet]   High-Speed CMOS Logic Hex Inverter
More results

Podobny opis - CD74HCU04E

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Texas Instruments
CD54HC04 TI-CD54HC04 Datasheet
30Kb / 6P
[Old version datasheet]   High Speed CMOS Logic Hex Inverter
CD74HCU04 TI-CD74HCU04 Datasheet
40Kb / 6P
[Old version datasheet]   High Speed CMOS Logic Hex Inverter
CD54HC04F3A TI-CD54HC04F3A Datasheet
890Kb / 17P
[Old version datasheet]   High-Speed CMOS Logic Hex Inverter
CD74HCU04 TI-CD74HCU04_08 Datasheet
397Kb / 13P
[Old version datasheet]   High-Speed CMOS Logic Hex Inverter
CD74HCU04-Q1 TI1-CD74HCU04-Q1 Datasheet
501Kb / 11P
[Old version datasheet]   HIGH-SPEED CMOS LOGIC HEX INVERTER
CD74HCU04 TI1-CD74HCU04_15 Datasheet
620Kb / 15P
[Old version datasheet]   High-Speed CMOS Logic Hex Inverter
logo
ELM Technology Corporat...
ELM7SH04XB ELM-TECH-ELM7SH04XB Datasheet
278Kb / 3P
   HIGH SPEED CMOS LOGIC IC Inverter
logo
KODENSHI_AUK CORP.
KK74AC04 KODENSHI-KK74AC04 Datasheet
218Kb / 5P
   Hex Inverter High-Speed Silicon-Gate CMOS
KK74ACT04 KODENSHI-KK74ACT04 Datasheet
216Kb / 5P
   Hex Inverter High-Speed Silicon-Gate CMOS
logo
Integral Corp.
IN74AC04 INTEGRAL-IN74AC04 Datasheet
97Kb / 4P
   Hex Inverter High-Speed Silicon-Gate CMOS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com