Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

LM2904WYPT Arkusz danych(PDF) 7 Page - STMicroelectronics

Numer części LM2904WYPT
Szczegółowy opis  Low power dual operational amplifier
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  STMICROELECTRONICS [STMicroelectronics]
Strona internetowa  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

LM2904WYPT Arkusz danych(HTML) 7 Page - STMicroelectronics

Back Button LM2904WYPT Datasheet HTML 3Page - STMicroelectronics LM2904WYPT Datasheet HTML 4Page - STMicroelectronics LM2904WYPT Datasheet HTML 5Page - STMicroelectronics LM2904WYPT Datasheet HTML 6Page - STMicroelectronics LM2904WYPT Datasheet HTML 7Page - STMicroelectronics LM2904WYPT Datasheet HTML 8Page - STMicroelectronics LM2904WYPT Datasheet HTML 9Page - STMicroelectronics LM2904WYPT Datasheet HTML 10Page - STMicroelectronics LM2904WYPT Datasheet HTML 11Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 19 page
background image
LM2904W
Electrical characteristics
7/19
THD
Total harmonic distortion
f = 1kHz, AV = 20dB, RL = 2kΩ,
Vo = 2Vpp, CL = 100pF, Vcc = 30V
0.02
%
DVio
Input offset voltage drift
7
30
µV/°C
DIio
Input offset current drift
10
300
pA/°C
VO1/VO2 Channel separation
(4)
1kHz
≤ f ≤ 20kHz
120
dB
1.
VO = 1.4V, RS = 0Ω, 5V < VCC
+ < 30V, 0V < V
ic < VCC
+ - 1.5V
2.
The direction of the input current is out of the IC. This current is essentially constant, independent of the state of the output,
so there is no change in the loading charge on the input lines.
3.
The input common-mode voltage of either input signal voltage should not be allowed to go negative by more than 0.3V. The
upper end of the common-mode voltage range is VCC
+ –1.5V, but either or both inputs can go to +32V without damage.
4.
Due to the proximity of external components, ensure that stray capacitance between these external parts does not cause
coupling. Typically, this can be detected because this type of capacitance increases at higher frequencies.
Table 3.
VCC
+ = 5V, V
CC
- = Ground, V
O = 1.4V, Tamb = 25°C (unless otherwise specified)
Symbol
Parameter
Conditions
Min.
Typ.
Max.
Unit


Podobny numer części - LM2904WYPT

ProducentNumer częściArkusz danychSzczegółowy opis
logo
STMicroelectronics
LM2904WYPT STMICROELECTRONICS-LM2904WYPT Datasheet
332Kb / 19P
   Low power dual operational amplifier
LM2904WYPT STMICROELECTRONICS-LM2904WYPT Datasheet
1Mb / 28P
   Low-power dual operational amplifier
Rev 20 - August 2022
More results

Podobny opis - LM2904WYPT

ProducentNumer częściArkusz danychSzczegółowy opis
logo
STMicroelectronics
LM2904AH STMICROELECTRONICS-LM2904AH Datasheet
999Kb / 19P
   Low-power, dual operational amplifier
November 2015 Rev 2
LM2904 STMICROELECTRONICS-LM2904_08 Datasheet
387Kb / 22P
   Low power dual operational amplifier
logo
Integral Corp.
IL2904 INTEGRAL-IL2904 Datasheet
325Kb / 6P
   Low Power Dual Operational Amplifier
logo
KODENSHI_AUK CORP.
KK358 KODENSHI-KK358 Datasheet
360Kb / 6P
   Low Power Dual Operational Amplifier
logo
IK Semicon Co., Ltd
IL2904 IKSEMICON-IL2904_11 Datasheet
373Kb / 6P
   Low Power Dual Operational Amplifier
logo
Shenzhen Huazhimei Semi...
LM358 HMSEMI-LM358 Datasheet
796Kb / 5P
   Low power dual operational amplifier
logo
IK Semicon Co., Ltd
IL358 IKSEMICON-IL358 Datasheet
449Kb / 7P
   Low Power Dual Operational Amplifier
logo
Ceramate Technical
CO358 CERAMATE-CO358 Datasheet
523Kb / 5P
   Low Power Dual Operational Amplifier
logo
Daewoo Semiconductor
DBL358 DAEWOO-DBL358 Datasheet
355Kb / 7P
   LOW POWER DUAL OPERATIONAL AMPLIFIER
logo
System Logic Semiconduc...
SL358 SLS-SL358 Datasheet
51Kb / 4P
   Low Power Dual Operational Amplifier
logo
STMicroelectronics
LM2904 STMICROELECTRONICS-LM2904_V01 Datasheet
1Mb / 28P
   Low-power dual operational amplifier
Rev 20 - August 2022
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com