Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

TL064AM Arkusz danych(PDF) 8 Page - STMicroelectronics

Numer części TL064AM
Szczegółowy opis  LOW POWER J-FET QUAD OPERATIONAL AMPLIFIERS
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  STMICROELECTRONICS [STMicroelectronics]
Strona internetowa  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TL064AM Arkusz danych(HTML) 8 Page - STMicroelectronics

Back Button TL064AM Datasheet HTML 2Page - STMicroelectronics TL064AM Datasheet HTML 3Page - STMicroelectronics TL064AM Datasheet HTML 4Page - STMicroelectronics TL064AM Datasheet HTML 5Page - STMicroelectronics TL064AM Datasheet HTML 6Page - STMicroelectronics TL064AM Datasheet HTML 7Page - STMicroelectronics TL064AM Datasheet HTML 8Page - STMicroelectronics TL064AM Datasheet HTML 9Page - STMicroelectronics TL064AM Datasheet HTML 10Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 8 / 10 page
background image
TL064 - TL064A - TL064B
8/10
PARAMETER MEASUREMENT INFORMATION
Figure 1 : Voltage Follower
Figure 2 : Gain-of-10 Inverting Amplifier
TYPICAL APPLICATIONS
AUDIO DISTRIBUTOR AMPLIFIER
-
eI
TL064
R L
C
L= 100pF
1k
10k
1/4
eo
-
eI
TL064
R L
C
L= 100pF
1k
10k
1/4
eo
-
TL064
1/ 4
-
-
-
TL064
1/ 4
TL064
1/4
TL064
1/ 4
1M
1
µF
Output A
Output B
Output C
Input
100k
100k
100k
100k
1OO
µF
V
CC
+
f
= 100kHz
O


Podobny numer części - TL064AM

ProducentNumer częściArkusz danychSzczegółowy opis
logo
STMicroelectronics
TL064AM STMICROELECTRONICS-TL064AM Datasheet
113Kb / 10P
   LOW POWER J-FET QUAD OPERATIONAL AMPLIFIERS
TL064AMD STMICROELECTRONICS-TL064AMD Datasheet
113Kb / 10P
   LOW POWER J-FET QUAD OPERATIONAL AMPLIFIERS
TL064AMD STMICROELECTRONICS-TL064AMD Datasheet
248Kb / 14P
   Low power JFET quad operational amplifier
TL064AMDT STMICROELECTRONICS-TL064AMDT Datasheet
248Kb / 14P
   Low power JFET quad operational amplifier
TL064AMN STMICROELECTRONICS-TL064AMN Datasheet
113Kb / 10P
   LOW POWER J-FET QUAD OPERATIONAL AMPLIFIERS
More results

Podobny opis - TL064AM

ProducentNumer częściArkusz danychSzczegółowy opis
logo
STMicroelectronics
TL064 STMICROELECTRONICS-TL064 Datasheet
113Kb / 10P
   LOW POWER J-FET QUAD OPERATIONAL AMPLIFIERS
logo
Leshan Radio Company
LR074 LRC-LR074 Datasheet
991Kb / 5P
   LOW NOISE J-FET QUAD OPERATIONAL AMPLIFIERS
logo
STMicroelectronics
TL074 STMICROELECTRONICS-TL074 Datasheet
108Kb / 11P
   LOW NOISE J-FET QUAD OPERATIONAL AMPLIFIERS
logo
Integral Corp.
IL072 INTEGRAL-IL072 Datasheet
578Kb / 7P
   Low Power J-FET DUAL OPERATIONAL AMPLIFIERS
logo
STMicroelectronics
TL062 STMICROELECTRONICS-TL062_07 Datasheet
259Kb / 14P
   LOW POWER J-FET DUAL OPERATIONAL AMPLIFIERS
logo
ARTSCHIP ELECTRONICS CO...
TL062 ARTSCHIP-TL062 Datasheet
337Kb / 10P
   LOW POWER J-FET DUAL OPERATIONAL AMPLIFIERS
logo
New Japan Radio
NJM062C NJRC-NJM062C Datasheet
4Mb / 21P
   LOW-POWER J-FET INPUT OPERATIONAL AMPLIFIERS
Ver.5.0
logo
STMicroelectronics
TL062 STMICROELECTRONICS-TL062 Datasheet
111Kb / 10P
   LOW POWER J-FET DUAL OPERATIONAL AMPLIFIERS
logo
Integral Corp.
IL062 INTEGRAL-IL062 Datasheet
494Kb / 7P
   Low Power J-FET DUAL OPERATIONAL AMPLIFIERS
IL082 INTEGRAL-IL082 Datasheet
605Kb / 7P
   Low Power J-FET DUAL OPERATIONAL AMPLIFIERS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com