Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

CAT25160YI-GT3 Arkusz danych(PDF) 1 Page - Catalyst Semiconductor

Numer części CAT25160YI-GT3
Szczegółowy opis  8-Kb and 16-Kb SPI Serial CMOS EEPROM
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  CATALYST [Catalyst Semiconductor]
Strona internetowa  http://www.catalyst-semiconductor.com
Logo CATALYST - Catalyst Semiconductor

CAT25160YI-GT3 Arkusz danych(HTML) 1 Page - Catalyst Semiconductor

  CAT25160YI-GT3 Datasheet HTML 1Page - Catalyst Semiconductor CAT25160YI-GT3 Datasheet HTML 2Page - Catalyst Semiconductor CAT25160YI-GT3 Datasheet HTML 3Page - Catalyst Semiconductor CAT25160YI-GT3 Datasheet HTML 4Page - Catalyst Semiconductor CAT25160YI-GT3 Datasheet HTML 5Page - Catalyst Semiconductor CAT25160YI-GT3 Datasheet HTML 6Page - Catalyst Semiconductor CAT25160YI-GT3 Datasheet HTML 7Page - Catalyst Semiconductor CAT25160YI-GT3 Datasheet HTML 8Page - Catalyst Semiconductor CAT25160YI-GT3 Datasheet HTML 9Page - Catalyst Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 17 page
background image
CAT25080, CAT25160
© 2006 Catalyst Semiconductor, Inc.
1
Doc. No. 1122 Rev. A
Characteristics subject to change without notice
8-Kb and 16-Kb SPI Serial CMOS EEPROM
FEATURES
10 MHz SPI compatible
1.8V to 5.5V supply voltage range
SPI modes (0,0) & (1,1)
32-byte page write buffer
Self-timed write cycle
Hardware and software protection
Block write protection
– Protect 1/4, 1/2 or entire EEPROM array
Low power CMOS technology
1,000,000 program/erase cycles
100 year data retention
Industrial temperature range
RoHS-compliant 8 lead PDIP, SOIC, TSSOP and
8-pad TDFN, UDFN packages
PIN CONFIGURATION
PDIP (L)
SOIC (V)
TSSOP (Y)
TDFN (VP2)
UDFN (HU2)
CS
¯¯
1
8 VCC
SO
2
7 HOLD
¯¯¯¯¯
WP
¯¯¯
3
6 SCK
VSS 4
5 SI
PIN FUNCTION
Pin Name
Function
CS
¯¯
Chip Select
SO
Serial Data Output
WP
¯¯¯
Write Protect
VSS
Ground
SI
Serial Data Input
SCK
Serial Clock
HOLD
¯¯¯¯¯
Hold Transmission Input
VCC
Power Supply
DESCRIPTION
The CAT25080/25160 are 8-Kb/16-Kb Serial CMOS
EEPROM
devices
internally
organized
as
1024x8/2048x8 bits. They feature a 32-byte page
write buffer and support the Serial Peripheral Interface
(SPI) protocol. The device is enabled through a Chip
Select (CS
¯¯ ) input. In addition, the required bus signals
are a clock input (SCK), data input (SI) and data
output (SO) lines. The HOLD
¯¯¯¯¯ input may be used to
pause
any
serial
communication
with
the
CAT25080/25160 device. These devices feature
software and hardware write protection, including
partial as well as full array protection.
FUNCTIONAL SYMBOL
For Ordering Information details, see page 16.
CS
WP
HOLD
SI
SO
CAT25080
CAT25160
VCC
GND
SCK


Podobny numer części - CAT25160YI-GT3

ProducentNumer częściArkusz danychSzczegółowy opis
logo
ON Semiconductor
CAT25160YI-GT3 ONSEMI-CAT25160YI-GT3 Datasheet
187Kb / 16P
   8-Kb and 16-Kb SPI Serial CMOS EEPROM
February, 2010 ??Rev. 5
CAT25160YI-GT3 ONSEMI-CAT25160YI-GT3 Datasheet
188Kb / 19P
   8-Kb and 16-Kb SPI Serial CMOS EEPROM
August, 2012 ??Rev. 8
CAT25160YI-GT3 ONSEMI-CAT25160YI-GT3 Datasheet
188Kb / 19P
   8-Kb and 16-Kb SPI Serial CMOS EEPROM
August, 2012 ??Rev. 8
CAT25160YI-GT3 ONSEMI-CAT25160YI-GT3 Datasheet
312Kb / 18P
   EEPROM Serial 8/16-Kb SPI
June, 2018 ??Rev. 9
More results

Podobny opis - CAT25160YI-GT3

ProducentNumer częściArkusz danychSzczegółowy opis
logo
ON Semiconductor
CAT25080 ONSEMI-CAT25080 Datasheet
187Kb / 16P
   8-Kb and 16-Kb SPI Serial CMOS EEPROM
February, 2010 ??Rev. 5
CAT25080LI-G ONSEMI-CAT25080LI-G Datasheet
188Kb / 19P
   8-Kb and 16-Kb SPI Serial CMOS EEPROM
August, 2012 ??Rev. 8
CAV25080YE-GT3 ONSEMI-CAV25080YE-GT3 Datasheet
160Kb / 13P
   8-Kb and 16-Kb SPI Serial CMOS EEPROM
November, 2011 ??Rev. 0
CAT25080LI ONSEMI-CAT25080LI Datasheet
188Kb / 19P
   8-Kb and 16-Kb SPI Serial CMOS EEPROM
August, 2012 ??Rev. 8
CAT15008 ONSEMI-CAT15008 Datasheet
194Kb / 15P
   Voltage Supervisor with 8-Kb and 16-Kb SPI Serial CMOS EEPROM
Doc. No. MD-1125 Rev. B
logo
Catalyst Semiconductor
CAT15008 CATALYST-CAT15008 Datasheet
353Kb / 15P
   Voltage Supervisor with 8-Kb and 16-Kb SPI Serial CMOS EEPROM
logo
ON Semiconductor
CAV25080 ONSEMI-CAV25080_18 Datasheet
268Kb / 15P
   EEPROM Serial 8/16-Kb SPI
June, 2018 ??Rev. 1
NV25080WF ONSEMI-NV25080WF Datasheet
231Kb / 16P
   EEPROM Serial 8/16-Kb SPI
May, 2018 ??Rev. 2
CAT25080 ONSEMI-CAT25080_18 Datasheet
312Kb / 18P
   EEPROM Serial 8/16-Kb SPI
June, 2018 ??Rev. 9
logo
Catalyst Semiconductor
CAT24C01 CATALYST-CAT24C01 Datasheet
370Kb / 17P
   1-Kb, 2-Kb, 4-Kb, 8-Kb and 16-Kb CMOS Serial EEPROM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com