Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

CAT24C23LI-GT3 Arkusz danych(PDF) 11 Page - Catalyst Semiconductor

Numer części CAT24C23LI-GT3
Szczegółowy opis  32-Kb I2C CMOS Serial EEPROM
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  CATALYST [Catalyst Semiconductor]
Strona internetowa  http://www.catalyst-semiconductor.com
Logo CATALYST - Catalyst Semiconductor

CAT24C23LI-GT3 Arkusz danych(HTML) 11 Page - Catalyst Semiconductor

Back Button CAT24C23LI-GT3 Datasheet HTML 7Page - Catalyst Semiconductor CAT24C23LI-GT3 Datasheet HTML 8Page - Catalyst Semiconductor CAT24C23LI-GT3 Datasheet HTML 9Page - Catalyst Semiconductor CAT24C23LI-GT3 Datasheet HTML 10Page - Catalyst Semiconductor CAT24C23LI-GT3 Datasheet HTML 11Page - Catalyst Semiconductor CAT24C23LI-GT3 Datasheet HTML 12Page - Catalyst Semiconductor CAT24C23LI-GT3 Datasheet HTML 13Page - Catalyst Semiconductor CAT24C23LI-GT3 Datasheet HTML 14Page - Catalyst Semiconductor CAT24C23LI-GT3 Datasheet HTML 15Page - Catalyst Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 18 page
background image
CAT24C32
11
Doc No. 1101, Rev. G
© 2007 by Catalyst Semiconductor, Inc.
Characteristics subject to change without notice
8-LEAD 150 MIL WIDE SOIC (W)
24C32_64_8-LEAD_SOIC.eps
SYMBOL
A1
A
b
C
D
E
E1
h
L
MIN
0.10
1.35
0.33
4.80
5.80
3.80
0.25
0.40
NOM
0.25
0.19
MAX
0.25
1.75
0.51
5.00
6.20
4.00
e
1.27 BSC
0.50
1.27
θ1
0
°
8
°
E
E1
D
A1
e
L
θ1
C
b
h x 45
A
Notes:
1. All dimensions are in millimeters.
2. Complies with JEDEC specification MS-012 dimensions.
For current Tape and Reel information, download the PDF file from:
http://www.catsemi.com/documents/tapeandreel.pdf.


Podobny numer części - CAT24C23LI-GT3

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Catalyst Semiconductor
CAT24C208 CATALYST-CAT24C208 Datasheet
202Kb / 13P
   8-Kb Dual Port Serial EEPROM
logo
ON Semiconductor
CAT24C208 ONSEMI-CAT24C208 Datasheet
134Kb / 10P
   8 kb Dual Port Serial EEPROM
September, 2009 ??Rev. 6
CAT24C208 ONSEMI-CAT24C208 Datasheet
187Kb / 11P
   EEPROM Serial 8-Kb I2C Dual Port
May, 2018 ??Rev. 7
logo
Catalyst Semiconductor
CAT24C208WI-GT3 CATALYST-CAT24C208WI-GT3 Datasheet
202Kb / 13P
   8-Kb Dual Port Serial EEPROM
logo
ON Semiconductor
CAT24C208WI-GT3 ONSEMI-CAT24C208WI-GT3 Datasheet
134Kb / 10P
   8 kb Dual Port Serial EEPROM
September, 2009 ??Rev. 6
More results

Podobny opis - CAT24C23LI-GT3

ProducentNumer częściArkusz danychSzczegółowy opis
logo
ON Semiconductor
LE2432RDXA ONSEMI-LE2432RDXA Datasheet
353Kb / 17P
   32 kb I2C CMOS Serial EEPROM
August 2016 - Rev. 1
CAT24C32 ONSEMI-CAT24C32_15 Datasheet
144Kb / 16P
   32-Kb I2C CMOS Serial EEPROM
June, 2015 ??Rev. 24
N24C32 ONSEMI-N24C32 Datasheet
89Kb / 10P
   32 Kb I2C CMOS Serial EEPROM
June, 2016 ??Rev. 1
CAT24C32WI-G ONSEMI-CAT24C32WI-G Datasheet
182Kb / 17P
   32-Kb I2C CMOS Serial EEPROM
August, 2012 ??Rev. 15
CAT24C32 ONSEMI-CAT24C32 Datasheet
182Kb / 14P
   32-Kb I2C CMOS Serial EEPROM
July, 2010 ??Rev. 12
LE2432DXA ONSEMI-LE2432DXA Datasheet
310Kb / 17P
   32 kb I2C CMOS Serial EEPROM
August 2016 - Rev. 1
CAV24C32 ONSEMI-CAV24C32_16 Datasheet
113Kb / 12P
   32-Kb I2C CMOS Serial EEPROM
February, 2016 ??Rev. 2
CAT24C32 ONSEMI-CAT24C32_12 Datasheet
182Kb / 17P
   32-Kb I2C CMOS Serial EEPROM
August, 2012 ??Rev. 15
CAT24C32 ONSEMI-CAT24C32_18 Datasheet
405Kb / 22P
   EEPROM Serial 32-Kb I2C
May, 2018 ??Rev. 26
CAV24C32 ONSEMI-CAV24C32_18 Datasheet
319Kb / 17P
   EEPROM Serial 32-Kb I2C
May, 2018 ??Rev. 4
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com