Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

MC100LVEL16 Arkusz danych(PDF) 2 Page - ON Semiconductor

Numer części MC100LVEL16
Szczegółowy opis  3.3V ECL Differential Receiver
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  ONSEMI [ON Semiconductor]
Strona internetowa  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

MC100LVEL16 Arkusz danych(HTML) 2 Page - ON Semiconductor

  MC100LVEL16 Datasheet HTML 1Page - ON Semiconductor MC100LVEL16 Datasheet HTML 2Page - ON Semiconductor MC100LVEL16 Datasheet HTML 3Page - ON Semiconductor MC100LVEL16 Datasheet HTML 4Page - ON Semiconductor MC100LVEL16 Datasheet HTML 5Page - ON Semiconductor MC100LVEL16 Datasheet HTML 6Page - ON Semiconductor MC100LVEL16 Datasheet HTML 7Page - ON Semiconductor MC100LVEL16 Datasheet HTML 8Page - ON Semiconductor MC100LVEL16 Datasheet HTML 9Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 9 page
background image
MC100LVEL16
http://onsemi.com
2
Figure 1. Logic Diagram and Pinout Assignment
D, D
ECL Data Inputs
Q, Q
ECL Data Outputs
VBB
Reference Voltage Output
VCC
Positive Supply
VEE
Negative Supply
NC
No Connect
Table 1. PIN DESCRIPTION
PIN
FUNCTION
1
2
3
45
6
7
8
Q
VEE
VCC
D
Q
D
VBB
NC
EP
Exposed pad must be connected
to a sufficient thermal conduit.
Electrically connect to the most
negative supply or leave floating
open.
Table 2. ATTRIBUTES
Characteristics
Value
Internal Input Pulldown Resistor
75 kW
Internal Input Pullup Resistor
75 kW
ESD Protection
Human Body Model
Machine Model
Charged Device Model
> 4 KV
> 400 V
> 2 kV
Moisture Sensitivity (Note 1)
Level 1
Flammability Rating
Oxygen Index: 28 to 34
UL 94 V−0 @ 0.125 in
Transistor Count
79
Meets or Exceeds JEDEC Spec EIA/JESD78 IC Latchup Test
1. Refer to Application Note AND8003/D for additional information.


Podobny numer części - MC100LVEL16

ProducentNumer częściArkusz danychSzczegółowy opis
logo
ON Semiconductor
MC100LVEL16 ONSEMI-MC100LVEL16 Datasheet
58Kb / 3P
   Differential Receiver
1996 REV 0
logo
Analog Devices
MC100LVEL16 AD-MC100LVEL16 Datasheet
776Kb / 24P
   14-Bit, 80 MSPS/105 MSPS A/D Converter
REV. D
logo
ON Semiconductor
MC100LVEL16D ONSEMI-MC100LVEL16D Datasheet
202Kb / 20P
   Evaluation Board Manual for High Frequency SOIC 8
August, 2004 ??Rev. 1
MC100LVEL16DG ONSEMI-MC100LVEL16DG Datasheet
101Kb / 9P
   3.3V ECL Differential Receiver
July, 2015 ??Rev. 7
MC100LVEL16DR2G ONSEMI-MC100LVEL16DR2G Datasheet
101Kb / 9P
   3.3V ECL Differential Receiver
July, 2015 ??Rev. 7
More results

Podobny opis - MC100LVEL16

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Fairchild Semiconductor
100LVEL16 FAIRCHILD-100LVEL16 Datasheet
141Kb / 6P
   3.3V ECL Differential Receiver
logo
ON Semiconductor
MC100LVEL16 ONSEMI-MC100LVEL16_15 Datasheet
101Kb / 9P
   3.3V ECL Differential Receiver
July, 2015 ??Rev. 7
MC100LVEL17 ONSEMI-MC100LVEL17_06 Datasheet
122Kb / 6P
   3.3V ECL Quad Differential Receiver
November, 2006 ??Rev. 7
MC10LVEP16 ONSEMI-MC10LVEP16_06 Datasheet
167Kb / 12P
   2.5V / 3.3V ECL Differential Receiver/Driver
December, 2006 ??Rev. 10
MC10LVEP16 ONSEMI-MC10LVEP16 Datasheet
137Kb / 10P
   2.5V / 3.3V ECL Differential Receiver/Driver
February, 2005 ??Rev. 6
MC10EP16 ONSEMI-MC10EP16_06 Datasheet
165Kb / 11P
   3.3V / 5V ECL Differential Receiver/Driver
December, 2006 ??Rev. 5
logo
Freescale Semiconductor...
MC100ES6017 FREESCALE-MC100ES6017 Datasheet
214Kb / 6P
   3.3V ECL/PECL Quad Differential Receiver
logo
ON Semiconductor
MC10EP17 ONSEMI-MC10EP17_06 Datasheet
179Kb / 11P
   3.3V / 5V ECL Quad Differential Driver/Receiver
December, 2006 ??Rev. 7
logo
Micrel Semiconductor
SY10EP16UMG MICREL-SY10EP16UMG Datasheet
524Kb / 15P
   2.5/3.3V Precision ECL Differential Receiver/Driver
SY100EP16U MICREL-SY100EP16U Datasheet
524Kb / 15P
   2.5/3.3V Precision ECL Differential Receiver/Driver
More results


Html Pages

1 2 3 4 5 6 7 8 9


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com