Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

BY359X-1500 Arkusz danych(PDF) 2 Page - NXP Semiconductors

Numer części BY359X-1500
Szczegółowy opis  Damper diode fast, high-voltage
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  PHILIPS [NXP Semiconductors]
Strona internetowa  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

BY359X-1500 Arkusz danych(HTML) 2 Page - NXP Semiconductors

  BY359X-1500 Datasheet HTML 1Page - NXP Semiconductors BY359X-1500 Datasheet HTML 2Page - NXP Semiconductors BY359X-1500 Datasheet HTML 3Page - NXP Semiconductors BY359X-1500 Datasheet HTML 4Page - NXP Semiconductors BY359X-1500 Datasheet HTML 5Page - NXP Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
Philips Semiconductors
Product specification
Damper diode
BY359X-1500, BY359X-1500S
fast, high-voltage
THERMAL RESISTANCES
SYMBOL
PARAMETER
CONDITIONS
MIN.
TYP.
MAX.
UNIT
R
th j-hs
Thermal resistance junction to
with heatsink compound
-
-
4.8
K/W
heatsink
without heatsink compound
-
-
5.9
K/W
R
th j-a
Thermal resistance junction to
in free air.
-
55
-
K/W
ambient
STATIC CHARACTERISTICS
T
j = 25 ˚C unless otherwise stated
BY359X-1500
BY359X-1500S
SYMBOL
PARAMETER
CONDITIONS
TYP.
MAX.
TYP.
MAX.
UNIT
V
F
Forward voltage
I
F = 20 A
1.3
1.8
1.5
2.0
V
I
F = 10 A; Tj = 150˚C
1.00
1.5
1.25
1.75
V
I
R
Reverse current
V
R = 1300 V
10
100
10
100
µA
V
R = 1300 V;
50
300
100
600
µA
T
j = 100 ˚C
DYNAMIC CHARACTERISTICS
T
j = 25 ˚C unless otherwise stated
BY359X-1500
BY359X-1500S
SYMBOL
PARAMETER
CONDITIONS
TYP.
MAX.
TYP.
MAX.
UNIT
t
rr
Reverse recovery time
I
F = 2 A; VR ≥ 30 V;
0.47
0.60
0.28
0.35
µs
Q
s
Reverse recovery charge
-dI
F/dt = 20 A/µs
1.6
2.0
0.70
0.95
µC
V
fr
Peak forward recovery voltage
I
F = 10 A;
11.0
-
17.0
-
V
dI
F/dt = 30 A/µs
Fig.1. Definition of t
rr, Qs and Irrm
Fig.2. Definition of V
fr
100%
time
dI
dt
F
I
R
I
F
I
rrm
trr
25%
Qs
time
time
V F
V
fr
V F
I
F
September 1998
2
Rev 1.300


Podobny numer części - BY359X-1500

ProducentNumer częściArkusz danychSzczegółowy opis
logo
NXP Semiconductors
BY359X-1500 PHILIPS-BY359X-1500 Datasheet
40Kb / 5P
   Damper diode fast, high-voltage
September 1998 Rev 1.300
BY359X-1500S PHILIPS-BY359X-1500S Datasheet
40Kb / 5P
   Damper diode fast, high-voltage
September 1998 Rev 1.300
More results

Podobny opis - BY359X-1500

ProducentNumer częściArkusz danychSzczegółowy opis
logo
NXP Semiconductors
BY329X-1500 PHILIPS-BY329X-1500 Datasheet
38Kb / 6P
   Damper diode fast, high-voltage
September 1998 Rev 1.100
BY359F-1500 PHILIPS-BY359F-1500 Datasheet
37Kb / 5P
   Damper diode fast, high-voltage
September 1998 Rev 1.300
BY459-1500 PHILIPS-BY459-1500 Datasheet
38Kb / 6P
   Damper diode fast, high-voltage
September 1998 Rev 1.100
BY559X-1500U PHILIPS-BY559X-1500U Datasheet
20Kb / 4P
   Damper diode fast, high-voltage
September 1998 Rev 1.100
logo
Frontier Electronics.
BY329X-1500 FRONTIER-BY329X-1500 Datasheet
62Kb / 2P
   DAMPER DIODE FAST , HIGH VOLTAGE
logo
NXP Semiconductors
BY329-1700S PHILIPS-BY329-1700S Datasheet
33Kb / 5P
   Damper diode fast, high-voltage
September 1998 Rev 1.100
BY359-1500 PHILIPS-BY359-1500 Datasheet
38Kb / 5P
   Damper diode fast, high-voltage
September 1998 Rev 1.300
BY459DX-1500 PHILIPS-BY459DX-1500 Datasheet
40Kb / 6P
   Damper diode fast, high-voltage
August 1998 Rev 1.100
BY459X-1500 PHILIPS-BY459X-1500 Datasheet
40Kb / 6P
   Damper diode fast, high-voltage
August 1998 Rev 1.000
BY479X-1700 PHILIPS-BY479X-1700 Datasheet
42Kb / 6P
   Damper diode fast, high-voltage
September 1998 Rev 1.200
BY559-1500U PHILIPS-BY559-1500U Datasheet
15Kb / 3P
   Damper diode fast, high-voltage
September 1998 Rev 1.100
More results


Html Pages

1 2 3 4 5


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com