Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

MC1403 Arkusz danych(PDF) 7 Page - ON Semiconductor

Numer części MC1403
Szczegółowy opis  Low Voltage Reference
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  ONSEMI [ON Semiconductor]
Strona internetowa  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

MC1403 Arkusz danych(HTML) 7 Page - ON Semiconductor

  MC1403 Datasheet HTML 1Page - ON Semiconductor MC1403 Datasheet HTML 2Page - ON Semiconductor MC1403 Datasheet HTML 3Page - ON Semiconductor MC1403 Datasheet HTML 4Page - ON Semiconductor MC1403 Datasheet HTML 5Page - ON Semiconductor MC1403 Datasheet HTML 6Page - ON Semiconductor MC1403 Datasheet HTML 7Page - ON Semiconductor MC1403 Datasheet HTML 8Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 7 / 8 page
background image
MC1403, B
http://onsemi.com
7
PACKAGE DIMENSIONS
PDIP−8
P1 SUFFIX
CASE 626−05
ISSUE L
NOTES:
1. DIMENSION L TO CENTER OF LEAD WHEN
FORMED PARALLEL.
2. PACKAGE CONTOUR OPTIONAL (ROUND OR
SQUARE CORNERS).
3. DIMENSIONING AND TOLERANCING PER ANSI
Y14.5M, 1982.
14
5
8
F
NOTE 2
−A−
−B−
−T−
SEATING
PLANE
H
J
G
D
K
N
C
L
M
M
A
M
0.13 (0.005)
B M
T
DIM
MIN
MAX
MIN
MAX
INCHES
MILLIMETERS
A
9.40
10.16
0.370
0.400
B
6.10
6.60
0.240
0.260
C
3.94
4.45
0.155
0.175
D
0.38
0.51
0.015
0.020
F
1.02
1.78
0.040
0.070
G
2.54 BSC
0.100 BSC
H
0.76
1.27
0.030
0.050
J
0.20
0.30
0.008
0.012
K
2.92
3.43
0.115
0.135
L
7.62 BSC
0.300 BSC
M
−−−
10
−−−
10
N
0.76
1.01
0.030
0.040
__


Podobny numer części - MC1403

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Motorola, Inc
MC1403 MOTOROLA-MC1403 Datasheet
127Kb / 8P
   Low Voltage Reference
logo
ON Semiconductor
MC1403 ONSEMI-MC1403 Datasheet
125Kb / 8P
   PRECISION LOW VOLTAGE REFERENCE
REV 1
logo
STMicroelectronics
MC1403 STMICROELECTRONICS-MC1403 Datasheet
37Kb / 4P
   2.5V PRECISION SERIAL VOLTAGE REFERENCE
October 1997
logo
Motorola, Inc
MC1403 MOTOROLA-MC1403 Datasheet
450Kb / 12P
   CMOS LSI (LOW-POWER COMPLEMENTARY MOS) 3 1/2 DIGIT A/D CONVERTER
logo
STMicroelectronics
MC1403 STMICROELECTRONICS-MC1403 Datasheet
40Kb / 3P
   2.5V PRECISION SERIAL VOLTAGE REFERENCE
More results

Podobny opis - MC1403

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Motorola, Inc
MC1403 MOTOROLA-MC1403 Datasheet
127Kb / 8P
   Low Voltage Reference
logo
Maxim Integrated Produc...
MAX8069 MAXIM-MAX8069 Datasheet
147Kb / 4P
   Low-Voltage Reference
Rev 1; 9/06
logo
Renesas Technology Corp
ICL8069 RENESAS-ICL8069 Datasheet
365Kb / 6P
   Low Voltage Reference
Jan 2004
logo
Maxim Integrated Produc...
ICL8069BCSA MAXIM-ICL8069BCSA Datasheet
102Kb / 4P
   Low-Voltage Reference
19-0944; Rev 1; 3/99
logo
Renesas Technology Corp
ICL7665S RENESAS-ICL7665S Datasheet
765Kb / 6P
   Low Voltage Reference
Jan 2004
logo
Maxim Integrated Produc...
ICL8069 MAXIM-ICL8069_05 Datasheet
182Kb / 4P
   Low-Voltage Reference
Rev 2; 6/05
logo
Intersil Corporation
ICL8069 INTERSIL-ICL8069 Datasheet
19Kb / 4P
   Low Voltage Reference
logo
Maxim Integrated Produc...
ICL8069 MAXIM-ICL8069 Datasheet
177Kb / 5P
   Low-Voltage Reference
19-0944; Rev 2; 6/05
logo
ON Semiconductor
MC1403 ONSEMI-MC1403 Datasheet
125Kb / 8P
   PRECISION LOW VOLTAGE REFERENCE
REV 1
logo
Catalyst Semiconductor
CAT431L CATALYST-CAT431L Datasheet
146Kb / 11P
   Low-Voltage Adjustable Precision Voltage Reference
More results


Html Pages

1 2 3 4 5 6 7 8


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com