Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

CAT25C64SSATE13 Arkusz danych(PDF) 8 Page - Catalyst Semiconductor

Numer części CAT25C64SSATE13
Szczegółowy opis  32K/64K-Bit SPI Serial CMOS EEPROM
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  CATALYST [Catalyst Semiconductor]
Strona internetowa  http://www.catalyst-semiconductor.com
Logo CATALYST - Catalyst Semiconductor

CAT25C64SSATE13 Arkusz danych(HTML) 8 Page - Catalyst Semiconductor

Back Button CAT25C64SSATE13 Datasheet HTML 3Page - Catalyst Semiconductor CAT25C64SSATE13 Datasheet HTML 4Page - Catalyst Semiconductor CAT25C64SSATE13 Datasheet HTML 5Page - Catalyst Semiconductor CAT25C64SSATE13 Datasheet HTML 6Page - Catalyst Semiconductor CAT25C64SSATE13 Datasheet HTML 7Page - Catalyst Semiconductor CAT25C64SSATE13 Datasheet HTML 8Page - Catalyst Semiconductor CAT25C64SSATE13 Datasheet HTML 9Page - Catalyst Semiconductor CAT25C64SSATE13 Datasheet HTML 10Page - Catalyst Semiconductor CAT25C64SSATE13 Datasheet HTML 11Page - Catalyst Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 8 / 11 page
background image
8
CAT25C32/64
Doc. No. 1001, Rev. G
Figure 7. WRSR Instruction Timing
Figure 6. Write Instruction Timing
Note: Dashed Line= mode (1, 1) – – – –
Note: Dashed Line= mode (1, 1) — — — —
SK
SI
SO
0
0
0
0
0
0
1
0
ADDRESS
D7
D6
D5
D4
D3
D2
D1
D0
012345678
21
22
23
24
25
26
27
28
29
30
31
CS
OPCODE
DATA IN
HIGH IMPEDANCE
0
1
2
345
67
8
10
911
12
13
14
SCK
SI
MSB
HIGH IMPEDANCE
DATA IN
15
SO
CS
7
6
5
4
3
2
10
00
0
00
0
0
1
OPCODE
Byte Write
Once the device is in a Write Enable state, the user
may proceed with a write sequence by setting the
CS
low, issuing a write instruction via the SI line, followed
by the 16-bit address (the three Most Significant Bits
are don’t care for 25C64 and four most significant bits
are don't care for 25C32), and then the data to be
written. Programming will start after the
CS is brought
high. Figure 6 illustrates byte write sequence.
During an internal write cycle, all commands will be
ignored except the RDSR (Read Status Register)
instruction.
The Status Register can be read to determine if the
write cycle is still in progress. If Bit 0 of the Status
Register is set at 1, write cycle is in progress. If Bit 0
is set at 0, the device is ready for the next instruction.
Page Write
The CAT25C32/64 features page write capability.
After the first initial byte the host may continue to write
up to 64 bytes of data to the CAT25C32/64. After each
byte of data is received, six lower order address bits
are internally incremented by one; the high order bits of
address will remain constant. The only restriction is that the
64 bytes must reside on the same page. If the address
counter reaches the end of the page and clock continues,
the counter will “roll over” to the first address of the page
and overwrite any data that may have been written. The
CAT25C32/64 is automatically returned to the write disable
state at the completion of the write cycle. Figure 8 illustrates
the page write sequence.
To write to the status register, the WRSR instruction should
be sent. Only Bit 2, Bit 3 and Bit 7 of the status register can
be written using the WRSR instruction. Figure 7 illustrates
the sequence of writing to status register.
DESIGN CONSIDERATIONS
The CAT25C32/64 powers up in a write disable state and
in a low power standby mode. A WREN instruction must be
issued to perform any writes to the device after power up.
Also,on power up
CS should be brought low to enter a ready
state and receive an instruction. After a successful byte/
page write or status register write the CAT25C32/64 goes
into a write disable mode.
CS must be set high after the


Podobny numer części - CAT25C64SSATE13

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Catalyst Semiconductor
CAT25C64S-1.8-GT3 CATALYST-CAT25C64S-1.8-GT3 Datasheet
413Kb / 16P
   64K-Bit SPI Serial CMOS EEPROM
CAT25C64S-1.8TE13 CATALYST-CAT25C64S-1.8TE13 Datasheet
91Kb / 9P
   32K/64K-Bit SPI Serial CMOS E2PROM
CAT25C64S-1.8TE13 CATALYST-CAT25C64S-1.8TE13 Datasheet
99Kb / 9P
   64K/128K-Bit SPI Serial CMOS E2PROM
CAT25C64S-GT3 CATALYST-CAT25C64S-GT3 Datasheet
413Kb / 16P
   64K-Bit SPI Serial CMOS EEPROM
CAT25C64S-TE13 CATALYST-CAT25C64S-TE13 Datasheet
91Kb / 9P
   32K/64K-Bit SPI Serial CMOS E2PROM
More results

Podobny opis - CAT25C64SSATE13

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Catalyst Semiconductor
CAT25C33 CATALYST-CAT25C33_05 Datasheet
315Kb / 11P
   32K/64K-Bit SPI Serial CMOS EEPROM
CAT25C65 CATALYST-CAT25C65 Datasheet
90Kb / 11P
   32K/64K-Bit SPI Serial CMOS EEPROM
CAT25C64 CATALYST-CAT25C64_06 Datasheet
413Kb / 16P
   64K-Bit SPI Serial CMOS EEPROM
CAT25C32 CATALYST-CAT25C32 Datasheet
91Kb / 9P
   32K/64K-Bit SPI Serial CMOS E2PROM
CAT24WC33 CATALYST-CAT24WC33_05 Datasheet
637Kb / 12P
   32K/64K-Bit I2C Serial CMOS EEPROM
CAT24WC32 CATALYST-CAT24WC32_05 Datasheet
456Kb / 12P
   32K/64K-Bit I2C Serial CMOS EEPROM
CAT24WC32WI CATALYST-CAT24WC32WI Datasheet
404Kb / 10P
   32K/64K-Bit I2C Serial CMOS EEPROM
logo
Samsung semiconductor
S524LB0X91 SAMSUNG-S524LB0X91 Datasheet
145Kb / 20P
   32K/64K-bit Serial EEPROM
logo
Fairchild Semiconductor
FM25C640U FAIRCHILD-FM25C640U Datasheet
102Kb / 11P
   64K-Bit SPI??Interface Serial CMOS EEPROM
logo
E-CMOS Corporation
EC24C32A E-CMOS-EC24C32A Datasheet
541Kb / 17P
   32K/64K-bit 2-WIRE SERIAL CMOS EEPROM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com