Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

CAT28C65BLA-90T Arkusz danych(PDF) 4 Page - Catalyst Semiconductor

Numer części CAT28C65BLA-90T
Szczegółowy opis  64K-Bit CMOS PARALLEL EEPROM
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  CATALYST [Catalyst Semiconductor]
Strona internetowa  http://www.catalyst-semiconductor.com
Logo CATALYST - Catalyst Semiconductor

CAT28C65BLA-90T Arkusz danych(HTML) 4 Page - Catalyst Semiconductor

  CAT28C65BLA-90T Datasheet HTML 1Page - Catalyst Semiconductor CAT28C65BLA-90T Datasheet HTML 2Page - Catalyst Semiconductor CAT28C65BLA-90T Datasheet HTML 3Page - Catalyst Semiconductor CAT28C65BLA-90T Datasheet HTML 4Page - Catalyst Semiconductor CAT28C65BLA-90T Datasheet HTML 5Page - Catalyst Semiconductor CAT28C65BLA-90T Datasheet HTML 6Page - Catalyst Semiconductor CAT28C65BLA-90T Datasheet HTML 7Page - Catalyst Semiconductor CAT28C65BLA-90T Datasheet HTML 8Page - Catalyst Semiconductor CAT28C65BLA-90T Datasheet HTML 9Page - Catalyst Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 13 page
background image
CAT28C65B
4
Doc. No. 1009, Rev. E
D.C. OPERATING CHARACTERISTICS
VCC = 5V
±10%, unless otherwise specified.
Limits
Symbol
Parameter
Min.
Typ.
Max.
Units
Test Conditions
ICC
VCC Current (Operating, TTL)
30
mA
CE = OE = VIL,
f = 1/tRC min, All I/O’s Open
ICCC(1)
VCC Current (Operating, CMOS)
25
mA
CE = OE = VILC,
f = 1/tRC min, All I/O’s Open
ISB
VCC Current (Standby, TTL)
1
mA
CE = VIH, All I/O’s Open
ISBC(2)
VCC Current (Standby, CMOS)
100
µA
CE = VIHC,
All I/O’s Open
ILI
Input Leakage Current
–10
10
µAVIN = GND to VCC
ILO
Output Leakage Current
–10
10
µAVOUT = GND to VCC,
CE = VIH
VIH(2)
High Level Input Voltage
2
VCC +0.3
V
VIL(1)
Low Level Input Voltage
–0.3
0.8
V
VOH
High Level Output Voltage
2.4
V
IOH = –400
µA
VOL
Low Level Output Voltage
0.4
V
IOL = 2.1mA
VWI
Write Inhibit Voltage
3.5
V
Note:
(1) VILC = –0.3V to +0.3V.
(2) VIHC = VCC –0.3V to VCC +0.3V.


Podobny numer części - CAT28C65BLA-90T

ProducentNumer częściArkusz danychSzczegółowy opis
logo
ON Semiconductor
CAT28C65BLA12 ONSEMI-CAT28C65BLA12 Datasheet
96Kb / 13P
   64K-Bit CMOS PARALLEL EEPROM
Doc. No. MD-1009, Rev. H
CAT28C65BLA15 ONSEMI-CAT28C65BLA15 Datasheet
96Kb / 13P
   64K-Bit CMOS PARALLEL EEPROM
Doc. No. MD-1009, Rev. H
CAT28C65BLA90 ONSEMI-CAT28C65BLA90 Datasheet
96Kb / 13P
   64K-Bit CMOS PARALLEL EEPROM
Doc. No. MD-1009, Rev. H
More results

Podobny opis - CAT28C65BLA-90T

ProducentNumer częściArkusz danychSzczegółowy opis
logo
ON Semiconductor
CAT28C64BL12 ONSEMI-CAT28C64BL12 Datasheet
78Kb / 13P
   64K-Bit CMOS PARALLEL EEPROM
Doc. No. MD-1011, Rev. I
CAT28C64B ONSEMI-CAT28C64B Datasheet
93Kb / 13P
   64K-Bit CMOS PARALLEL EEPROM
Doc. No. MD-1011, Rev. I
CAT28C64BN-20 ONSEMI-CAT28C64BN-20 Datasheet
78Kb / 13P
   64K-Bit CMOS PARALLEL EEPROM
Doc. No. MD-1011, Rev. I
CAT28C64BP-20 ONSEMI-CAT28C64BP-20 Datasheet
93Kb / 13P
   64K-Bit CMOS PARALLEL EEPROM
Doc. No. MD-1011, Rev. I
CAT28C65BP12 ONSEMI-CAT28C65BP12 Datasheet
81Kb / 13P
   64K-Bit CMOS PARALLEL EEPROM
Doc. No. MD-1009, Rev. H
logo
Catalyst Semiconductor
CAT28LV65 CATALYST-CAT28LV65_05 Datasheet
74Kb / 12P
   64K-Bit CMOS PARALLEL EEPROM
CAT28C64B CATALYST-CAT28C64B_05 Datasheet
415Kb / 13P
   64K-Bit CMOS PARALLEL EEPROM
logo
Seiko Instruments Inc
S-2860B SII-S-2860B Datasheet
971Kb / 18P
   CMOS 64K-bit PARALLEL EEPROM
logo
Catalyst Semiconductor
28LV64 CATALYST-28LV64 Datasheet
527Kb / 12P
   64K-Bit CMOS PARALLEL EEPROM
logo
ON Semiconductor
CAT28C64BJ-20 ONSEMI-CAT28C64BJ-20 Datasheet
78Kb / 13P
   64K-Bit CMOS PARALLEL EEPROM
Doc. No. MD-1011, Rev. I
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com