Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

ISL55191 Arkusz danych(PDF) 6 Page - Intersil Corporation

Numer części ISL55191
Szczegółowy opis  Single and Dual Ultra-Low Noise, Ultra-Low Distortion, Rail-to-Rail, Low Power Op Amp
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  INTERSIL [Intersil Corporation]
Strona internetowa  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

ISL55191 Arkusz danych(HTML) 6 Page - Intersil Corporation

Back Button ISL55191 Datasheet HTML 2Page - Intersil Corporation ISL55191 Datasheet HTML 3Page - Intersil Corporation ISL55191 Datasheet HTML 4Page - Intersil Corporation ISL55191 Datasheet HTML 5Page - Intersil Corporation ISL55191 Datasheet HTML 6Page - Intersil Corporation ISL55191 Datasheet HTML 7Page - Intersil Corporation ISL55191 Datasheet HTML 8Page - Intersil Corporation ISL55191 Datasheet HTML 9Page - Intersil Corporation ISL55191 Datasheet HTML 10Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 18 page
background image
6
FN6263.1
March 30, 2007
FIGURE 7. ISL55191 GAIN vs FREQUENCY FOR
VARIOUS Cg
FIGURE 8. ISL55291 GAIN vs FREQUENCY FOR
VARIOUS Cg
FIGURE 9. DISABLED INPUT IMPEDANCE vs FREQUENCY
FIGURE 10. ENABLED INPUT IMPEDANCE vs FREQUENCY
FIGURE 11. DISABLED OUTPUT IMPEDANCE vs
FREQUENCY
FIGURE 12. ENABLED OUTPUT IMPEDANCE vs FREQUENCY
Typical Performance Curves (Continued)
-5
-4
-3
-2
-1
0
1
2
3
4
5
FREQUENCY (MHz)
.01
0.1
1.0
10
100
1k
Cg = 3.0pF
Cg = 5.5pF
Cg = 0.8pF
Cg = 10.8pF
Cg = 9.0pF
Cg = 7.6pF
Rf = 909
Rg = 100
AV = 10
RL = 1k
VOUT = 100mVP-P
VS = 5V
Cg = 12.8pF
FREQUENCY (MHz)
Cg = 8.7pF
Cg = 1.6pF
Cg = 2.7pF
Cg = 0.5pF
Cg = 7.3pF
Cg = 5.2pF
Cg = 3.8pF
Rf = 909
Rg = 100
AV = 10
RL = 1k
VOUT = 100mVP-P
VS = 5V
.01
0.1
1.0
10
100
1k
-5
-4
-3
-2
-1
0
1
2
3
4
5
1
10
100
1k
10k
100k
1M
FREQUENCY (MHz)
Cg = 1.6pF
CL = 1.2pF
AV = 10
Rf = 909
Rg= 100
VSOURCE = 500mVP-P
RL = 1k
.01
0.1
1.0
10
100
1k
FREQUENCY (MHz)
Cg = 1.6pF
CL = 1.2pF
AV = 10
Rf = 909
Rg= 100
VSOURCE = 500mVP-P
RL = 1k
.01
0.1
1.0
10
100
1k
1
10
100
1k
10k
100k
1M
10
100
1k
10k
FREQUENCY (MHz)
Cg = 0.5pF
Rf = 909
Rg = 100
AV = 10
VSOURCE = 1VP-P
.01
0.1
1.0
10
100
1k
0.01
0.1
1
10
100
FREQUENCY (MHz)
Cg = 0.5pF
Rf = 909
Rg = 100
AV = 10
VSOURCE = 1VP-P
.01
0.1
1.0
10
100
1k
ISL55191, ISL55291


Podobny numer części - ISL55191

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Renesas Technology Corp
ISL55191 RENESAS-ISL55191 Datasheet
1Mb / 18P
   Single and Dual Ultra-Low Noise, Ultra-Low Distortion, Rail-to-Rail, Low Power Op
March 30, 2007
ISL55191EVAL1Z RENESAS-ISL55191EVAL1Z Datasheet
1Mb / 18P
   Single and Dual Ultra-Low Noise, Ultra-Low Distortion, Rail-to-Rail, Low Power Op
March 30, 2007
ISL55191IBZ RENESAS-ISL55191IBZ Datasheet
1Mb / 18P
   Single and Dual Ultra-Low Noise, Ultra-Low Distortion, Rail-to-Rail, Low Power Op
March 30, 2007
ISL55191IBZ-T13 RENESAS-ISL55191IBZ-T13 Datasheet
1Mb / 18P
   Single and Dual Ultra-Low Noise, Ultra-Low Distortion, Rail-to-Rail, Low Power Op
March 30, 2007
ISL55191IRZ RENESAS-ISL55191IRZ Datasheet
1Mb / 18P
   Single and Dual Ultra-Low Noise, Ultra-Low Distortion, Rail-to-Rail, Low Power Op
March 30, 2007
More results

Podobny opis - ISL55191

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Intersil Corporation
ISL28190 INTERSIL-ISL28190 Datasheet
908Kb / 14P
   Single and Dual Ultra-Low Noise, Ultra-Low Distortion, Rail-to-Rail, Op Amp
logo
Renesas Technology Corp
ISL55191 RENESAS-ISL55191 Datasheet
1Mb / 18P
   Single and Dual Ultra-Low Noise, Ultra-Low Distortion, Rail-to-Rail, Low Power Op
March 30, 2007
logo
Intersil Corporation
ISL28190 INTERSIL-ISL28190_08 Datasheet
1Mb / 16P
   Single and Dual Ultra-Low Noise, Ultra-Low Distortion, Rail-to-Rail Output, Op Amp
logo
Renesas Technology Corp
ISL28190 RENESAS-ISL28190 Datasheet
1Mb / 19P
   Single and Dual Single Supply Ultra-Low Noise, Ultra-Low Distortion, Rail-to-Rail Output, Op Amp
ISL28290 RENESAS-ISL28290 Datasheet
1Mb / 21P
   Dual Single Supply Ultra-Low Noise, Ultra-Low Distortion, Rail-to-Rail Output, Op Amp
Jan.12.21
logo
Intersil Corporation
ISL28191 INTERSIL-ISL28191_08 Datasheet
1Mb / 16P
   Single and Dual Single Supply Ultra-Low Noise, Low Distortion Rail-to-Rail Output, Op Amp
logo
Renesas Technology Corp
ISL28191 RENESAS-ISL28191 Datasheet
1Mb / 18P
   Single and Dual Single Supply Ultra-Low Noise, Low Distortion Rail-to-Rail Output, Op Amp
logo
Intersil Corporation
ISL28191 INTERSIL-ISL28191 Datasheet
1Mb / 14P
   Single and Dual Ultra-Low Noise, Rail-to-Rail, Op Amp
ISL55190 INTERSIL-ISL55190 Datasheet
961Kb / 18P
   Single and Dual Ultra-Low Noise, Ultra-Low Distortion, Low Power Op Amp
logo
Renesas Technology Corp
ISL55190 RENESAS-ISL55190 Datasheet
1Mb / 18P
   Single and Dual Ultra-Low Noise, Ultra-Low Distortion, Low Power Op Amp
March 30, 2007
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com