Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

CAT24WC32PATE13D Arkusz danych(PDF) 4 Page - Catalyst Semiconductor

Numer części CAT24WC32PATE13D
Szczegółowy opis  32K/64K-Bit I2C Serial CMOS EEPROM
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  CATALYST [Catalyst Semiconductor]
Strona internetowa  http://www.catalyst-semiconductor.com
Logo CATALYST - Catalyst Semiconductor

CAT24WC32PATE13D Arkusz danych(HTML) 4 Page - Catalyst Semiconductor

  CAT24WC32PATE13D Datasheet HTML 1Page - Catalyst Semiconductor CAT24WC32PATE13D Datasheet HTML 2Page - Catalyst Semiconductor CAT24WC32PATE13D Datasheet HTML 3Page - Catalyst Semiconductor CAT24WC32PATE13D Datasheet HTML 4Page - Catalyst Semiconductor CAT24WC32PATE13D Datasheet HTML 5Page - Catalyst Semiconductor CAT24WC32PATE13D Datasheet HTML 6Page - Catalyst Semiconductor CAT24WC32PATE13D Datasheet HTML 7Page - Catalyst Semiconductor CAT24WC32PATE13D Datasheet HTML 8Page - Catalyst Semiconductor CAT24WC32PATE13D Datasheet HTML 9Page - Catalyst Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 12 page
background image
CAT24WC32/64
4
Doc. No. 1039, Rev. G
© 2005 by Catalyst Semiconductor, Inc.
Characteristics subject to change without notice
FUNCTIONAL DESCRIPTION
The CAT24WC32/64 supports the I2C Bus data trans-
mission protocol. This Inter-Integrated Circuit Bus proto-
col defines any device that sends data to the bus to be
a transmitter and any device receiving data to be a
receiver. The transfer is controlled by the Master device
which generates the serial clock and all START and
STOP conditions for bus access. The CAT24WC32/64
operates as a Slave device. Both the Master device and
Slave device can operate as either transmitter or re-
ceiver, but the Master device controls which mode is
activated.
PIN DESCRIPTIONS
SCL: Serial Clock
The serial clock input clocks all data transferred into or
out of the device.
SDA: Serial Data/Address
The bidirectional serial data/address pin is used to
transfer all data into and out of the device. The SDA pin
is an open drain output and can be wire-ORed with other
open drain or open collector outputs.
A0, A1, A2: Device Address Inputs
These pins are hardwired or left unconnected (for hard-
ware compatibility with CAT24WC16). When hardwired,
up to eight CAT24WC32/64s may be addressed on a
single bus system (refer to Device Addressing ). When
the pins are left unconnected, the default values are
zeros.
WP: Write Protect
This input, when tied to GND, allows write operations to
the entire memory. For CAT24WC32/64 when this pin
is tied to Vcc, the entire memory is write protected.
When left floating, memory is unprotected.
5020 FHD F05
Figure 3. Start/Stop Timing
Figure 2. Write Cycle Timing
Figure 1. Bus Timing
START BIT
SDA
STOP BIT
SCL
5020 FHD F04
tWR
STOP
CONDITION
START
CONDITION
ADDRESS
ACK
8TH BIT
BYTE n
SCL
SDA
5020 FHD F03
tHIGH
SCL
SDA IN
SDA OUT
tLOW
tF
tLOW
tR
tBUF
tSU:STO
tSU:DAT
tHD:DAT
tHD:STA
tSU:STA
tAA
tDH


Podobny numer części - CAT24WC32PATE13D

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Catalyst Semiconductor
CAT24WC32PATE13B CATALYST-CAT24WC32PATE13B Datasheet
404Kb / 10P
   32K/64K-Bit I2C Serial CMOS E2PROM
More results

Podobny opis - CAT24WC32PATE13D

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Catalyst Semiconductor
CAT24WC33 CATALYST-CAT24WC33_05 Datasheet
637Kb / 12P
   32K/64K-Bit I2C Serial CMOS EEPROM
CAT24WC32WI CATALYST-CAT24WC32WI Datasheet
404Kb / 10P
   32K/64K-Bit I2C Serial CMOS EEPROM
CAT24FC64 CATALYST-CAT24FC64 Datasheet
407Kb / 10P
   64K-Bit I2C Serial CMOS EEPROM
CAT24WC66 CATALYST-CAT24WC66 Datasheet
60Kb / 10P
   64K-Bit I2C Serial CMOS EEPROM
CAT24FC64 CATALYST-CAT24FC64_05 Datasheet
629Kb / 10P
   64K-Bit I2C Serial CMOS EEPROM
CAT24FC32 CATALYST-CAT24FC32 Datasheet
451Kb / 11P
   32K-Bit I2C Serial CMOS EEPROM
CAT25C32 CATALYST-CAT25C32_04 Datasheet
76Kb / 11P
   32K/64K-Bit SPI Serial CMOS EEPROM
CAT25C33 CATALYST-CAT25C33_05 Datasheet
315Kb / 11P
   32K/64K-Bit SPI Serial CMOS EEPROM
CAT25C65 CATALYST-CAT25C65 Datasheet
90Kb / 11P
   32K/64K-Bit SPI Serial CMOS EEPROM
CAT24WC32 CATALYST-CAT24WC32 Datasheet
404Kb / 10P
   32K/64K-Bit I2C Serial CMOS E2PROM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com