Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

BY614 Arkusz danych(PDF) 2 Page - NXP Semiconductors

Numer części BY614
Szczegółowy opis  Miniature high-voltage soft-recovery rectifier
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  PHILIPS [NXP Semiconductors]
Strona internetowa  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

BY614 Arkusz danych(HTML) 2 Page - NXP Semiconductors

  BY614 Datasheet HTML 1Page - NXP Semiconductors BY614 Datasheet HTML 2Page - NXP Semiconductors BY614 Datasheet HTML 3Page - NXP Semiconductors BY614 Datasheet HTML 4Page - NXP Semiconductors BY614 Datasheet HTML 5Page - NXP Semiconductors BY614 Datasheet HTML 6Page - NXP Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
1996 Sep 26
2
Philips Semiconductors
Product specification
Miniature high-voltage soft-recovery
rectifier
BY614
FEATURES
• Glass passivated
• High maximum operating
temperature
• Low leakage current
• Excellent stability
• Soft-recovery switching
characteristics
• Very compact construction.
APPLICATIONS
• Miniature high-voltage assemblies
such as voltage multipliers.
DESCRIPTION
Miniature glass package, using a high
temperature alloyed construction.
This package is hermetically sealed
and fatigue free as coefficients of
expansion of all used parts are
matched.
The package is designed to be used
in an insulating medium such as
resin, oil or SF6 gas.
Fig.1 Simplified outline (SOD61H2) and symbol.
The cathode lead is marked with a black band.
handbook, halfpage
MAM162
k
a
LIMITING VALUES
In accordance with the Absolute Maximum Rating System (IEC 134).
SYMBOL
PARAMETER
CONDITIONS
MIN.
MAX.
UNIT
VRSM
non-repetitive peak reverse voltage
2200
V
VRRM
repetitive peak reverse voltage
2200
V
VRW
working reverse voltage
2000
V
VR
continuous reverse voltage
2000
V
IF(AV)
average forward current
averaged over any 20 ms period;
PCB mounting (see Fig.5);
Tamb =65 °C; see Fig.2;
see also Fig.3
50
mA
IFRM
repetitive peak forward current
500
mA
IFSM
non-repetitive peak forward current
t
≤ 10 ms; half sinewave;
Tj =Tj max prior to surge;
VR =VRWmax
1A
Tstg
storage temperature
−65
+150
°C
Tj
junction temperature
−65
+150
°C


Podobny numer części - BY614

ProducentNumer częściArkusz danychSzczegółowy opis
logo
New Jersey Semi-Conduct...
BY614 NJSEMI-BY614 Datasheet
137Kb / 2P
   Miniature high-voltage soft-recovery rectifier
More results

Podobny opis - BY614

ProducentNumer częściArkusz danychSzczegółowy opis
logo
New Jersey Semi-Conduct...
BY614 NJSEMI-BY614 Datasheet
137Kb / 2P
   Miniature high-voltage soft-recovery rectifier
BY584 NJSEMI-BY584 Datasheet
79Kb / 2P
   High-voltage soft-recovery rectifier
logo
NXP Semiconductors
BY505 PHILIPS-BY505 Datasheet
32Kb / 6P
   High-voltage soft-recovery rectifier
1996 Sep 26
BY584 PHILIPS-BY584 Datasheet
35Kb / 6P
   High-voltage soft-recovery rectifier
1996 Sep 26
logo
New Jersey Semi-Conduct...
BY505 NJSEMI-BY505 Datasheet
136Kb / 2P
   High-voltage soft-recovery rectifier
logo
EIC discrete Semiconduc...
BY584 EIC-BY584 Datasheet
123Kb / 2P
   HIGH VOLTAGE SOFT-RECOVERY RECTIFIER DIODE
logo
NXP Semiconductors
BYX90G PHILIPS-BYX90G Datasheet
52Kb / 9P
   High-voltage soft-recovery controlled avalanche rectifier
1996 Sep 26
BYX120G PHILIPS-BYX120G Datasheet
25Kb / 4P
   High-voltage soft-recovery controlled avalanche rectifier
1996 Sep 26
logo
Edal Industries, Inc.
BS757 EDAL-BS757 Datasheet
55Kb / 1P
   SUB-MINIATURE SILICON HIGH VOLTAGE FAST RECOVERY RECTIFIER
BR757 EDAL-BR757 Datasheet
55Kb / 1P
   SUB-MINIATURE SILICON HIGH VOLTAGE FAST RECOVERY RECTIFIER
More results


Html Pages

1 2 3 4 5 6


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com