Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

MC14022BCP Arkusz danych(PDF) 3 Page - ON Semiconductor

Numer części MC14022BCP
Szczegółowy opis  Octal Counter
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  ONSEMI [ON Semiconductor]
Strona internetowa  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

MC14022BCP Arkusz danych(HTML) 3 Page - ON Semiconductor

  MC14022BCP Datasheet HTML 1Page - ON Semiconductor MC14022BCP Datasheet HTML 2Page - ON Semiconductor MC14022BCP Datasheet HTML 3Page - ON Semiconductor MC14022BCP Datasheet HTML 4Page - ON Semiconductor MC14022BCP Datasheet HTML 5Page - ON Semiconductor MC14022BCP Datasheet HTML 6Page - ON Semiconductor MC14022BCP Datasheet HTML 7Page - ON Semiconductor MC14022BCP Datasheet HTML 8Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
MC14022B
http://onsemi.com
3
ELECTRICAL CHARACTERISTICS (Voltages Referenced to VSS)
V
− 55
_C
25
_C
125
_C
Characteristic
Symbol
VDD
Vdc
Min
Max
Min
Typ
(Note 2)
Max
Min
Max
Unit
Output Voltage
“0” Level
Vin = VDD or 0
VOL
5.0
10
15
0.05
0.05
0.05
0
0
0
0.05
0.05
0.05
0.05
0.05
0.05
Vdc
“1” Level
Vin = 0 or VDD
VOH
5.0
10
15
4.95
9.95
14.95
4.95
9.95
14.95
5.0
10
15
4.95
9.95
14.95
Vdc
Input Voltage
“0” Level
(VO = 4.5 or 0.5 Vdc)
(VO = 9.0 or 1.0 Vdc)
(VO = 13.5 or 1.5 Vdc)
VIL
5.0
10
15
1.5
3.0
4.0
2.25
4.50
6.75
1.5
3.0
4.0
1.5
3.0
4.0
Vdc
“1” Level
(VO = 0.5 or 4.5 Vdc)
(VO = 1.0 or 9.0 Vdc)
(VO = 1.5 or 13.5 Vdc)
VIH
5.0
10
15
3.5
7.0
11
3.5
7.0
11
2.75
5.50
8.25
3.5
7.0
11
Vdc
Output Drive Current
(VOH = 2.5 Vdc)
Source
(VOH = 4.6 Vdc)
(VOH = 9.5 Vdc)
(VOH = 13.5 Vdc)
IOH
5.0
5.0
10
15
– 3.0
– 0.64
– 1.6
– 4.2
– 2.4
– 0.51
– 1.3
– 3.4
– 4.2
– 0.88
– 2.25
– 8.8
– 1.7
– 0.36
– 0.9
– 2.4
mAdc
(VOL = 0.4 Vdc)
Sink
(VOL = 0.5 Vdc)
(VOL = 1.5 Vdc)
IOL
5.0
10
15
0.64
1.6
4.2
0.51
1.3
3.4
0.88
2.25
8.8
0.36
0.9
2.4
mAdc
Input Current
Iin
15
± 0.1
±0.00001
± 0.1
± 1.0
mAdc
Input Capacitance
(Vin = 0)
Cin
5.0
7.5
pF
Quiescent Current
(Per Package)
IDD
5.0
10
15
5.0
10
20
0.005
0.010
0.015
5.0
10
20
150
300
600
mAdc
Total Supply Current (Notes 3 & 4)
(Dynamic plus Quiescent,
Per Package)
(CL = 50 pF on all outputs, all
buffers switching)
IT
5.0
10
15
IT = (0.28 mA/kHz)f + IDD
IT = (0.56 mA/kHz)f + IDD
IT = (0.85 mA/kHz)f + IDD
mAdc
2. Data labelled “Typ” is not to be used for design purposes but is intended as an indication of the IC’s potential performance.
3. The formulas given are for the typical characteristics only at 25
_C.
4. To calculate total supply current at loads other than 50 pF:
IT(CL) = IT(50 pF) + (CL – 50) Vfk
where: IT is in mA (per package), CL in pF, V = (VDD – VSS) in volts, f in kHz is input frequency, and k = 0.00125.


Podobny numer części - MC14022BCP

ProducentNumer częściArkusz danychSzczegółowy opis
logo
ON Semiconductor
MC14022BCP ONSEMI-MC14022BCP Datasheet
219Kb / 8P
   Octal Counter
March, 2000 ??Rev. 3
More results

Podobny opis - MC14022BCP

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Motorola, Inc
MC14022B MOTOROLA-MC14022B Datasheet
262Kb / 7P
   Octal Counter
logo
ON Semiconductor
MC14022B ONSEMI-MC14022B_14 Datasheet
115Kb / 7P
   Octal Counter
August, 2014 ??Rev. 8
MC14022B ONSEMI-MC14022B Datasheet
219Kb / 8P
   Octal Counter
March, 2000 ??Rev. 3
logo
National Semiconductor ...
DM74LS461 NSC-DM74LS461 Datasheet
120Kb / 4P
   Octal Counter
logo
Hitachi Semiconductor
HD14022B HITACHI-HD14022B Datasheet
87Kb / 6P
   Octal Counter/Divider
logo
STMicroelectronics
M54HC4022 STMICROELECTRONICS-M54HC4022 Datasheet
256Kb / 12P
   OCTAL COUNTER/DIVIDER
HCF4022B STMICROELECTRONICS-HCF4022B Datasheet
233Kb / 11P
   OCTAL COUNTER WITH 8 DECODED OUTPUTS
logo
Omron Electronics LLC
H7GP-C OMRON-H7GP-C Datasheet
397Kb / 7P
   Total Counter/Time Counter
logo
Pepperl+Fuchs Inc.
KCM-51-C PF-KCM-51-C Datasheet
263Kb / 2P
   Counter
KCM-51-V PF-KCM-51-V Datasheet
264Kb / 2P
   Counter
More results


Html Pages

1 2 3 4 5 6 7 8


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com