Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

MC14022BCP Arkusz danych(PDF) 4 Page - ON Semiconductor

Numer części MC14022BCP
Szczegółowy opis  Octal Counter
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  ONSEMI [ON Semiconductor]
Strona internetowa  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

MC14022BCP Arkusz danych(HTML) 4 Page - ON Semiconductor

  MC14022BCP Datasheet HTML 1Page - ON Semiconductor MC14022BCP Datasheet HTML 2Page - ON Semiconductor MC14022BCP Datasheet HTML 3Page - ON Semiconductor MC14022BCP Datasheet HTML 4Page - ON Semiconductor MC14022BCP Datasheet HTML 5Page - ON Semiconductor MC14022BCP Datasheet HTML 6Page - ON Semiconductor MC14022BCP Datasheet HTML 7Page - ON Semiconductor MC14022BCP Datasheet HTML 8Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
MC14022B
http://onsemi.com
4
SWITCHING CHARACTERISTICS (Note 5) (CL = 50 pF, TA = 25_C)
Characteristic
Symbol
VDD
Vdc
Min
Typ
(Note 6)
Max
Unit
Output Rise and Fall Time
tTLH, tTHL = (1.5 ns/pF) CL + 25 ns
tTLH, tTHL = (0.75 ns/pF) CL + 12.5 ns
tTLH, tTHL = (0.55 ns/pF) CL + 9.5 ns
tTLH,
tTHL
5.0
10
15
100
50
40
200
100
80
ns
Propagation Delay Time
Reset to Decode Output
tPLH, tPHL = (1.7 ns/pF) CL + 415 ns
tPLH, tPHL = (0.66 ns/pF) CL + 197 ns
tPLH, tPHL = (0.5 ns/pF) CL + 150 ns
tPLH,
tPHL
5.0
10
15
500
230
175
1000
460
350
ns
Propagation Delay Time
Clock to Cout
tPLH, tPHL = (1.7 ns/pF) CL + 315 ns
tPLH, tPHL = (0.66 ns/pF) CL + 142 ns
tPLH, tPHL = (0.5 ns/pF) CL + 100 ns
tPLH,
tPHL
5.0
10
15
400
175
125
800
350
250
ns
Propagation Delay Time
Clock to Decode Output
tPLH, tPHL = (1.7 ns/pF) CL + 415 ns
tPLH, tPHL = (0.66 ns/pF) CL + 197 ns
tPLH, tPHL = (0.5 ns/pF) CL + 150 ns
tPLH,
tPHL
5.0
10
15
275
125
95
1000
460
350
ns
Turn−Off Delay Time
Reset to Cout
tPLH = (1.7 ns/pF) CL + 315 ns
tPLH = (0.66 ns/pF) CL + 142 ns
tPLH = (0.5 ns/pF) CL + 100 ns
tPLH
5.0
10
15
400
175
125
800
350
250
ns
Clock Pulse Width
tWH
5.0
10
15
250
100
75
125
50
35
ns
Clock Frequency
fcl
5.0
10
15
5.0
12
16
2.0
5.0
6.7
MHz
Reset Pulse Width
tWH
5.0
10
15
500
250
190
250
125
95
ns
Reset Removal Time
trem
5.0
10
15
750
275
210
375
135
105
ns
Clock Input Rise and Fall Time
tTLH, tTHL
5.0
10
15
No Limit
Clock Enable Setup Time
tsu
5.0
10
15
350
150
115
175
75
52
ns
Clock Enable Removal Time
trem
5.0
10
15
420
200
140
260
100
70
ns
5. The formulas given are for the typical characteristics only at 25
_C.
6. Data labelled “Typ” is not to be used for design purposes but is intended as an indication of the IC’s potential performance.


Podobny numer części - MC14022BCP

ProducentNumer częściArkusz danychSzczegółowy opis
logo
ON Semiconductor
MC14022BCP ONSEMI-MC14022BCP Datasheet
219Kb / 8P
   Octal Counter
March, 2000 ??Rev. 3
More results

Podobny opis - MC14022BCP

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Motorola, Inc
MC14022B MOTOROLA-MC14022B Datasheet
262Kb / 7P
   Octal Counter
logo
ON Semiconductor
MC14022B ONSEMI-MC14022B_14 Datasheet
115Kb / 7P
   Octal Counter
August, 2014 ??Rev. 8
MC14022B ONSEMI-MC14022B Datasheet
219Kb / 8P
   Octal Counter
March, 2000 ??Rev. 3
logo
National Semiconductor ...
DM74LS461 NSC-DM74LS461 Datasheet
120Kb / 4P
   Octal Counter
logo
Hitachi Semiconductor
HD14022B HITACHI-HD14022B Datasheet
87Kb / 6P
   Octal Counter/Divider
logo
STMicroelectronics
M54HC4022 STMICROELECTRONICS-M54HC4022 Datasheet
256Kb / 12P
   OCTAL COUNTER/DIVIDER
HCF4022B STMICROELECTRONICS-HCF4022B Datasheet
233Kb / 11P
   OCTAL COUNTER WITH 8 DECODED OUTPUTS
logo
Omron Electronics LLC
H7GP-C OMRON-H7GP-C Datasheet
397Kb / 7P
   Total Counter/Time Counter
logo
Pepperl+Fuchs Inc.
KCM-51-C PF-KCM-51-C Datasheet
263Kb / 2P
   Counter
KCM-51-V PF-KCM-51-V Datasheet
264Kb / 2P
   Counter
More results


Html Pages

1 2 3 4 5 6 7 8


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com