Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

MC14022B Arkusz danych(PDF) 6 Page - ON Semiconductor

Numer części MC14022B
Szczegółowy opis  Octal Counter
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  ONSEMI [ON Semiconductor]
Strona internetowa  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

MC14022B Arkusz danych(HTML) 6 Page - ON Semiconductor

  MC14022B Datasheet HTML 1Page - ON Semiconductor MC14022B Datasheet HTML 2Page - ON Semiconductor MC14022B Datasheet HTML 3Page - ON Semiconductor MC14022B Datasheet HTML 4Page - ON Semiconductor MC14022B Datasheet HTML 5Page - ON Semiconductor MC14022B Datasheet HTML 6Page - ON Semiconductor MC14022B Datasheet HTML 7Page - ON Semiconductor MC14022B Datasheet HTML 8Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 6 / 8 page
background image
MC14022B
http://onsemi.com
6
Figure 4. AC Measurement Definition and Functional Waveforms
CLOCK
CLOCK
ENABLE
RESET
Q0
Q1
Q2
Q3
Q4
Q5
Q6
Q7
Cout
tWH
tWL
trem
tPHL
tPLH
tPLH
tPLH
tPLH
tPLH
tTLH
tPLH
tPLH
tPHL
tPHL
tPHL
tPHL
tPHL
tPHL
tTHL
tPHL
tPHL
tTLH
tPHL
tTHL
trel
tsu
20 ns
20 ns
20 ns
20 ns
20 ns
tPLH
tTHL
tPLH
50%
90%
50%
10%
tTLH
tTLH
tTLH
tTLH
tPHL
tTLH
tTHL
tTHL
tTLH
tPLH
90%
50%
10%
VDD
VSS
VSS
VSS
VOL
VOL
VOL
VOL
VOL
VOL
VOL
VOL
VOL
VOH
VOH
VOH
VOH
VOH
VOH
VOH
VOH
VOH
VDD
VDD
ORDERING INFORMATION
Device
Package
Shipping
MC14022BCP
PDIP−16
500 Units / Rail
MC14022BCPG
PDIP−16
(Pb−Free)
500 Units / Rail
MC14022BD
SOIC−16
48 Units / Rail
MC14022BDG
SOIC−16
(Pb−Free)
48 Units / Rail
MC14022BDR2
SOIC−16
2500 Units / Tape & Reel
MC14022BDR2G
SOIC−16
(Pb−Free)
2500 Units / Tape & Reel
†For information on tape and reel specifications, including part orientation and tape sizes, please refer to our Tape and Reel Packaging
Specifications Brochure, BRD8011/D.


Podobny numer części - MC14022B

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Motorola, Inc
MC14022B MOTOROLA-MC14022B Datasheet
262Kb / 7P
   Octal Counter
logo
ON Semiconductor
MC14022B ONSEMI-MC14022B Datasheet
219Kb / 8P
   Octal Counter
March, 2000 ??Rev. 3
MC14022B ONSEMI-MC14022B Datasheet
115Kb / 7P
   Octal Counter
August, 2014 ??Rev. 8
MC14022BCP ONSEMI-MC14022BCP Datasheet
219Kb / 8P
   Octal Counter
March, 2000 ??Rev. 3
MC14022BD ONSEMI-MC14022BD Datasheet
219Kb / 8P
   Octal Counter
March, 2000 ??Rev. 3
More results

Podobny opis - MC14022B

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Motorola, Inc
MC14022B MOTOROLA-MC14022B Datasheet
262Kb / 7P
   Octal Counter
logo
ON Semiconductor
MC14022B ONSEMI-MC14022B_14 Datasheet
115Kb / 7P
   Octal Counter
August, 2014 ??Rev. 8
MC14022B ONSEMI-MC14022B Datasheet
219Kb / 8P
   Octal Counter
March, 2000 ??Rev. 3
logo
National Semiconductor ...
DM74LS461 NSC-DM74LS461 Datasheet
120Kb / 4P
   Octal Counter
logo
Hitachi Semiconductor
HD14022B HITACHI-HD14022B Datasheet
87Kb / 6P
   Octal Counter/Divider
logo
STMicroelectronics
M54HC4022 STMICROELECTRONICS-M54HC4022 Datasheet
256Kb / 12P
   OCTAL COUNTER/DIVIDER
HCF4022B STMICROELECTRONICS-HCF4022B Datasheet
233Kb / 11P
   OCTAL COUNTER WITH 8 DECODED OUTPUTS
logo
Omron Electronics LLC
H7GP-C OMRON-H7GP-C Datasheet
397Kb / 7P
   Total Counter/Time Counter
logo
Pepperl+Fuchs Inc.
KCM-51-C PF-KCM-51-C Datasheet
263Kb / 2P
   Counter
KCM-51-V PF-KCM-51-V Datasheet
264Kb / 2P
   Counter
More results


Html Pages

1 2 3 4 5 6 7 8


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com