Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

MC14024B Arkusz danych(PDF) 3 Page - ON Semiconductor

Numer części MC14024B
Szczegółowy opis  7?뭆tage Ripple Counter
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  ONSEMI [ON Semiconductor]
Strona internetowa  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

MC14024B Arkusz danych(HTML) 3 Page - ON Semiconductor

  MC14024B Datasheet HTML 1Page - ON Semiconductor MC14024B Datasheet HTML 2Page - ON Semiconductor MC14024B Datasheet HTML 3Page - ON Semiconductor MC14024B Datasheet HTML 4Page - ON Semiconductor MC14024B Datasheet HTML 5Page - ON Semiconductor MC14024B Datasheet HTML 6Page - ON Semiconductor MC14024B Datasheet HTML 7Page - ON Semiconductor MC14024B Datasheet HTML 8Page - ON Semiconductor MC14024B Datasheet HTML 9Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 3 / 9 page
background image
MC14024B
http://onsemi.com
3
ELECTRICAL CHARACTERISTICS (Voltages Referenced to VSS)
Characteristic
Symbol
VDD
Vdc
− 55_C
25_C
125_C
Unit
Min
Max
Min
Typ
(Note 2)
Max
Min
Max
Output Voltage
“0” Level
Vin = VDD or 0
Vin = 0 or VDD
“1” Level
VOL
5.0
10
15
0.05
0.05
0.05
0
0
0
0.05
0.05
0.05
0.05
0.05
0.05
Vdc
VOH
5.0
10
15
4.95
9.95
14.95
4.95
9.95
14.95
5.0
10
15
4.95
9.95
14.95
Vdc
Input Voltage
“0” Level
(VO = 4.5 or 0.5 Vdc)
(VO = 9.0 or 1.0 Vdc)
(VO = 13.5 or 1.5 Vdc)
(VO = 0.5 or 4.5 Vdc) “1” Level
(VO = 1.0 or 9.0 Vdc)
(VO = 1.5 or 13.5 Vdc)
VIL
5.0
10
15
1.5
3.0
4.0
2.25
4.50
6.75
1.5
3.0
4.0
1.5
3.0
4.0
Vdc
VIH
5.0
10
15
3.5
7.0
11
3.5
7.0
11
2.75
5.50
8.25
3.5
7.0
11
Vdc
Output Drive Current
(VOH = 2.5 Vdc)
Source
(VOH = 4.6 Vdc)
(VOH = 9.5 Vdc)
(VOH = 13.5 Vdc)
(VOL = 0.4 Vdc)
Sink
(VOL = 0.5 Vdc)
(VOL = 1.5 Vdc)
IOH
5.0
5.0
10
15
– 3.0
– 0.64
– 1.6
– 4.2
– 2.4
– 0.51
− 1.3
− 3.4
– 4.2
– 0.88
– 2.25
− 8.8
– 1.7
− 0.36
– 0.9
− 2.4
mAdc
IOL
5.0
10
15
0.64
1.6
4.2
0.51
1.3
3.4
0.88
2.25
8.8
0.36
0.9
2.4
mAdc
Input Current
Iin
15
± 0.1
± 0.00001
± 0.1
± 1.0
mAdc
Input Capacitance
(Vin = 0)
Cin
5.0
7.5
pF
Quiescent Current
(Per Package)
IDD
5.0
10
15
5.0
10
20
0.005
0.010
0.015
5.0
10
20
150
300
600
mAdc
Total Supply Current (Notes 3 & 4)
(Dynamic plus Quiescent,
Per Package)
(CL = 50 pF on all outputs, all
buffers switching)
IT
5.0
10
15
IT = (0.31 mA/kHz) f + IDD
IT = (0.60 mA/kHz) f + IDD
IT = (1.89 mA/kHz) f + IDD
mAdc
2. Data labelled “Typ” is not to be used for design purposes but is intended as an indication of the IC’s potential performance.
3. The formulas given are for the typical characteristics only at 25_C.
4. To calculate total supply current at loads other than 50 pF:
IT(CL) = IT(50 pF) + (CL − 50) Vfk
where: IT is in mA (per package), CL in pF, V = (VDD − VSS) in volts, f in kHz is input frequency, and k = 0.001.


Podobny numer części - MC14024B

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Motorola, Inc
MC14024B MOTOROLA-MC14024B Datasheet
210Kb / 7P
   7-Stage Ripple Counter
logo
ON Semiconductor
MC14024B ONSEMI-MC14024B Datasheet
183Kb / 8P
   7-Stage Ripple Counter
March, 2000 ??Rev. 3
MC14024B ONSEMI-MC14024B Datasheet
104Kb / 7P
   7-Stage Ripple Counter
August, 2014 ??Rev. 10
MC14024BCP ONSEMI-MC14024BCP Datasheet
183Kb / 8P
   7-Stage Ripple Counter
March, 2000 ??Rev. 3
MC14024BD ONSEMI-MC14024BD Datasheet
183Kb / 8P
   7-Stage Ripple Counter
March, 2000 ??Rev. 3
More results

Podobny opis - MC14024B

ProducentNumer częściArkusz danychSzczegółowy opis
logo
ON Semiconductor
MC74AC4040 ONSEMI-MC74AC4040 Datasheet
84Kb / 6P
   12?뭆tage Binary Ripple Counter
November, 2006 ??Rev. 7
MC74HC4060A ONSEMI-MC74HC4060A_06 Datasheet
147Kb / 14P
   14?뭆tage Binary Ripple Counter With Oscillator
January, 2006 ??Rev. 5
MC14024B ONSEMI-MC14024B_14 Datasheet
104Kb / 7P
   7-Stage Ripple Counter
August, 2014 ??Rev. 10
logo
Motorola, Inc
MC14024B MOTOROLA-MC14024B Datasheet
210Kb / 7P
   7-Stage Ripple Counter
logo
ON Semiconductor
MC14024B ONSEMI-MC14024B Datasheet
183Kb / 8P
   7-Stage Ripple Counter
March, 2000 ??Rev. 3
MC74HC4020A ONSEMI-MC74HC4020A_05 Datasheet
114Kb / 10P
   14?뭆tage Binary Ripple Counter High?뭁erformance Silicon?묰ate CMOS
June, 2005 ??Rev. 4
logo
NXP Semiconductors
74HC4024N PHILIPS-74HC4024N Datasheet
99Kb / 18P
   7-stage binary ripple counter
Rev. 03-12 November 2004
logo
ON Semiconductor
MC74HC4040A ONSEMI-MC74HC4040A_05 Datasheet
114Kb / 10P
   12?뭆tage Binary Ripple Counter High?뭁erformance Silicon?묰ate CMOS
June, 2005 ??Rev. 5
logo
Nexperia B.V. All right...
74HC4024 NEXPERIA-74HC4024 Datasheet
218Kb / 13P
   7-stage binary ripple counter
Rev. 10 - 23 November 2018
logo
NXP Semiconductors
74HC4024 PHILIPS-74HC4024 Datasheet
42Kb / 7P
   7-stage binary ripple counter
December 1990
More results


Html Pages

1 2 3 4 5 6 7 8 9


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com