Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

MC14040BCPG Arkusz danych(PDF) 1 Page - ON Semiconductor

Numer części MC14040BCPG
Szczegółowy opis  12?묪it Binary Counter
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  ONSEMI [ON Semiconductor]
Strona internetowa  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

MC14040BCPG Arkusz danych(HTML) 1 Page - ON Semiconductor

  MC14040BCPG Datasheet HTML 1Page - ON Semiconductor MC14040BCPG Datasheet HTML 2Page - ON Semiconductor MC14040BCPG Datasheet HTML 3Page - ON Semiconductor MC14040BCPG Datasheet HTML 4Page - ON Semiconductor MC14040BCPG Datasheet HTML 5Page - ON Semiconductor MC14040BCPG Datasheet HTML 6Page - ON Semiconductor MC14040BCPG Datasheet HTML 7Page - ON Semiconductor MC14040BCPG Datasheet HTML 8Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
© Semiconductor Components Industries, LLC, 2005
August, 2005 − Rev. 7
1
Publication Order Number:
MC14040B/D
MC14040B
12−Bit Binary Counter
The MC14040B 12−stage binary counter is constructed with MOS
P−Channel and N−Channel enhancement mode devices in a single
monolithic structure. This part is designed with an input wave shaping
circuit and 12 stages of ripple−carry binary counter. The device
advances the count on the negative−going edge of the clock pulse.
Applications include time delay circuits, counter controls, and
frequency−driving circuits.
Features
Fully Static Operation
Diode Protection on All Inputs
Supply Voltage Range = 3.0 Vdc to 18 Vdc
Capable of Driving Two Low−power TTL Loads or One Low−power
Schottky TTL Load Over the Rated Temperature Range
Common Reset Line
Pin−for−Pin Replacement for CD4040B
Pb−Free Packages are Available*
MAXIMUM RATINGS (Voltages Referenced to VSS)
Symbol
Parameter
Value
Unit
VDD
DC Supply Voltage Range
−0.5 to +18.0
V
Vin, Vout
Input or Output Voltage Range
(DC or Transient)
−0.5 to VDD + 0.5
V
Iin, Iout
Input or Output Current
(DC or Transient) per Pin
±10
mA
PD
Power Dissipation, per Package
(Note 1)
500
mW
TA
Ambient Temperature Range
−55 to +125
°C
Tstg
Storage Temperature Range
−65 to +150
°C
TL
Lead Temperature
(8−Second Soldering)
260
°C
Maximum ratings are those values beyond which device damage can occur.
Maximum ratings applied to the device are individual stress limit values (not
normal operating conditions) and are not valid simultaneously. If these limits are
exceeded, device functional operation is not implied, damage may occur and
reliability may be affected.
1. Temperature Derating:
Plastic “P and D/DW” Packages: – 7.0 mW/
_C From 65_C To 125_C
This device contains protection circuitry to guard against damage due to high
static voltages or electric fields. However, precautions must be taken to avoid
applications of any voltage higher than maximum rated voltages to this
high−impedance circuit. For proper operation, Vin and Vout should be constrained
to the range VSS v (Vin or Vout) v VDD.
Unused inputs must always be tied to an appropriate logic voltage level
(e.g., either VSS or VDD). Unused outputs must be left open.
*For additional information on our Pb−Free strategy and soldering details, please
download the ON Semiconductor Soldering and Mounting Techniques
Reference Manual, SOLDERRM/D.
http://onsemi.com
MARKING
DIAGRAMS
PDIP−16
P SUFFIX
CASE 648
MC14040BCP
AWLYYWWG
SOIC−16
D SUFFIX
CASE 751B
TSSOP−16
DT SUFFIX
CASE 948F
14040BG
AWLYWW
14
040B
ALYW
A
= Assembly Location
WL, L
= Wafer Lot
YY, Y
= Year
WW, W
= Work Week
G
= Pb−Free Indicator
SOEIAJ−16
F SUFFIX
CASE 966
MC14040B
ALYWG
See detailed ordering and shipping information in the package
dimensions section on page 2 of this data sheet.
ORDERING INFORMATION
16
1
1
16
1
16
1
16


Podobny numer części - MC14040BCPG

ProducentNumer częściArkusz danychSzczegółowy opis
logo
ON Semiconductor
MC14040BCPG ONSEMI-MC14040BCPG Datasheet
157Kb / 9P
   12-Bit Binary Counter
April, 2013 ??Rev. 10
More results

Podobny opis - MC14040BCPG

ProducentNumer częściArkusz danychSzczegółowy opis
logo
ON Semiconductor
MC10H016 ONSEMI-MC10H016_06 Datasheet
160Kb / 7P
   4?묪it Binary Counter
February, 2006 ??Rev. 8
MC14020B ONSEMI-MC14020B_05 Datasheet
114Kb / 8P
   14?묪it Binary Counter
August, 2005 ??Rev. 6
MC74VHCT393A ONSEMI-MC74VHCT393A Datasheet
249Kb / 9P
   Dual 4?묪it Binary Ripple Counter
June, 2006 ??Rev. 1
logo
Fairchild Semiconductor
MM74HC4020 FAIRCHILD-MM74HC4020 Datasheet
98Kb / 9P
   14-Stage Binary Counter 12-Stage Binary Counter
logo
Hitachi Semiconductor
HD14040B HITACHI-HD14040B Datasheet
79Kb / 7P
   12-bit Binary Counter
logo
Renesas Technology Corp
HD74HC4040 RENESAS-HD74HC4040 Datasheet
93Kb / 7P
   12-stage Binary Counter
logo
ON Semiconductor
MC14040B ONSEMI-MC14040B_14 Datasheet
128Kb / 8P
   12-Bit Binary Counter
August, 2014 ??Rev. 11
MC14040BDTR2G ONSEMI-MC14040BDTR2G Datasheet
157Kb / 9P
   12-Bit Binary Counter
April, 2013 ??Rev. 10
logo
STMicroelectronics
M74HC4040 STMICROELECTRONICS-M74HC4040 Datasheet
356Kb / 11P
   12 STAGE BINARY COUNTER
logo
NXP Semiconductors
HEF4040B PHILIPS-HEF4040B Datasheet
42Kb / 5P
   12-stage binary counter
January 1995
More results


Html Pages

1 2 3 4 5 6 7 8


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com