Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

MC14043BD Arkusz danych(PDF) 3 Page - ON Semiconductor

Numer części MC14043BD
Szczegółowy opis  CMOS MSI Quad R?뭆 Latches
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  ONSEMI [ON Semiconductor]
Strona internetowa  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

MC14043BD Arkusz danych(HTML) 3 Page - ON Semiconductor

  MC14043BD Datasheet HTML 1Page - ON Semiconductor MC14043BD Datasheet HTML 2Page - ON Semiconductor MC14043BD Datasheet HTML 3Page - ON Semiconductor MC14043BD Datasheet HTML 4Page - ON Semiconductor MC14043BD Datasheet HTML 5Page - ON Semiconductor MC14043BD Datasheet HTML 6Page - ON Semiconductor MC14043BD Datasheet HTML 7Page - ON Semiconductor MC14043BD Datasheet HTML 8Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
MC14043B, MC14044B
http://onsemi.com
3
ELECTRICAL CHARACTERISTICS (Voltages Referenced to VSS)
Characteristic
Symbol
VDD
Vdc
− 55
_C
25
_C
125
_C
Unit
Min
Max
Min
Typ
(Note 2)
Max
Min
Max
Output Voltage
“0” Level
Vin = VDD or 0
“1” Level
Vin = 0 or VDD
VOL
5.0
10
15
0.05
0.05
0.05
0
0
0
0.05
0.05
0.05
0.05
0.05
0.05
Vdc
VOH
5.0
10
15
4.95
9.95
14.95
4.95
9.95
14.95
5.0
10
15
4.95
9.95
14.95
Vdc
Input Voltage
“0” Level
(VO = 4.5 or 0.5 Vdc)
(VO = 9.0 or 1.0 Vdc)
(VO = 13.5 or 1.5 Vdc)
“1” Level
(VO = 0.5 or 4.5 Vdc)
(VO = 1.0 or 9.0 Vdc)
(VO = 1.5 or 13.5 Vdc)
VIL
5.0
10
15
1.5
3.0
4.0
2.25
4.50
6.75
1.5
3.0
4.0
1.5
3.0
4.0
Vdc
VIH
5.0
10
15
3.5
7.0
11
3.5
7.0
11
2.75
5.50
8.25
3.5
7.0
11
Vdc
Output Drive Current
(VOH = 2.5 Vdc)
Source
(VOH = 4.6 Vdc)
(VOH = 9.5 Vdc)
(VOH = 13.5 Vdc)
(VOL = 0.4 Vdc)
Sink
(VOL = 0.5 Vdc)
(VOL = 1.5 Vdc)
IOH
5.0
5.0
10
15
– 3.0
– 0.64
– 1.6
– 4.2
– 2.4
– 0.51
– 1.3
– 3.4
– 4.2
– 0.88
– 2.25
– 8.8
– 1.7
– 0.36
– 0.9
– 2.4
mAdc
IOL
5.0
10
15
0.64
1.6
4.2
0.51
1.3
3.4
0.88
2.25
8.8
0.36
0.9
2.4
mAdc
Input Current
Iin
15
± 0.1
±0.00001
± 0.1
± 1.0
mAdc
Input Capacitance
(Vin = 0)
Cin
5.0
7.5
pF
Quiescent Current
(Per Package)
IDD
5.0
10
15
1.0
2.0
4.0
0.002
0.004
0.006
1.0
2.0
4.0
30
60
120
mAdc
Total Supply Current (Notes 3 & 4)
(Dynamic plus Quiescent,
Per Package)
(CL = 50 pF on all outputs all
buffers switching)
IT
5.0
10
15
IT = (0.58 mA/kHz) f + IDD
IT = (1.15 mA/kHz) f + IDD
IT = (1.73 mA/kHz) f + IDD
mAdc
Three−State Output Leakage
Current
ITL
15
± 0.1
± 0.0001
± 0.1
± 3.0
mAdc
2. Data labelled “Typ” is not to be used for design purposes but is intended as an indication of the IC’s potential performance.
3. The formulas given are for the typical characteristics only at 25
_C.
4. To calculate total supply current at loads other than 50 pF:
IT(CL) = IT(50 pF) + (CL − 50) Vfk
where: IT is in mA (per package), CL in pF, V = (VDD − VSS) in volts, f in kHz is input frequency, and k = 0.004.


Podobny numer części - MC14043BD

ProducentNumer częściArkusz danychSzczegółowy opis
logo
ON Semiconductor
MC14043BD ONSEMI-MC14043BD Datasheet
192Kb / 8P
   CMOS MSI(Quad R-S Latches)
March, 2000 ??Rev. 3
MC14043BDG ONSEMI-MC14043BDG Datasheet
143Kb / 7P
   CMOS MSI Quad R?뭆 Latches
April, 2013 ??Rev. 9
MC14043BDG ONSEMI-MC14043BDG Datasheet
118Kb / 7P
   CMOS MSI Quad R?뭆 Latches
August, 2014 ??Rev. 10
MC14043BDR2 ONSEMI-MC14043BDR2 Datasheet
192Kb / 8P
   CMOS MSI(Quad R-S Latches)
March, 2000 ??Rev. 3
MC14043BDR2G ONSEMI-MC14043BDR2G Datasheet
143Kb / 7P
   CMOS MSI Quad R?뭆 Latches
April, 2013 ??Rev. 9
More results

Podobny opis - MC14043BD

ProducentNumer częściArkusz danychSzczegółowy opis
logo
ON Semiconductor
MC14043B ONSEMI-MC14043B_14 Datasheet
118Kb / 7P
   CMOS MSI Quad R?뭆 Latches
August, 2014 ??Rev. 10
NLV14044B ONSEMI-NLV14044B Datasheet
143Kb / 7P
   CMOS MSI Quad R?뭆 Latches
April, 2013 ??Rev. 9
MC14043B ONSEMI-MC14043B Datasheet
192Kb / 8P
   CMOS MSI(Quad R-S Latches)
March, 2000 ??Rev. 3
logo
Renesas Technology Corp
CD4043BMS RENESAS-CD4043BMS Datasheet
395Kb / 10P
   CMOS Quad 3 State R/S Latches
December 1992
logo
Texas Instruments
CD4043B TI-CD4043B Datasheet
211Kb / 13P
[Old version datasheet]   CMOS QUAD 3-STATE R/S LATCHES
CD4043B TI1-CD4043B_15 Datasheet
1Mb / 31P
[Old version datasheet]   CMOS Quad 3-State R/S Latches
logo
Motorola, Inc
MC14573 MOTOROLA-MC14573 Datasheet
487Kb / 9P
   CMOS MSI
logo
Hitachi Semiconductor
HD74HC279 HITACHI-HD74HC279 Datasheet
59Kb / 9P
   Quad. S-R Latches
logo
National Semiconductor ...
54LS279 NSC-54LS279 Datasheet
137Kb / 6P
   Quad S-R Latches
logo
Texas Instruments
54LS279 TI1-54LS279 Datasheet
387Kb / 8P
[Old version datasheet]   Quad S-R Latches
More results


Html Pages

1 2 3 4 5 6 7 8


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com