Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

MC14052B Arkusz danych(PDF) 6 Page - ON Semiconductor

Numer części MC14052B
Szczegółowy opis  Analog Multiplexers/Demultiplexers
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  ONSEMI [ON Semiconductor]
Strona internetowa  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

MC14052B Arkusz danych(HTML) 6 Page - ON Semiconductor

Back Button MC14052B Datasheet HTML 2Page - ON Semiconductor MC14052B Datasheet HTML 3Page - ON Semiconductor MC14052B Datasheet HTML 4Page - ON Semiconductor MC14052B Datasheet HTML 5Page - ON Semiconductor MC14052B Datasheet HTML 6Page - ON Semiconductor MC14052B Datasheet HTML 7Page - ON Semiconductor MC14052B Datasheet HTML 8Page - ON Semiconductor MC14052B Datasheet HTML 9Page - ON Semiconductor MC14052B Datasheet HTML 10Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 12 page
background image
MC14051B, MC14052B, MC14053B
http://onsemi.com
6
TEST CIRCUITS
Figure 5.
DV Across Switch
Figure 6. Propagation Delay Times,
Control and Inhibit to Output
Figure 7. Bandwidth and Off−Channel
Feedthrough Attenuation
Figure 8. Channel Separation
(Adjacent Channels Used For Setup)
Figure 9. Crosstalk, Control Input to
Common O/I
Figure 10. Off Channel Leakage
CONTROL
SECTION
OF IC
SOURCE
V
ON SWITCH
PULSE
GENERATOR
INH
A
B
C
RL
CL
Vout
VDD VEE VEE VDD
INH
A
B
C
VSS
Vin
RL
CL = 50 pF
Vout
VDD − VEE
2
INH
A
B
C
OFF
ON
RL
RL
CL = 50 pF
Vout
Vin
VDD − VEE
2
INH
A
B
C
R1
RL
CL = 50 pF
Vout
CONTROL
SECTION
OF IC
OFF CHANNEL UNDER TEST
OTHER
CHANNEL(S)
COMMON
VDD
VEE
VEE
VDD
VEE
VDD
NOTE: See also Figures 7 and 8 in the MC14016B data sheet.
A, B, and C inputs used to turn ON
or OFF the switch under test.
LOAD


Podobny numer części - MC14052B

ProducentNumer częściArkusz danychSzczegółowy opis
logo
ON Semiconductor
MC14052B ONSEMI-MC14052B Datasheet
183Kb / 12P
   Analog Multiplexers/Demultiplexers
February, 2005 ??Rev. 6
MC14052BCP ONSEMI-MC14052BCP Datasheet
183Kb / 12P
   Analog Multiplexers/Demultiplexers
February, 2005 ??Rev. 6
MC14052BCPG ONSEMI-MC14052BCPG Datasheet
183Kb / 12P
   Analog Multiplexers/Demultiplexers
February, 2005 ??Rev. 6
MC14052BD ONSEMI-MC14052BD Datasheet
183Kb / 12P
   Analog Multiplexers/Demultiplexers
February, 2005 ??Rev. 6
MC14052BDG ONSEMI-MC14052BDG Datasheet
183Kb / 12P
   Analog Multiplexers/Demultiplexers
February, 2005 ??Rev. 6
More results

Podobny opis - MC14052B

ProducentNumer częściArkusz danychSzczegółowy opis
logo
ON Semiconductor
MC14067B ONSEMI-MC14067B_11 Datasheet
134Kb / 9P
   Analog Multiplexers/Demultiplexers
June, 2011 ??Rev. 7
MC74VHC4051 ONSEMI-MC74VHC4051_14 Datasheet
159Kb / 16P
   Analog Multiplexers / Demultiplexers
September, 2014 ??Rev. 7
MC14067B ONSEMI-MC14067B_05 Datasheet
124Kb / 10P
   Analog Multiplexers / Demultiplexers
February, 2005 ??Rev. 5
MC74HC4051A ONSEMI-MC74HC4051A Datasheet
400Kb / 16P
   Analog Multiplexers/Demultiplexers
March, 2000 ??Rev. 1
MC74HCT4051A ONSEMI-MC74HCT4051A_11 Datasheet
207Kb / 16P
   Analog Multiplexers / Demultiplexers
June, 2011 ??Rev. 2
MC74HCT4851A ONSEMI-MC74HCT4851A_16 Datasheet
139Kb / 14P
   Analog Multiplexers/ Demultiplexers
August, 2016 ??Rev. 8
MC74HC4051A ONSEMI-MC74HC4051A_16 Datasheet
180Kb / 17P
   Analog Multiplexers/ Demultiplexers
March, 2016 ??Rev. 8
logo
Motorola, Inc
MC54HC4051A MOTOROLA-MC54HC4051A Datasheet
188Kb / 15P
   ANALOG MULTIPLEXERS/ DEMULTIPLEXERS
logo
ON Semiconductor
MC74HC4053ADTR2G ONSEMI-MC74HC4053ADTR2G Datasheet
222Kb / 17P
   Analog Multiplexers Demultiplexers
February, 2013 ??Rev. 6
MC74VHC4051 ONSEMI-MC74VHC4051 Datasheet
341Kb / 16P
   Analog Multiplexers/Demultiplexers
March, 2000 ??Rev. 3
logo
STMicroelectronics
HCC4051B STMICROELECTRONICS-HCC4051B Datasheet
366Kb / 17P
   ANALOG MULTIPLEXERS-DEMULTIPLEXERS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com