Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

MC14052B Arkusz danych(PDF) 4 Page - ON Semiconductor

Numer części MC14052B
Szczegółowy opis  Analog Multiplexers/Demultiplexers
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  ONSEMI [ON Semiconductor]
Strona internetowa  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

MC14052B Arkusz danych(HTML) 4 Page - ON Semiconductor

  MC14052B Datasheet HTML 1Page - ON Semiconductor MC14052B Datasheet HTML 2Page - ON Semiconductor MC14052B Datasheet HTML 3Page - ON Semiconductor MC14052B Datasheet HTML 4Page - ON Semiconductor MC14052B Datasheet HTML 5Page - ON Semiconductor MC14052B Datasheet HTML 6Page - ON Semiconductor MC14052B Datasheet HTML 7Page - ON Semiconductor MC14052B Datasheet HTML 8Page - ON Semiconductor MC14052B Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 12 page
background image
MC14051B, MC14052B, MC14053B
http://onsemi.com
4
ELECTRICAL CHARACTERISTICS (Note 4) (CL = 50 pF, TA = 25_C) (VEE v VSS unless otherwise indicated)
Characteristic
Symbol
VDD – VEE
Vdc
Typ (Note 5)
All Types
Max
Unit
Propagation Delay Times (Figure 6)
Switch Input to Switch Output (RL = 10 kW)
MC14051
tPLH, tPHL = (0.17 ns/pF) CL + 26.5 ns
tPLH, tPHL = (0.08 ns/pF) CL + 11 ns
tPLH, tPHL = (0.06 ns/pF) CL + 9.0 ns
tPLH, tPHL
5.0
10
15
35
15
12
90
40
30
ns
MC14052
tPLH, tPHL = (0.17 ns/pF) CL + 21.5 ns
tPLH, tPHL = (0.08 ns/pF) CL + 8.0 ns
tPLH, tPHL = (0.06 ns/pF) CL + 7.0 ns
5.0
10
15
30
12
10
75
30
25
ns
MC14053
tPLH, tPHL = (0.17 ns/pF) CL + 16.5 ns
tPLH, tPHL = (0.08 ns/pF) CL + 4.0 ns
tPLH, tPHL = (0.06 ns/pF) CL + 3.0 ns
5.0
10
15
25
8.0
6.0
65
20
15
ns
Inhibit to Output (RL = 10 kW, VEE = VSS)
Output “1” or “0” to High Impedance, or
High Impedance to “1” or “0” Level
MC14051B
tPHZ, tPLZ,
tPZH, tPZL
5.0
10
15
350
170
140
700
340
280
ns
MC14052B
5.0
10
15
300
155
125
600
310
250
ns
MC14053B
5.0
10
15
275
140
110
550
280
220
ns
Control Input to Output (RL = 10 kW, VEE = VSS)
MC14051B
tPLH, tPHL
5.0
10
15
360
160
120
720
320
240
ns
MC14052B
5.0
10
15
325
130
90
650
260
180
ns
MC14053B
5.0
10
15
300
120
80
600
240
160
ns
Second Harmonic Distortion
(RL = 10KW, f = 1 kHz) Vin = 5 VPP
10
0.07
%
Bandwidth (Figure 7)
(RL = 1 kW, Vin = 1/2 (VDD−VEE) p−p, CL = 50pF
20 Log (Vout/Vin) = − 3 dB)
BW
10
17
MHz
Off Channel Feedthrough Attenuation (Figure 7)
RL = 1KW, Vin = 1/2 (VDD − VEE) p−p
fin = 4.5 MHz — MC14051B
fin = 30 MHz — MC14052B
fin = 55 MHz — MC14053B
10
– 50
dB
Channel Separation (Figure 8)
(RL = 1 kW, Vin = 1/2 (VDD−VEE) p−p,
fin = 3.0 MHz
10
– 50
dB
Crosstalk, Control Input to Common O/I (Figure 9)
(R1 = 1 kW, RL = 10 kW
Control tTLH = tTHL = 20 ns, Inhibit = VSS)
10
75
mV
4. The formulas given are for the typical characteristics only at 25
_C.
5. Data labelled “Typ” is not lo be used for design purposes but In intended as an indication of the IC’s potential performance.


Podobny numer części - MC14052B

ProducentNumer częściArkusz danychSzczegółowy opis
logo
ON Semiconductor
MC14052B ONSEMI-MC14052B Datasheet
183Kb / 12P
   Analog Multiplexers/Demultiplexers
February, 2005 ??Rev. 6
MC14052BCP ONSEMI-MC14052BCP Datasheet
183Kb / 12P
   Analog Multiplexers/Demultiplexers
February, 2005 ??Rev. 6
MC14052BCPG ONSEMI-MC14052BCPG Datasheet
183Kb / 12P
   Analog Multiplexers/Demultiplexers
February, 2005 ??Rev. 6
MC14052BD ONSEMI-MC14052BD Datasheet
183Kb / 12P
   Analog Multiplexers/Demultiplexers
February, 2005 ??Rev. 6
MC14052BDG ONSEMI-MC14052BDG Datasheet
183Kb / 12P
   Analog Multiplexers/Demultiplexers
February, 2005 ??Rev. 6
More results

Podobny opis - MC14052B

ProducentNumer częściArkusz danychSzczegółowy opis
logo
ON Semiconductor
MC14067B ONSEMI-MC14067B_11 Datasheet
134Kb / 9P
   Analog Multiplexers/Demultiplexers
June, 2011 ??Rev. 7
MC74VHC4051 ONSEMI-MC74VHC4051_14 Datasheet
159Kb / 16P
   Analog Multiplexers / Demultiplexers
September, 2014 ??Rev. 7
MC14067B ONSEMI-MC14067B_05 Datasheet
124Kb / 10P
   Analog Multiplexers / Demultiplexers
February, 2005 ??Rev. 5
MC74HC4051A ONSEMI-MC74HC4051A Datasheet
400Kb / 16P
   Analog Multiplexers/Demultiplexers
March, 2000 ??Rev. 1
MC74HCT4051A ONSEMI-MC74HCT4051A_11 Datasheet
207Kb / 16P
   Analog Multiplexers / Demultiplexers
June, 2011 ??Rev. 2
MC74HCT4851A ONSEMI-MC74HCT4851A_16 Datasheet
139Kb / 14P
   Analog Multiplexers/ Demultiplexers
August, 2016 ??Rev. 8
MC74HC4051A ONSEMI-MC74HC4051A_16 Datasheet
180Kb / 17P
   Analog Multiplexers/ Demultiplexers
March, 2016 ??Rev. 8
logo
Motorola, Inc
MC54HC4051A MOTOROLA-MC54HC4051A Datasheet
188Kb / 15P
   ANALOG MULTIPLEXERS/ DEMULTIPLEXERS
logo
ON Semiconductor
MC74HC4053ADTR2G ONSEMI-MC74HC4053ADTR2G Datasheet
222Kb / 17P
   Analog Multiplexers Demultiplexers
February, 2013 ??Rev. 6
MC74VHC4051 ONSEMI-MC74VHC4051 Datasheet
341Kb / 16P
   Analog Multiplexers/Demultiplexers
March, 2000 ??Rev. 3
logo
STMicroelectronics
HCC4051B STMICROELECTRONICS-HCC4051B Datasheet
366Kb / 17P
   ANALOG MULTIPLEXERS-DEMULTIPLEXERS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com