Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

MC14040BFEL Arkusz danych(PDF) 5 Page - ON Semiconductor

Numer części MC14040BFEL
Szczegółowy opis  12?묪it Binary Counter
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  ONSEMI [ON Semiconductor]
Strona internetowa  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

MC14040BFEL Arkusz danych(HTML) 5 Page - ON Semiconductor

  MC14040BFEL Datasheet HTML 1Page - ON Semiconductor MC14040BFEL Datasheet HTML 2Page - ON Semiconductor MC14040BFEL Datasheet HTML 3Page - ON Semiconductor MC14040BFEL Datasheet HTML 4Page - ON Semiconductor MC14040BFEL Datasheet HTML 5Page - ON Semiconductor MC14040BFEL Datasheet HTML 6Page - ON Semiconductor MC14040BFEL Datasheet HTML 7Page - ON Semiconductor MC14040BFEL Datasheet HTML 8Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 5 / 8 page
background image
MC14040B
http://onsemi.com
5
Figure 3. Timing Diagram
CLOCK
RESET
Q1
Q2
Q3
Q4
Q5
Q6
Q7
Q8
Q9
Q10
Q11
Q12
1
2
4
8
16
32
64
128
256
512
1024
2048
4096
APPLICATIONS INFORMATION
TIME−BASE GENERATOR
A 60 Hz sinewave obtained through a 1.0 Megohm
resistor connected directly to a standard 120 Vac power line
is applied to the clock input of the MC14040B. By selecting
outputs Q5, Q10, Q11, and Q12 division by 3600 is
accomplished. The MC14012B decodes the counter
outputs, produces a single output pulse, and resets the binary
counter. The resulting output frequency is 1.0 pulse/minute.
MC14040B
Figure 4. Time−Base Generator
Clock
Q5
Q10
Q11
Q12
VCC
13
12
10
9
1
2
4
5
8
1/2
14012B
6
1/6 of HC14A
≥20pF
1.0M
1.0 Pulse/Minute
Output
VCC
120Vac
60Hz
NOTE:
Ground MUST be isolated
by a transformer or
opto−isolator for safety
reasons.
1/2
14012B


Podobny numer części - MC14040BFEL

ProducentNumer częściArkusz danychSzczegółowy opis
logo
ON Semiconductor
MC14040BFEL ONSEMI-MC14040BFEL Datasheet
215Kb / 8P
   12-Bit Binary Counter
March, 2000 ??Rev. 3
MC14040BFELG ONSEMI-MC14040BFELG Datasheet
157Kb / 9P
   12-Bit Binary Counter
April, 2013 ??Rev. 10
MC14040BFELG ONSEMI-MC14040BFELG Datasheet
128Kb / 8P
   12-Bit Binary Counter
August, 2014 ??Rev. 11
More results

Podobny opis - MC14040BFEL

ProducentNumer częściArkusz danychSzczegółowy opis
logo
ON Semiconductor
MC10H016 ONSEMI-MC10H016_06 Datasheet
160Kb / 7P
   4?묪it Binary Counter
February, 2006 ??Rev. 8
MC14020B ONSEMI-MC14020B_05 Datasheet
114Kb / 8P
   14?묪it Binary Counter
August, 2005 ??Rev. 6
MC74VHCT393A ONSEMI-MC74VHCT393A Datasheet
249Kb / 9P
   Dual 4?묪it Binary Ripple Counter
June, 2006 ??Rev. 1
logo
Fairchild Semiconductor
MM74HC4020 FAIRCHILD-MM74HC4020 Datasheet
98Kb / 9P
   14-Stage Binary Counter 12-Stage Binary Counter
logo
Hitachi Semiconductor
HD14040B HITACHI-HD14040B Datasheet
79Kb / 7P
   12-bit Binary Counter
logo
Renesas Technology Corp
HD74HC4040 RENESAS-HD74HC4040 Datasheet
93Kb / 7P
   12-stage Binary Counter
logo
ON Semiconductor
MC14040B ONSEMI-MC14040B_14 Datasheet
128Kb / 8P
   12-Bit Binary Counter
August, 2014 ??Rev. 11
MC14040BDTR2G ONSEMI-MC14040BDTR2G Datasheet
157Kb / 9P
   12-Bit Binary Counter
April, 2013 ??Rev. 10
logo
STMicroelectronics
M74HC4040 STMICROELECTRONICS-M74HC4040 Datasheet
356Kb / 11P
   12 STAGE BINARY COUNTER
logo
NXP Semiconductors
HEF4040B PHILIPS-HEF4040B Datasheet
42Kb / 5P
   12-stage binary counter
January 1995
More results


Html Pages

1 2 3 4 5 6 7 8


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com