Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

MC14046BF Arkusz danych(PDF) 5 Page - ON Semiconductor

Numer części MC14046BF
Szczegółowy opis  Phase Locked Loop
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  ONSEMI [ON Semiconductor]
Strona internetowa  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

MC14046BF Arkusz danych(HTML) 5 Page - ON Semiconductor

  MC14046BF Datasheet HTML 1Page - ON Semiconductor MC14046BF Datasheet HTML 2Page - ON Semiconductor MC14046BF Datasheet HTML 3Page - ON Semiconductor MC14046BF Datasheet HTML 4Page - ON Semiconductor MC14046BF Datasheet HTML 5Page - ON Semiconductor MC14046BF Datasheet HTML 6Page - ON Semiconductor MC14046BF Datasheet HTML 7Page - ON Semiconductor MC14046BF Datasheet HTML 8Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 5 / 8 page
background image
MC14046B
http://onsemi.com
5
Figure 1. Phase Comparators State Diagrams
PHASE COMPARATOR 1
Input Stage
PCAin
XX
PCBin
00
01
11
10
PC1out
01
PHASE COMPARATOR 2
Input Stage
PCAin
XX
PCBin
PC2out
01
3−State
Output Disconnected
LD (Lock Detect)
0
0
1
Refer to Waveforms in Figure 3.
00
01
10
11
00
10
01
11
00
01
10
11
Characteristic
Using Phase Comparator 1
Using Phase Comparator 2
No signal on input PCAin.
VCO in PLL system adjusts to center
frequency (f0).
VCO in PLL system adjusts to minimum
frequency (fmin).
Phase angle between PCAin and PCBin.
90
° at center frequency (f0), approaching
0
_ and 180° at ends of lock range (2fL)
Always 0
_ in lock (positive rising edges).
Locks on harmonics of center frequency.
Yes
No
Signal input noise rejection.
High
Low
Lock frequency range (2fL).
The frequency range of the input signal on which the loop will stay locked if it was
initially in lock; 2fL = full VCO frequency range = fmax – fmin.
Capture frequency range (2fC).
The frequency range of the input signal on which the loop will lock if it was initially
out of lock.
Depends on low−pass filter characteristics
(see Figure 3). fC v fL
fC = fL
Center frequency (f0).
The frequency of VCOout, when VCOin = 1/2 VDD
VCO output frequency (f).
Note: These equations are intended to be
a design guide. Since calculated component
values may be in error by as much as a
factor of 4, laboratory experimentation may
be required for fixed designs. Part to part
frequency variation with identical passive
components is typically less than
± 20%.
Where: 10K
v R1 v 1 M
10K
v R2 v 1 M
100pF
v C1 v .01 mF
Figure 2. Design Information
+ fmin
fmin =(VCO input = VSS)
R2(C1 + 32 pF)
1
fmax =
R1(C1 + 32 pF)
1
(VCO input = VDD)


Podobny numer części - MC14046BF

ProducentNumer częściArkusz danychSzczegółowy opis
logo
ON Semiconductor
MC14046BFELG ONSEMI-MC14046BFELG Datasheet
138Kb / 8P
   Phase Locked Loop
August, 2014 ??Rev. 14
MC14046BFG ONSEMI-MC14046BFG Datasheet
138Kb / 8P
   Phase Locked Loop
August, 2014 ??Rev. 14
More results

Podobny opis - MC14046BF

ProducentNumer częściArkusz danychSzczegółowy opis
logo
NXP Semiconductors
HEF4046B PHILIPS-HEF4046B Datasheet
416Kb / 15P
   Phase-locked loop
January 1995
logo
Z-Communications, Inc
PSA4230C-LF ZCOMM-PSA4230C-LF_11 Datasheet
93Kb / 2P
   PHASE LOCKED LOOP
PSN1100A ZCOMM-PSN1100A_10 Datasheet
74Kb / 2P
   PHASE LOCKED LOOP
PSA3005A ZCOMM-PSA3005A Datasheet
75Kb / 2P
   PHASE LOCKED LOOP
PSA2220C-LF ZCOMM-PSA2220C-LF_10 Datasheet
84Kb / 2P
   PHASE LOCKED LOOP
PSN2710A ZCOMM-PSN2710A_10 Datasheet
78Kb / 2P
   PHASE LOCKED LOOP
PCA1401A ZCOMM-PCA1401A_10 Datasheet
72Kb / 2P
   PHASE LOCKED LOOP
PCA1550A-LF ZCOMM-PCA1550A-LF_10 Datasheet
75Kb / 2P
   PHASE LOCKED LOOP
logo
Integral Corp.
IN74HC4046A INTEGRAL-IN74HC4046A Datasheet
241Kb / 11P
   PHASE-LOCKED LOOP
logo
Z-Communications, Inc
PCA0090A ZCOMM-PCA0090A Datasheet
57Kb / 2P
   PHASE LOCKED LOOP
PSA0210A ZCOMM-PSA0210A Datasheet
77Kb / 2P
   PHASE LOCKED LOOP
More results


Html Pages

1 2 3 4 5 6 7 8


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com