Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

MC14066BDG Arkusz danych(PDF) 3 Page - ON Semiconductor

Numer części MC14066BDG
Szczegółowy opis  Quad Analog Switch/Quad Multiplexer
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  ONSEMI [ON Semiconductor]
Strona internetowa  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

MC14066BDG Arkusz danych(HTML) 3 Page - ON Semiconductor

  MC14066BDG Datasheet HTML 1Page - ON Semiconductor MC14066BDG Datasheet HTML 2Page - ON Semiconductor MC14066BDG Datasheet HTML 3Page - ON Semiconductor MC14066BDG Datasheet HTML 4Page - ON Semiconductor MC14066BDG Datasheet HTML 5Page - ON Semiconductor MC14066BDG Datasheet HTML 6Page - ON Semiconductor MC14066BDG Datasheet HTML 7Page - ON Semiconductor MC14066BDG Datasheet HTML 8Page - ON Semiconductor MC14066BDG Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 12 page
background image
MC14066B
http://onsemi.com
3
ELECTRICAL CHARACTERISTICS
Characteristic
Symbol
VDD
Test Conditions
− 55_C
25_C
125_C
Unit
Min
Max
Min
Typ (2)
Max
Min
Max
SUPPLY REQUIREMENTS (Voltages Referenced to VEE)
Power Supply Voltage
Range
VDD
3.0
18
3.0
18
3.0
18
V
Quiescent Current Per
Package
IDD
5.0
10
15
Control Inputs:
Vin = VSS or VDD,
Switch I/O: VSS v VI/O
v VDD, and
DVswitch v 500 mV (3)
0.25
0.5
1.0
0.005
0.010
0.015
0.25
0.5
1.0
7.5
15
30
mA
Total Supply Current
(Dynamic Plus Quiescent,
Per Package
ID(AV)
5.0
10
15
TA = 25_C only The
channel component,
(Vin – Vout)/Ron, is
not included.)
(0.07 mA/kHz) f + IDD
Typical
(0.20 mA/kHz) f + IDD
(0.36 mA/kHz) f + IDD
mA
CONTROL INPUTS (Voltages Referenced to VSS)
Low−Level Input Voltage
VIL
5.0
10
15
Ron = per spec,
Ioff = per spec
1.5
3.0
4.0
2.25
4.50
6.75
1.5
3.0
4.0
1.5
3.0
4.0
V
High−Level Input Voltage
VIH
5.0
10
15
Ron = per spec,
Ioff = per spec
3.5
7.0
11
3.5
7.0
11
2.75
5.50
8.25
3.5
7.0
11
V
Input Leakage Current
Iin
15
Vin = 0 or VDD
± 0.1
±0.00001
± 0.1
± 1.0
mA
Input Capacitance
Cin
5.0
7.5
pF
SWITCHES IN AND OUT (Voltages Referenced to VSS)
Recommended Peak−to−
Peak Voltage Into or Out
of the Switch
VI/O
Channel On or Off
0
VDD
0
VDD
0
VDD
Vp–p
Recommended Static or
Dynamic Voltage Across
the Switch (3) (Figure 1)
DVswitch
Channel On
0
600
0
600
0
300
mV
Output Offset Voltage
VOO
Vin = 0 V, No Load
10
mV
ON Resistance
Ron
5.0
10
15
DVswitch v 500 mV (3),
Vin = VIL or VIH
(Control), and Vin =
0 to VDD (Switch)
800
400
220
250
120
80
1050
500
280
1200
520
300
W
DON Resistance Between
Any Two Channels
in the Same Package
DRon
5.0
10
15
70
50
45
25
10
10
70
50
45
135
95
65
W
Off−Channel Leakage
Current (Figure 6)
Ioff
15
Vin = VIL or VIH
(Control) Channel to
Channel or Any One
Channel
±100
± 0.05
±100
± 1000
nA
Capacitance, Switch I/O
CI/O
Switch Off
10
15
pF
Capacitance, Feedthrough
(Switch Off)
CI/O
0.47
pF
2. Data labeled “Typ” is not to be used for design purposes, but is intended as an indication of the IC’s potential performance.
3. For voltage drops across the switch (DVswitch) > 600 mV ( > 300 mV at high temperature), excessive VDD current may be drawn; i.e. the
current out of the switch may contain both VDD and switch input components. The reliability of the device will be unaffected unless the
Maximum Ratings are exceeded. (See first page of this data sheet.)


Podobny numer części - MC14066BDG

ProducentNumer częściArkusz danychSzczegółowy opis
logo
ON Semiconductor
MC14066BDG ONSEMI-MC14066BDG Datasheet
160Kb / 11P
   Quad Analog Switch/Quad Multiplexer
August, 2014 ??Rev. 10
More results

Podobny opis - MC14066BDG

ProducentNumer częściArkusz danychSzczegółowy opis
logo
ON Semiconductor
MC14016B ONSEMI-MC14016B_14 Datasheet
143Kb / 10P
   Quad Analog Switch/ Quad Multiplexer
July, 2014 ??Rev. 11
logo
Motorola, Inc
MC14016B MOTOROLA-MC14016B Datasheet
270Kb / 9P
   Quad Analog Switch/Quad Multiplexer
logo
ON Semiconductor
MC14016B ONSEMI-MC14016B Datasheet
244Kb / 12P
   Quad Analog Switch/Quad Multiplexer
March, 2000 ??Rev. 3
MC14016B ONSEMI-MC14016B_06 Datasheet
179Kb / 11P
   Quad Analog Switch/ Quad Multiplexer
October, 2006 ??Rev. 7
MC14066B ONSEMI-MC14066B Datasheet
276Kb / 12P
   Quad Analog Switch/Quad Multiplexer
March, 2000 ??Rev. 3
MC14066B ONSEMI-MC14066B_14 Datasheet
160Kb / 11P
   Quad Analog Switch/Quad Multiplexer
August, 2014 ??Rev. 10
MC74HC4066A ONSEMI-MC74HC4066A_06 Datasheet
239Kb / 16P
   Quad Analog Switch/Multiplexer/Demultiplexer
October, 2006 ??Rev. 8
MC74HC4066A ONSEMI-MC74HC4066A_14 Datasheet
190Kb / 14P
   Quad Analog Switch/ Multiplexer/Demultiplexer
March, 2014 ??Rev. 12
MC74LVXT4066 ONSEMI-MC74LVXT4066_17 Datasheet
140Kb / 11P
   Quad Analog Switch/Multiplexer/Demultiplexer
November, 2017 ??Rev. 5
MC74VHC4066 ONSEMI-MC74VHC4066_11 Datasheet
194Kb / 14P
   Quad Analog Switch/Multiplexer/Demultiplexer
May, 2011 ??Rev. 6
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com