Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

MC14049UBDTEL Arkusz danych(PDF) 6 Page - ON Semiconductor

Numer części MC14049UBDTEL
Szczegółowy opis  W Semiconductor Components Industries, LLC, 2004
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  ONSEMI [ON Semiconductor]
Strona internetowa  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

MC14049UBDTEL Arkusz danych(HTML) 6 Page - ON Semiconductor

  MC14049UBDTEL Datasheet HTML 1Page - ON Semiconductor MC14049UBDTEL Datasheet HTML 2Page - ON Semiconductor MC14049UBDTEL Datasheet HTML 3Page - ON Semiconductor MC14049UBDTEL Datasheet HTML 4Page - ON Semiconductor MC14049UBDTEL Datasheet HTML 5Page - ON Semiconductor MC14049UBDTEL Datasheet HTML 6Page - ON Semiconductor MC14049UBDTEL Datasheet HTML 7Page - ON Semiconductor MC14049UBDTEL Datasheet HTML 8Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 6 / 8 page
background image
MC14049UB
http://onsemi.com
6
PACKAGE DIMENSIONS
TSSOP−16
DT SUFFIX
PLASTIC TSSOP PACKAGE
CASE 948F−01
ISSUE O
DIM
MIN
MAX
MIN
MAX
INCHES
MILLIMETERS
A
4.90
5.10
0.193
0.200
B
4.30
4.50
0.169
0.177
C
−−−
1.20
−−−
0.047
D
0.05
0.15
0.002
0.006
F
0.50
0.75
0.020
0.030
G
0.65 BSC
0.026 BSC
H
0.18
0.28
0.007
0.011
J
0.09
0.20
0.004
0.008
J1
0.09
0.16
0.004
0.006
K
0.19
0.30
0.007
0.012
K1
0.19
0.25
0.007
0.010
L
6.40 BSC
0.252 BSC
M
0
8
0
8
NOTES:
1. DIMENSIONING AND TOLERANCING PER ANSI
Y14.5M, 1982.
2. CONTROLLING DIMENSION: MILLIMETER.
3. DIMENSION A DOES NOT INCLUDE MOLD FLASH.
PROTRUSIONS OR GATE BURRS. MOLD FLASH
OR GATE BURRS SHALL NOT EXCEED 0.15 (0.006)
PER SIDE.
4. DIMENSION B DOES NOT INCLUDE INTERLEAD
FLASH OR PROTRUSION. INTERLEAD FLASH OR
PROTRUSION SHALL NOT EXCEED
0.25 (0.010) PER SIDE.
5. DIMENSION K DOES NOT INCLUDE DAMBAR
PROTRUSION. ALLOWABLE DAMBAR
PROTRUSION SHALL BE 0.08 (0.003) TOTAL IN
EXCESS OF THE K DIMENSION AT MAXIMUM
MATERIAL CONDITION.
6. TERMINAL NUMBERS ARE SHOWN FOR
REFERENCE ONLY.
7. DIMENSION A AND B ARE TO BE DETERMINED AT
DATUM PLANE −W−.
___
_
SECTION N−N
SEATING
PLANE
IDENT.
PIN 1
1
8
16
9
DETAIL E
J
J1
B
C
D
A
K
K1
H
G
DETAIL E
F
M
L
2X
L/2
−U−
S
U
0.15 (0.006) T
S
U
0.15 (0.006) T
S
U
M
0.10 (0.004)
V S
T
0.10 (0.004)
−T−
−V−
−W−
0.25 (0.010)
16X
REF
K
N
N


Podobny numer części - MC14049UBDTEL

ProducentNumer częściArkusz danychSzczegółowy opis
logo
ON Semiconductor
MC14049UBDTELG ONSEMI-MC14049UBDTELG Datasheet
155Kb / 8P
   Hex Buffers
May, 2013 ??Rev. 8
More results

Podobny opis - MC14049UBDTEL

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Omron Electronics LLC
AOTBA-01 OMRON-AOTBA-01 Datasheet
3Mb / 4P
   OMRON ELECTRONIC COMPONENTS LLC
logo
Vishay Siliconix
84063 VISHAY-84063 Datasheet
609Kb / 5P
   The Constituents of Semiconductor Components
Rev. 7, 07-Jan-03
logo
Rhombus Industries Inc.
T-831 RHOMBUS-IND-T-831 Datasheet
48Kb / 1P
   RHOMBUS INDUSTRIES INC.
logo
ATMEL Corporation
AT86RF535A ATMEL-AT86RF535A Datasheet
157Kb / 12P
   WiMax Transceiver 802.16-2004
logo
List of Unclassifed Man...
47550 ETC2-47550 Datasheet
38Kb / 1P
   Other Desco Industries Brands
logo
Xilinx, Inc
XC2C64 XILINX-XC2C64 Datasheet
95Kb / 12P
   Industries best 0.18 micron CMOS CPLD
logo
Sangdest Microelectroni...
SMP1005-01WTG SMC-SMP1005-01WTG Datasheet
280Kb / 5P
   Industries smallest ESD footprint available
logo
Cirrus Logic
CRD1500-90WLLC CIRRUS-CRD1500-90WLLC Datasheet
101Kb / 1P
   CS1500 90W, High-efficiency PFC w/ LLC Resonant Converter Reference Design
logo
Hynix Semiconductor
HL15604 HYNIX-HL15604 Datasheet
435Kb / 26P
   Hyundai Electronics Industries System IC Division
HL15703 HYNIX-HL15703 Datasheet
434Kb / 26P
   Hyundai Electronics Industries System IC Division
More results


Html Pages

1 2 3 4 5 6 7 8


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com