Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

MC14049UBF Arkusz danych(PDF) 8 Page - ON Semiconductor

Numer części MC14049UBF
Szczegółowy opis  W Semiconductor Components Industries, LLC, 2004
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  ONSEMI [ON Semiconductor]
Strona internetowa  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

MC14049UBF Arkusz danych(HTML) 8 Page - ON Semiconductor

  MC14049UBF Datasheet HTML 1Page - ON Semiconductor MC14049UBF Datasheet HTML 2Page - ON Semiconductor MC14049UBF Datasheet HTML 3Page - ON Semiconductor MC14049UBF Datasheet HTML 4Page - ON Semiconductor MC14049UBF Datasheet HTML 5Page - ON Semiconductor MC14049UBF Datasheet HTML 6Page - ON Semiconductor MC14049UBF Datasheet HTML 7Page - ON Semiconductor MC14049UBF Datasheet HTML 8Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 8 / 8 page
background image
MC14049UB
http://onsemi.com
8
ON Semiconductor and
are registered trademarks of Semiconductor Components Industries, LLC (SCILLC). SCILLC reserves the right to make changes without further notice
to any products herein. SCILLC makes no warranty, representation or guarantee regarding the suitability of its products for any particular purpose, nor does SCILLC assume any liability
arising out of the application or use of any product or circuit, and specifically disclaims any and all liability, including without limitation special, consequential or incidental damages.
“Typical” parameters which may be provided in SCILLC data sheets and/or specifications can and do vary in different applications and actual performance may vary over time. All
operating parameters, including “Typicals” must be validated for each customer application by customer’s technical experts. SCILLC does not convey any license under its patent rights
nor the rights of others. SCILLC products are not designed, intended, or authorized for use as components in systems intended for surgical implant into the body, or other applications
intended to support or sustain life, or for any other application in which the failure of the SCILLC product could create a situation where personal injury or death may occur. Should
Buyer purchase or use SCILLC products for any such unintended or unauthorized application, Buyer shall indemnify and hold SCILLC and its officers, employees, subsidiaries, affiliates,
and distributors harmless against all claims, costs, damages, and expenses, and reasonable attorney fees arising out of, directly or indirectly, any claim of personal injury or death
associated with such unintended or unauthorized use, even if such claim alleges that SCILLC was negligent regarding the design or manufacture of the part. SCILLC is an Equal
Opportunity/Affirmative Action Employer. This literature is subject to all applicable copyright laws and is not for resale in any manner.
PUBLICATION ORDERING INFORMATION
N. American Technical Support: 800−282−9855 Toll Free
USA/Canada
Japan: ON Semiconductor, Japan Customer Focus Center
2−9−1 Kamimeguro, Meguro−ku, Tokyo, Japan 153−0051
Phone: 81−3−5773−3850
MC14049UB/D
LITERATURE FULFILLMENT:
Literature Distribution Center for ON Semiconductor
P.O. Box 61312, Phoenix, Arizona 85082−1312 USA
Phone: 480−829−7710 or 800−344−3860 Toll Free USA/Canada
Fax: 480−829−7709 or 800−344−3867 Toll Free USA/Canada
Email: orderlit@onsemi.com
ON Semiconductor Website: http://onsemi.com
Order Literature: http://www.onsemi.com/litorder
For additional information, please contact your
local Sales Representative.


Podobny numer części - MC14049UBF

ProducentNumer częściArkusz danychSzczegółowy opis
logo
ON Semiconductor
MC14049UBF ONSEMI-MC14049UBF Datasheet
205Kb / 8P
   Hex Buffers
March, 2000 ??Rev. 3
MC14049UBFEL ONSEMI-MC14049UBFEL Datasheet
205Kb / 8P
   Hex Buffers
March, 2000 ??Rev. 3
MC14049UBFELG ONSEMI-MC14049UBFELG Datasheet
155Kb / 8P
   Hex Buffers
May, 2013 ??Rev. 8
MC14049UBFELG ONSEMI-MC14049UBFELG Datasheet
107Kb / 7P
   Hex Buffers
May, 2014 ??Rev. 9
MC14049UBFELG ONSEMI-MC14049UBFELG Datasheet
106Kb / 7P
   Hex Buffers
June, 2017 ??Rev. 10
More results

Podobny opis - MC14049UBF

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Omron Electronics LLC
AOTBA-01 OMRON-AOTBA-01 Datasheet
3Mb / 4P
   OMRON ELECTRONIC COMPONENTS LLC
logo
Vishay Siliconix
84063 VISHAY-84063 Datasheet
609Kb / 5P
   The Constituents of Semiconductor Components
Rev. 7, 07-Jan-03
logo
Rhombus Industries Inc.
T-831 RHOMBUS-IND-T-831 Datasheet
48Kb / 1P
   RHOMBUS INDUSTRIES INC.
logo
ATMEL Corporation
AT86RF535A ATMEL-AT86RF535A Datasheet
157Kb / 12P
   WiMax Transceiver 802.16-2004
logo
List of Unclassifed Man...
47550 ETC2-47550 Datasheet
38Kb / 1P
   Other Desco Industries Brands
logo
Xilinx, Inc
XC2C64 XILINX-XC2C64 Datasheet
95Kb / 12P
   Industries best 0.18 micron CMOS CPLD
logo
Sangdest Microelectroni...
SMP1005-01WTG SMC-SMP1005-01WTG Datasheet
280Kb / 5P
   Industries smallest ESD footprint available
logo
Cirrus Logic
CRD1500-90WLLC CIRRUS-CRD1500-90WLLC Datasheet
101Kb / 1P
   CS1500 90W, High-efficiency PFC w/ LLC Resonant Converter Reference Design
logo
Hynix Semiconductor
HL15604 HYNIX-HL15604 Datasheet
435Kb / 26P
   Hyundai Electronics Industries System IC Division
HL15703 HYNIX-HL15703 Datasheet
434Kb / 26P
   Hyundai Electronics Industries System IC Division
More results


Html Pages

1 2 3 4 5 6 7 8


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com