Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

MC14049UBF Arkusz danych(PDF) 1 Page - ON Semiconductor

Numer części MC14049UBF
Szczegółowy opis  W Semiconductor Components Industries, LLC, 2004
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  ONSEMI [ON Semiconductor]
Strona internetowa  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

MC14049UBF Arkusz danych(HTML) 1 Page - ON Semiconductor

  MC14049UBF Datasheet HTML 1Page - ON Semiconductor MC14049UBF Datasheet HTML 2Page - ON Semiconductor MC14049UBF Datasheet HTML 3Page - ON Semiconductor MC14049UBF Datasheet HTML 4Page - ON Semiconductor MC14049UBF Datasheet HTML 5Page - ON Semiconductor MC14049UBF Datasheet HTML 6Page - ON Semiconductor MC14049UBF Datasheet HTML 7Page - ON Semiconductor MC14049UBF Datasheet HTML 8Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
© Semiconductor Components Industries, LLC, 2004
December, 2004 − Rev. 6
1
Publication Order Number:
MC14049UB/D
MC14049UB
Hex Buffers
The MC14049UB hex inverter/buffer is constructed with MOS
P−channel and N−channel enhancement mode devices in a single
monolithic structure. This complementary MOS device finds primary
use where low power dissipation and/or high noise immunity is
desired. This device provides logic−level conversion using only one
supply voltage, VDD. The input−signal high level (VIH) can exceed the
VDD supply voltage for logic−level conversions. Two TTL/DTL
Loads can be driven when the device is used as CMOS−to−TTL/DTL
converters (VDD = 5.0 V, VOL
v 0.4 V, IOL ≥ 3.2 mA). Note that pins
13 and 16 are not connected internally on this device; consequently
connections to these terminals will not affect circuit operation.
Features
High Source and Sink Currents
High−to−Low Level Converter
Supply Voltage Range = 3.0 V to 18 V
Meets JEDEC UB Specifications
V
IN can exceed VDD
Improved ESD Protection on All Inputs
Pb−Free Packages are Available*
MAXIMUM RATINGS (Voltages Referenced to VSS)
Symbol
Parameter
Value
Unit
VDD
DC Supply Voltage Range
− 0.5 to +18.0
V
Vin
Input Voltage Range
(DC or Transient)
− 0.5 to +18.0
V
Vout
Output Voltage Range
(DC or Transient)
−0.5 to VDD
+0.5
V
Iin
Input Current
(DC or Transient) per Pin
±10
mA
Iout
Output Current
(DC or Transient) per Pin
+45
mA
PD
Power Dissipation, per Package (Note 1)
Plastic
SOIC
825
740
mW
TA
Ambient Temperature Range
− 55 to +125
°C
Tstg
Storage Temperature Range
− 65 to +150
°C
TL
Lead Temperature (8−Second Soldering)
260
°C
Maximum ratings are those values beyond which device damage can occur.
Maximum ratings applied to the device are individual stress limit values (not
normal operating conditions) and are not valid simultaneously. If these limits
are exceeded, device functional operation is not implied, damage may occur
and reliability may be affected.
1. Temperature Derating: All Packages: See Figure 4.
This device contains circuitry to protect the inputs against damage due to high
static voltages or electric fields referenced to the VSS pin, only. Extra precautions
must be taken to avoid applications of any voltage higher than the maximum rated
voltages to this high−impedance circuit. For proper operation, the ranges VSS v
Vin v 18 V and VSS v Vout v VDD are recommended.
Unused inputs must always be tied to an appropriate logic voltage level (e.g.,
either VSS or VDD). Unused outputs must be left open.
A
= Assembly Location
WL, L
= Wafer Lot
YY, Y
= Year
WW, W
= Work Week
MARKING
DIAGRAMS
1
16
PDIP−16
P SUFFIX
CASE 648
MC14049UBCP
AWLYYWW
SOIC−16
D SUFFIX
CASE 751B
1
16
14049U
AWLYWW
SOEIAJ−16
F SUFFIX
CASE 966
1
16
MC14049UB
ALYW
TSSOP−16
DT SUFFIX
CASE 948F
14
049U
ALYW
1
16
See detailed ordering and shipping information in the package
dimensions section on page 3 of this data sheet.
ORDERING INFORMATION
http://onsemi.com
*For additional information on our Pb−Free strategy
and soldering details, please download the
ON Semiconductor Soldering and Mounting
Techniques Reference Manual, SOLDERRM/D.


Podobny numer części - MC14049UBF

ProducentNumer częściArkusz danychSzczegółowy opis
logo
ON Semiconductor
MC14049UBF ONSEMI-MC14049UBF Datasheet
205Kb / 8P
   Hex Buffers
March, 2000 ??Rev. 3
MC14049UBFEL ONSEMI-MC14049UBFEL Datasheet
205Kb / 8P
   Hex Buffers
March, 2000 ??Rev. 3
MC14049UBFELG ONSEMI-MC14049UBFELG Datasheet
155Kb / 8P
   Hex Buffers
May, 2013 ??Rev. 8
MC14049UBFELG ONSEMI-MC14049UBFELG Datasheet
107Kb / 7P
   Hex Buffers
May, 2014 ??Rev. 9
MC14049UBFELG ONSEMI-MC14049UBFELG Datasheet
106Kb / 7P
   Hex Buffers
June, 2017 ??Rev. 10
More results

Podobny opis - MC14049UBF

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Omron Electronics LLC
AOTBA-01 OMRON-AOTBA-01 Datasheet
3Mb / 4P
   OMRON ELECTRONIC COMPONENTS LLC
logo
Vishay Siliconix
84063 VISHAY-84063 Datasheet
609Kb / 5P
   The Constituents of Semiconductor Components
Rev. 7, 07-Jan-03
logo
Rhombus Industries Inc.
T-831 RHOMBUS-IND-T-831 Datasheet
48Kb / 1P
   RHOMBUS INDUSTRIES INC.
logo
ATMEL Corporation
AT86RF535A ATMEL-AT86RF535A Datasheet
157Kb / 12P
   WiMax Transceiver 802.16-2004
logo
List of Unclassifed Man...
47550 ETC2-47550 Datasheet
38Kb / 1P
   Other Desco Industries Brands
logo
Xilinx, Inc
XC2C64 XILINX-XC2C64 Datasheet
95Kb / 12P
   Industries best 0.18 micron CMOS CPLD
logo
Sangdest Microelectroni...
SMP1005-01WTG SMC-SMP1005-01WTG Datasheet
280Kb / 5P
   Industries smallest ESD footprint available
logo
Cirrus Logic
CRD1500-90WLLC CIRRUS-CRD1500-90WLLC Datasheet
101Kb / 1P
   CS1500 90W, High-efficiency PFC w/ LLC Resonant Converter Reference Design
logo
Hynix Semiconductor
HL15604 HYNIX-HL15604 Datasheet
435Kb / 26P
   Hyundai Electronics Industries System IC Division
HL15703 HYNIX-HL15703 Datasheet
434Kb / 26P
   Hyundai Electronics Industries System IC Division
More results


Html Pages

1 2 3 4 5 6 7 8


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com