Zakładka z wyszukiwarką danych komponentów |
|
ADM6710EARJZ-REEL7 Arkusz danych(PDF) 8 Page - Analog Devices |
|
ADM6710EARJZ-REEL7 Arkusz danych(HTML) 8 Page - Analog Devices |
8 / 8 page ADM6710 Preliminary Technical Data Rev. PrB | Page 8 of 8 OUTLINE DIMENSIONS 1 3 4 5 2 6 2.90 BSC 1.60 BSC 2.80 BSC 1.90 BSC 0.95 BSC 0.22 0.08 10° 4° 0° 0.50 0.30 0.15 MAX 1.30 1.15 0.90 SEATING PLANE 1.45 MAX 0.60 0.45 0.30 PIN 1 INDICATOR COMPLIANT TO JEDEC STANDARDS MO-178-AB Figure 7. 6-Lead Small Outline Transistor Package [SOT-23] (RJ-6) Dimensions shown in millimeters ORDERING GUIDE Nominal Input Voltage Model IN1 IN2 IN3 IN4 Supply Tolerance (%) Temperature Range Package Description Package Option Branding ADM6710AARJZ-REEL71 5 3.3 2.5 Adj.2 10 −40°C to +85°C 6-Lead SOT-23 RJ-6 MA9 ADM6710BARJZ-REEL71 5 3.3 2.5 Adj.2 5 −40°C to +85°C 6-Lead SOT-23 RJ-6 MAH ADM6710CARJZ-REEL71 5 3.3 1.8 Adj.2 10 −40°C to +85°C 6-Lead SOT-23 RJ-6 MAJ ADM6710DARJZ-REEL71 5 3.3 1.8 Adj.2 5 −40°C to +85°C 6-Lead SOT-23 RJ-6 MAK ADM6710EARJZ-REEL71 Adj.2 3.3 2.5 1.8 10 −40°C to +85°C 6-Lead SOT-23 RJ-6 MAX ADM6710FARJZ-REEL71 Adj.2 3.3 2.5 1.8 5 −40°C to +85°C 6-Lead SOT-23 RJ-6 MA4 ADM6710GARJZ-REEL71 5 3.3 Adj.2 Adj.2 10 −40°C to +85°C 6-Lead SOT-23 RJ-6 MAL ADM6710HARJZ-REEL71 5 3.3 Adj.2 Adj.2 5 −40°C to +85°C 6-Lead SOT-23 RJ-6 MAM ADM6710IARJZ-REEL71 Adj.2 3.3 2.5 Adj.2 10 −40°C to +85°C 6-Lead SOT-23 RJ-6 MAN ADM6710JARJZ-REEL71 Adj.2 3.3 2.5 Adj.2 5 −40°C to +85°C 6-Lead SOT-23 RJ-6 MAP ADM6710KARJZ-REEL71 Adj.2 3.3 1.8 Adj.2 10 −40°C to +85°C 6-Lead SOT-23 RJ-6 MAQ ADM6710LARJZ-REEL71 Adj.2 3.3 1.8 Adj.2 5 −40°C to +85°C 6-Lead SOT-23 RJ-6 MAR ADM6710MARJZ-REEL71 Adj.2 3 2.5 Adj.2 10 −40°C to +85°C 6-Lead SOT-23 RJ-6 MAS ADM6710NARJZ-REEL71 Adj.2 3 2.5 Adj.2 5 −40°C to +85°C 6-Lead SOT-23 RJ-6 MAT ADM6710OARJZ-REEL71 Adj.2 3 1.8 Adj.2 10 −40°C to +85°C 6-Lead SOT-23 RJ-6 MAU ADM6710PARJZ-REEL71 Adj.2 3 1.8 Adj.2 5 −40°C to +85°C 6-Lead SOT-23 RJ-6 MAV ADM6710QARJZ-REEL71 Adj.2 VCC Adj.2 Adj.2 N/A −40°C to +85°C 6-Lead SOT-23 RJ-6 MAW 1 Z = RoHS Compliant Part. 2 Adjustable voltage based on 0.62 V internal threshold. The external threshold voltage can be set using an external resistor divider. ©2007 Analog Devices, Inc. All rights reserved. Trademarks and registered trademarks are the property of their respective owners. PR06626-0-3/07(PrB) |
Podobny numer części - ADM6710EARJZ-REEL7 |
|
Podobny opis - ADM6710EARJZ-REEL7 |