Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

MC14528B Arkusz danych(PDF) 5 Page - ON Semiconductor

Numer części MC14528B
Szczegółowy opis  Dual Monostable Multivibrator
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  ONSEMI [ON Semiconductor]
Strona internetowa  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

MC14528B Arkusz danych(HTML) 5 Page - ON Semiconductor

  MC14528B Datasheet HTML 1Page - ON Semiconductor MC14528B Datasheet HTML 2Page - ON Semiconductor MC14528B Datasheet HTML 3Page - ON Semiconductor MC14528B Datasheet HTML 4Page - ON Semiconductor MC14528B Datasheet HTML 5Page - ON Semiconductor MC14528B Datasheet HTML 6Page - ON Semiconductor MC14528B Datasheet HTML 7Page - ON Semiconductor MC14528B Datasheet HTML 8Page - ON Semiconductor MC14528B Datasheet HTML 9Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 5 / 9 page
background image
MC14528B
http://onsemi.com
5
ORDERING INFORMATION
Device
Package
Shipping
MC14528BCP
PDIP−16
25 Units / Rail
MC14528BCPG
PDIP−16
(Pb−Free)
MC14528BD
SOIC−16
48 Units / Rail
MC14528BDG
SOIC−16
(Pb−Free)
MC14528BDR2
SOIC−16
2500 / Tape & Reel
MC14528BDR2G
SOIC−16
(Pb−Free)
MC14528BF
SOEIAJ−16
50 Units / Rail
MC14528BFG
SOEIAJ−16
(Pb−Free)
MC14528BFEL
SOEIAJ−16
2000 / Tape & Reel
MC14528BFELG
SOEIAJ−16
(Pb−Free)
†For information on tape and reel specifications, including part orientation and tape sizes, please refer to our Tape and Reel Packaging
Specifications Brochure, BRD8011/D.
Figure 1. Output Source Current Test Circuit
Figure 2. Output Sink Current Test Circuit
VDD
VDD
OPEN
VSS
VSS
OPEN
VOL
RESET
A
B
Q
Q
16
8
16
8
IOL
RESET
A
B
Q
Q
IOH
VOH
Figure 3. Power Dissipation Test Circuit and Waveforms
VDD
DUTY CYCLE = 50%
CL
CL
CL
CL
ID
500 pF
VSS
Vin
20 ns
20 ns
VDD
0 V
Vin
90%
10%
0.1 mF
CERAMIC
RX
CX
RX
CX
A
B
RESET
A′
B′
RESET′
Q
Q
Q′
Q′


Podobny numer części - MC14528B

ProducentNumer częściArkusz danychSzczegółowy opis
logo
ON Semiconductor
MC14528B ONSEMI-MC14528B Datasheet
210Kb / 12P
   Dual Monostable Multivibrator
March, 2000 ??Rev. 3
MC14528B ONSEMI-MC14528B Datasheet
129Kb / 8P
   Dual Monostable Multivibrato
July, 2014 ??Rev. 9
MC14528BCP ONSEMI-MC14528BCP Datasheet
210Kb / 12P
   Dual Monostable Multivibrator
March, 2000 ??Rev. 3
MC14528BD ONSEMI-MC14528BD Datasheet
210Kb / 12P
   Dual Monostable Multivibrator
March, 2000 ??Rev. 3
MC14528BDG ONSEMI-MC14528BDG Datasheet
129Kb / 8P
   Dual Monostable Multivibrato
July, 2014 ??Rev. 9
More results

Podobny opis - MC14528B

ProducentNumer częściArkusz danychSzczegółowy opis
logo
National Semiconductor ...
CD4528BM NSC-CD4528BM Datasheet
171Kb / 8P
   Dual Monostable Multivibrator
logo
Integral Corp.
IN74HC221A INTEGRAL-IN74HC221A Datasheet
283Kb / 7P
   DUAL MONOSTABLE MULTIVIBRATOR
logo
NXP Semiconductors
HEF4528B PHILIPS-HEF4528B_15 Datasheet
180Kb / 17P
   Dual monostable multivibrator
Rev. 7-22 November 2011
logo
Nexperia B.V. All right...
HEF4528B-Q100 NEXPERIA-HEF4528B-Q100 Datasheet
203Kb / 15P
   Dual monostable multivibrator
HEF4528B NEXPERIA-HEF4528B Datasheet
237Kb / 13P
   Dual monostable multivibrator
Rev. 11 - 4 March 2022
logo
NXP Semiconductors
HEF4528B NXP-HEF4528B Datasheet
440Kb / 16P
   Dual monostable multivibrator
Rev. 06-27 November 2009
logo
Toshiba Semiconductor
TC74HC221AP TOSHIBA-TC74HC221AP_07 Datasheet
478Kb / 13P
   Dual Monostable Multivibrator
TC74VHC123AF TOSHIBA-TC74VHC123AF_07 Datasheet
318Kb / 15P
   Dual Monostable Multivibrator
logo
STMicroelectronics
HCF4098B STMICROELECTRONICS-HCF4098B_01 Datasheet
233Kb / 10P
   DUAL MONOSTABLE MULTIVIBRATOR
logo
IK Semicon Co., Ltd
IN74HC221A IKSEMICON-IN74HC221A Datasheet
398Kb / 7P
   Dual Monostable Multivibrator
logo
Toshiba Semiconductor
TC74VHC123AF TOSHIBA-TC74VHC123AF_12 Datasheet
287Kb / 14P
   Dual Monostable Multivibrator
More results


Html Pages

1 2 3 4 5 6 7 8 9


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com