Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

MC33030P Arkusz danych(PDF) 5 Page - ON Semiconductor

Numer części MC33030P
Szczegółowy opis  DC Servo Motor Controller/Driver
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  ONSEMI [ON Semiconductor]
Strona internetowa  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

MC33030P Arkusz danych(HTML) 5 Page - ON Semiconductor

  MC33030P Datasheet HTML 1Page - ON Semiconductor MC33030P Datasheet HTML 2Page - ON Semiconductor MC33030P Datasheet HTML 3Page - ON Semiconductor MC33030P Datasheet HTML 4Page - ON Semiconductor MC33030P Datasheet HTML 5Page - ON Semiconductor MC33030P Datasheet HTML 6Page - ON Semiconductor MC33030P Datasheet HTML 7Page - ON Semiconductor MC33030P Datasheet HTML 8Page - ON Semiconductor MC33030P Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 17 page
background image
MC33030
http://onsemi.com
5
VCC
DVIO = 20 mV
RL = 100 k
GND
25
3.0 k
100
1.0 k
300
VCC
30
0
1.0
− 2.0
2.0
− 1.0
0
IL, LOAD CURRENT (± mA)
100
50
75
0
− 25
TA, AMBIENT TEMPERATURE (°C)
− 55
0
400
800
− 800
− 400
Figure 1. Error Amp Input Common−Mode
Voltage Range versus Temperature
Figure 2. Error Amp Output Saturation
versus Load Current
0
VCC
0
255075
100
0
0
− 0.5
− 1.0
− 1.5
0.3
0.2
0.1
GND
− 25
TA, AMBIENT TEMPERATURE (°C)
125
Max. Pin 2 VICR so
that Pin 3 can change
state of drive outputs.
− 55
180
135
90
45
0
Figure 3. Open Loop Voltage Gain and
Phase versus Frequency
Phase
VCC = 14
Vout = 7.0 V
RL = 100 k
CL = 40 pF
TA = 25°C
Phase
Margin
= 63
°
1.0
10
100
10 k
100 k
1.0 M
1.0 k
f, FREQUENCY (Hz)
60
80
40
20
0
Gain
Figure 4. Window Detector Reference−Input
Common−Mode Voltage Range
versus Temperature
IL, LOAD CURRENT (± mA)
VCC = 14 V
Pin 2 = 7.00 V
6.85
V3
V2
TA, AMBIENT TEMPERATURE (°C)
6.95
6.90
7.10
7.05
7.00
7.15
0
25
50
75
100
0
− 1.0
1.0
0
VCC
Sink Saturation
RL = VCC
TA = 25°C
V1
− 55
− 25
125
GND
Figure 5. Window Detector Feedback−Input
Thresholds versus Temperature
0
200
400
600
800
Lower Hysteresis
Figure 6. Output Driver Saturation
versus Load Current
Source Saturation
RL to GND
TA = 25°C
Upper Hysteresis
V4
GND
Source Saturation
RL to GND
TA = 25°C
Sink Saturation
RL to VCC
TA = 25°C
125


Podobny numer części - MC33030P

ProducentNumer częściArkusz danychSzczegółowy opis
logo
ON Semiconductor
MC33030P ONSEMI-MC33030P Datasheet
322Kb / 16P
   DC SERVO MOTOR CONTROLLER/DRIVER
1996 REV 2
More results

Podobny opis - MC33030P

ProducentNumer częściArkusz danychSzczegółowy opis
logo
ON Semiconductor
MC33030 ONSEMI-MC33030 Datasheet
322Kb / 16P
   DC SERVO MOTOR CONTROLLER/DRIVER
1996 REV 2
logo
Toshiba Semiconductor
TB9056FNG TOSHIBA-TB9056FNG Datasheet
778Kb / 45P
   Automotive DC Servo Motor Driver
2017-08-09
logo
Infineon Technologies A...
TLE4209 INFINEON-TLE4209 Datasheet
93Kb / 12P
   DC Motor Driver for Servo Driver Applications
2000-09-05
TLE4209A INFINEON-TLE4209A_16 Datasheet
404Kb / 14P
   DC Motor Driver for Servo Driver Applications
Rev.1.2, 2016-07-25
TLE4209A INFINEON-TLE4209A Datasheet
329Kb / 14P
   DC Motor Driver for Servo Driver Applications
Rev.1.1, 2007-07-24
logo
IK Semicon Co., Ltd
IK8508 IKSEMICON-IK8508 Datasheet
723Kb / 12P
   DC Motor Driver for Servo Driver Applications
logo
Agamem Microelectronic ...
AA51880 AGAMEM-AA51880 Datasheet
387Kb / 10P
   SERVO MOTOR CONTROLLER
AA51882 AGAMEM-AA51882 Datasheet
239Kb / 8P
   SERVO MOTOR CONTROLLER
AA51883 AGAMEM-AA51883 Datasheet
110Kb / 7P
   SERVO MOTOR CONTROLLER
AA51890 AGAMEM-AA51890 Datasheet
233Kb / 7P
   SERVO MOTOR CONTROLLER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com