Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

MC33035 Arkusz danych(PDF) 8 Page - ON Semiconductor

Numer części MC33035
Szczegółowy opis  Brushless DC Motor Controller
Download  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  ONSEMI [ON Semiconductor]
Strona internetowa  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

MC33035 Arkusz danych(HTML) 8 Page - ON Semiconductor

Back Button MC33035 Datasheet HTML 4Page - ON Semiconductor MC33035 Datasheet HTML 5Page - ON Semiconductor MC33035 Datasheet HTML 6Page - ON Semiconductor MC33035 Datasheet HTML 7Page - ON Semiconductor MC33035 Datasheet HTML 8Page - ON Semiconductor MC33035 Datasheet HTML 9Page - ON Semiconductor MC33035 Datasheet HTML 10Page - ON Semiconductor MC33035 Datasheet HTML 11Page - ON Semiconductor MC33035 Datasheet HTML 12Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 28 page
background image
MC33035, NCV33035
http://onsemi.com
8
PIN FUNCTION DESCRIPTION
Pin
Symbol
Description
1, 2, 24
BT, AT, CT
These three open collector Top Drive outputs are designed to drive the external
upper power switch transistors.
3
Fwd/Rev
The Forward/Reverse Input is used to change the direction of motor rotation.
4, 5, 6
SA, SB, SC
These three Sensor Inputs control the commutation sequence.
7
Output Enable
A logic high at this input causes the motor to run, while a low causes it to coast.
8
Reference Output
This output provides charging current for the oscillator timing capacitor CT and a
reference for the error amplifier. It may also serve to furnish sensor power.
9
Current Sense Noninverting Input
A 100 mV signal, with respect to Pin 15, at this input terminates output switch
conduction during a given oscillator cycle. This pin normally connects to the top
side of the current sense resistor.
10
Oscillator
The Oscillator frequency is programmed by the values selected for the timing
components, RT and CT.
11
Error Amp Noninverting Input
This input is normally connected to the speed set potentiometer.
12
Error Amp Inverting Input
This input is normally connected to the Error Amp Output in open loop
applications.
13
Error Amp Out/PWM Input
This pin is available for compensation in closed loop applications.
14
Fault Output
This open collector output is active low during one or more of the following
conditions: Invalid Sensor Input code, Enable Input at logic 0, Current Sense
Input greater than 100 mV (Pin 9 with respect to Pin 15), Undervoltage Lockout
activation, and Thermal Shutdown.
15
Current Sense Inverting Input
Reference pin for internal 100 mV threshold. This pin is normally connected to
the bottom side of the current sense resistor.
16
Gnd
This pin supplies a ground for the control circuit and should be referenced back
to the power source ground.
17
VCC
This pin is the positive supply of the control IC. The controller is functional over a
minimum VCC range of 10 to 30 V.
18
VC
The high state (VOH) of the Bottom Drive Outputs is set by the voltage applied to
this pin. The controller is operational over a minimum VC range of 10 to 30 V.
19, 20, 21
CB, BB, AB
These three totem pole Bottom Drive Outputs are designed for direct drive of the
external bottom power switch transistors.
22
60
°/120° Select
The electrical state of this pin configures the control circuit operation for either
60
° (high state) or 120° (low state) sensor electrical phasing inputs.
23
Brake
A logic low state at this input allows the motor to run, while a high state does not
allow motor operation and if operating causes rapid deceleration.


Podobny numer części - MC33035

ProducentNumer częściArkusz danychSzczegółowy opis
logo
ON Semiconductor
MC33035 ONSEMI-MC33035 Datasheet
649Kb / 24P
   BRUSHLESS DC MOTOR CONTROLLER
April, 2004 ??Rev. 7
MC33035 ONSEMI-MC33035 Datasheet
430Kb / 28P
   Brushless DC Motor Controller
April, 2004 ??Rev. 7
logo
Tiger Electronic Co.,Lt...
MC33035CP TGS-MC33035CP Datasheet
566Kb / 16P
   TIGER ELECTRONIC CO
logo
ON Semiconductor
MC33035DW ONSEMI-MC33035DW Datasheet
649Kb / 24P
   BRUSHLESS DC MOTOR CONTROLLER
April, 2004 ??Rev. 7
MC33035DW ONSEMI-MC33035DW Datasheet
430Kb / 28P
   Brushless DC Motor Controller
April, 2004 ??Rev. 7
More results

Podobny opis - MC33035

ProducentNumer częściArkusz danychSzczegółowy opis
logo
ON Semiconductor
MC33033 ONSEMI-MC33033_07 Datasheet
413Kb / 27P
   Brushless DC Motor Controller
January, 2007 ??Rev. 9
MC33033 ONSEMI-MC33033 Datasheet
530Kb / 24P
   BRUSHLESS DC MOTOR CONTROLLER
1996 REV 3
logo
LSI Computer Systems
LS7560 LSI-LS7560 Datasheet
97Kb / 8P
   BRUSHLESS DC MOTOR CONTROLLER
logo
Texas Instruments
UCC2626DW TI1-UCC2626DW Datasheet
685Kb / 23P
[Old version datasheet]   BRUSHLESS DC MOTOR CONTROLLER
logo
Sensitron
UC1625L SENSITRON-UC1625L Datasheet
62Kb / 4P
   BRUSHLESS DC MOTOR CONTROLLER
logo
Integral Corp.
IL33035 INTEGRAL-IL33035 Datasheet
124Kb / 3P
   BRUSHLESS DC MOTOR CONTROLLER
logo
Texas Instruments
UC1625 TI-UC1625 Datasheet
313Kb / 15P
[Old version datasheet]   Brushless DC Motor Controller
UCC2626 TI-UCC2626 Datasheet
209Kb / 15P
[Old version datasheet]   Brushless DC Motor Controller
DRV8307 TI1-DRV8307_16 Datasheet
1,007Kb / 33P
[Old version datasheet]   Brushless DC Motor Controller
logo
FOSLINK SEMICONDUCTOR C...
FSP33035 FOSLINK-FSP33035 Datasheet
1Mb / 28P
   BRUSHLESS DC MOTOR CONTROLLER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com