Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

BY9318 Arkusz danych(PDF) 3 Page - NXP Semiconductors

Numer części BY9318
Szczegółowy opis  Fast high-voltage soft-recovery controlled avalanche rectifiers
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  PHILIPS [NXP Semiconductors]
Strona internetowa  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

BY9318 Arkusz danych(HTML) 3 Page - NXP Semiconductors

  BY9318 Datasheet HTML 1Page - NXP Semiconductors BY9318 Datasheet HTML 2Page - NXP Semiconductors BY9318 Datasheet HTML 3Page - NXP Semiconductors BY9318 Datasheet HTML 4Page - NXP Semiconductors BY9318 Datasheet HTML 5Page - NXP Semiconductors BY9318 Datasheet HTML 6Page - NXP Semiconductors BY9318 Datasheet HTML 7Page - NXP Semiconductors BY9318 Datasheet HTML 8Page - NXP Semiconductors BY9318 Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 12 page
background image
2000 Jan 10
3
Philips Semiconductors
Product specification
Fast high-voltage soft-recovery
controlled avalanche rectifiers
BY9300 series
LIMITING VALUES
In accordance with the Absolute Maximum Rating System (IEC 134).
SYMBOL
PARAMETER
CONDITIONS
MIN.
MAX.
UNIT
VRRM1
repetitive peak reverse voltage
BY9304
4kV
BY9306
6kV
BY9308
8kV
BY9310
10
kV
BY9312
12
kV
BY9314
14
kV
BY9316
16
kV
BY9318
18
kV
VRRM2
repetitive peak reverse voltage
max. 5 seconds
BY9304
5.6
kV
BY9306
8.4
kV
BY9308
11.2
kV
BY9310
14.0
kV
BY9312
16.8
kV
BY9314
19.6
kV
BY9316
22.4
kV
BY9318
25.2
kV
VRSM
non-repetitive peak reverse voltage
BY9304
5.6
kV
BY9306
8.4
kV
BY9308
11.2
kV
BY9310
14.0
kV
BY9312
16.8
kV
BY9314
19.6
kV
BY9316
22.4
kV
BY9318
25.2
kV
IFSM
non-repetitive peak forward current
t = 10 ms half sinewave;
Tj =Tj max prior to surge
0.5
A
IF(AV)
average forward current
averaged over any 20 ms period
BY9304
20
mA
BY9306
10
mA
BY9308
5mA
BY9310
5mA
BY9312
5mA
BY9314
5mA
BY9316
5mA
BY9318
5mA
IFRM
repetitive peak forward current
note 1
500
mA


Podobny numer części - BY9318

ProducentNumer częściArkusz danychSzczegółowy opis
logo
NXP Semiconductors
BY9200 PHILIPS-BY9200 Datasheet
108Kb / 12P
   Ultra fast high-voltage soft-recovery controlled avalanche rectifier
1998 Dec 04
BY9206 PHILIPS-BY9206 Datasheet
108Kb / 12P
   Ultra fast high-voltage soft-recovery controlled avalanche rectifier
1998 Dec 04
BY9208 PHILIPS-BY9208 Datasheet
108Kb / 12P
   Ultra fast high-voltage soft-recovery controlled avalanche rectifier
1998 Dec 04
BY9210 PHILIPS-BY9210 Datasheet
108Kb / 12P
   Ultra fast high-voltage soft-recovery controlled avalanche rectifier
1998 Dec 04
BY9212 PHILIPS-BY9212 Datasheet
108Kb / 12P
   Ultra fast high-voltage soft-recovery controlled avalanche rectifier
1998 Dec 04
More results

Podobny opis - BY9318

ProducentNumer częściArkusz danychSzczegółowy opis
logo
NXP Semiconductors
BY9400 PHILIPS-BY9400 Datasheet
67Kb / 8P
   Fast high-voltage soft-recovery controlled avalanche rectifiers
2000 Jan 10
BY8000 PHILIPS-BY8000 Datasheet
55Kb / 10P
   Fast high-voltage soft-recovery controlled avalanche rectifiers
1996 May 24
BY8100 PHILIPS-BY8100 Datasheet
54Kb / 10P
   Very fast high-voltage soft-recovery controlled avalanche rectifiers
1996 May 24
BY8200 PHILIPS-BY8200 Datasheet
87Kb / 12P
   Ultra fast high-voltage soft-recovery controlled avalanche rectifiers
1998 Jul 16
BYV36 PHILIPS-BYV36 Datasheet
78Kb / 14P
   Fast soft-recovery controlled avalanche rectifiers
1996 Jul 01
BYW95 PHILIPS-BYW95 Datasheet
54Kb / 8P
   Fast soft-recovery controlled avalanche rectifiers
1996 Jun 07
BYD31 PHILIPS-BYD31 Datasheet
59Kb / 9P
   Fast soft-recovery controlled avalanche rectifiers
1996 Sep 18
BYD37 PHILIPS-BYD37 Datasheet
65Kb / 12P
   Fast soft-recovery controlled avalanche rectifiers
1999 Nov 16
BYD52 PHILIPS-BYD52 Datasheet
51Kb / 8P
   Fast soft-recovery controlled avalanche rectifiers
1998 Dec 03
BYV96 PHILIPS-BYV96 Datasheet
54Kb / 8P
   Fast soft-recovery controlled avalanche rectifiers
1996 Jun 07
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com