Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

MC33023 Arkusz danych(PDF) 5 Page - ON Semiconductor

Numer części MC33023
Szczegółowy opis  High Speed Single?묮nded PWM Controller
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  ONSEMI [ON Semiconductor]
Strona internetowa  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

MC33023 Arkusz danych(HTML) 5 Page - ON Semiconductor

  MC33023 Datasheet HTML 1Page - ON Semiconductor MC33023 Datasheet HTML 2Page - ON Semiconductor MC33023 Datasheet HTML 3Page - ON Semiconductor MC33023 Datasheet HTML 4Page - ON Semiconductor MC33023 Datasheet HTML 5Page - ON Semiconductor MC33023 Datasheet HTML 6Page - ON Semiconductor MC33023 Datasheet HTML 7Page - ON Semiconductor MC33023 Datasheet HTML 8Page - ON Semiconductor MC33023 Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 18 page
background image
MC34023, MC33023
http://onsemi.com
5
1.0 MHz
400 kHz
50 kHz
Gain
Phase
2
4
6
8
9
−55
−25
0
25
50
75
10 k
Figure 2. Timing Resistor versus
Oscillator Frequency
104
105
106
107
fosc, OSCILLATOR FREQUENCY (Hz)
Figure 3. Oscillator Frequency
versus Temperature
TA, AMBIENT TEMPERATURE (°C)
Figure 4. Error Amp Open Loop Gain and
Phase versus Frequency
10
100
1.0 k
10 k
100 k
1.0 M
10 M
f, FREQUENCY (Hz)
Figure 5. PWM Comparator Zero Duty Cycle
Threshold Voltage versus Temperature
−55
−25
0
25
50
75
100
TA, AMBIENT TEMPERATURE (°C)
Figure 6. Error Amp Small Signal
Transient Response
Figure 7. Error Amp Large Signal
Transient Response
125
0
45
90
135
0.1
ms/DIV
0.1
ms/DIV
VCC = 15 V
TA = + 25°C
CT =
1. 100 nF
2. 47 nF
3. 22 nF
4. 10 nF
5. 4.7 nF
6. 2.2 nF
7. 1.0 nF
8. 470 pF
9. 220 pF
100
1000
100 k
1
3
5
7
100
125
VCC = 15 V
Pin 7(9) = 0 V
VCC = 15 V
RT = 3.6 k
CT = 1.0 nF
RT = 1.2 k
CT = 1.0 nF
RT = 36 k
CT = 1.0 nF
1200
1000
800
600
400
200
0
1.30
1.28
1.26
1.24
1.22
1.20
1.0 k
470
120
100
80
60
40
20
0
−20
2.55 V
2.5 V
2.45 V
3.0 V
2.5 V
2.0 V


Podobny numer części - MC33023

ProducentNumer częściArkusz danychSzczegółowy opis
logo
ON Semiconductor
MC33023 ONSEMI-MC33023 Datasheet
3Mb / 4P
   AC-DC Offline Switching Controllers/Regulators
Rev.0, Jun-2005
MC33023DW ONSEMI-MC33023DW Datasheet
470Kb / 19P
   High Speed Single-Ended PWM Controller
Rev 2
MC33023P ONSEMI-MC33023P Datasheet
470Kb / 19P
   High Speed Single-Ended PWM Controller
Rev 2
More results

Podobny opis - MC33023

ProducentNumer częściArkusz danychSzczegółowy opis
logo
ON Semiconductor
MC34025 ONSEMI-MC34025_05 Datasheet
473Kb / 20P
   High Speed Double?묮nded PWM Controller
October, 2005 ??Rev. 7
MC34023 ONSEMI-MC34023 Datasheet
470Kb / 19P
   High Speed Single-Ended PWM Controller
Rev 2
logo
Texas Instruments
UC1823AJ883B TI-UC1823AJ883B Datasheet
456Kb / 9P
[Old version datasheet]   High Speed PWM Controller
UC3823N TI-UC3823N Datasheet
2Mb / 13P
[Old version datasheet]   HIGH SPEED PWM CONTROLLER
UC3824DW TI1-UC3824DW Datasheet
704Kb / 14P
[Old version datasheet]   HIGH SPEED PWM CONTROLLER
UCC3829-1 TI1-UCC3829-1 Datasheet
196Kb / 11P
[Old version datasheet]   High Speed PWM Controller
UC1823 TI-UC1823 Datasheet
409Kb / 7P
[Old version datasheet]   High Speed PWM Controller
UC1823A TI-UC1823A Datasheet
303Kb / 15P
[Old version datasheet]   High Speed PWM Controller
UC3825B TI-UC3825B Datasheet
316Kb / 9P
[Old version datasheet]   High Speed PWM Controller
UC1825 TI-UC1825 Datasheet
914Kb / 17P
[Old version datasheet]   High Speed PWM Controller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com