Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

74AC245PC Arkusz danych(PDF) 5 Page - Fairchild Semiconductor

Numer części 74AC245PC
Szczegółowy opis  Octal Bidirectional Transceiver with 3-STATE Inputs/Outputs
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  FAIRCHILD [Fairchild Semiconductor]
Strona internetowa  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

74AC245PC Arkusz danych(HTML) 5 Page - Fairchild Semiconductor

  74AC245PC Datasheet HTML 1Page - Fairchild Semiconductor 74AC245PC Datasheet HTML 2Page - Fairchild Semiconductor 74AC245PC Datasheet HTML 3Page - Fairchild Semiconductor 74AC245PC Datasheet HTML 4Page - Fairchild Semiconductor 74AC245PC Datasheet HTML 5Page - Fairchild Semiconductor 74AC245PC Datasheet HTML 6Page - Fairchild Semiconductor 74AC245PC Datasheet HTML 7Page - Fairchild Semiconductor 74AC245PC Datasheet HTML 8Page - Fairchild Semiconductor 74AC245PC Datasheet HTML 9Page - Fairchild Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 10 page
background image
5
www.fairchildsemi.com
AC Electrical Characteristics for ACT
Note 9: Voltage Range 5.0 is 5.0V
r 0.5V
Capacitance
VCC
TA 25qCTA 40qC to 85qC
Symbol
Parameter
(V)
CL 50 pF
CL 50 pF
Units
(Note 9)
Min
Typ
Max
Min
Max
tPLH
Propagation Delay
5.0
1.5
4.0
7.5
1.5
8.0
ns
An to Bn or Bn to An
tPHL
Propagation Delay
5.0
1.5
4.0
8.0
1.0
9.0
ns
An to Bn or Bn to An
tPZH
Output Enable Time
5.0
1.5
5.0
10.0
1.5
11.0
ns
tPZL
Output Enable Time
5.0
1.5
5.5
10.0
1.5
12.0
ns
tPHZ
Output Disable Time
5.0
1.5
5.5
10.0
1.0
11.0
ns
tPLZ
Output Disable Time
5.0
2.0
5.0
10.0
1.5
11.0
ns
Symbol
Parameter
Typ
Units
Conditions
CIN
Input Capacitance
4.5
pF
VCC OPEN
CI/O
Input/Output Capacitance
15.0
pF
VCC 5.0V
CPD
Power Dissipation Capacitance
45.0
pF
VCC 5.0V


Podobny numer części - 74AC245PC

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Fairchild Semiconductor
74AC245PC FAIRCHILD-74AC245PC Datasheet
101Kb / 10P
   Octal Bidirectional Transceiver with 3-STATE Inputs/Outputs
74AC245PC FAIRCHILD-74AC245PC Datasheet
415Kb / 12P
   Octal Bidirectional Transceiver with 3-STATE Inputs/Outputs
logo
ON Semiconductor
74AC245PC ONSEMI-74AC245PC Datasheet
406Kb / 14P
   Octal Bidirectional Transceiver
January 2008 Rev. 1.5.0
More results

Podobny opis - 74AC245PC

ProducentNumer częściArkusz danychSzczegółowy opis
logo
NXP Semiconductors
74F545 PHILIPS-74F545 Datasheet
84Kb / 10P
   Octal bidirectional transceiver with 3-State inputs/outputs
1990 Mar 01
logo
Fairchild Semiconductor
74AC245SCX FAIRCHILD-74AC245SCX Datasheet
415Kb / 12P
   Octal Bidirectional Transceiver with 3-STATE Inputs/Outputs
logo
Motorola, Inc
MC54F245 MOTOROLA-MC54F245 Datasheet
38Kb / 2P
   OCTAL BIDIRECTIONAL TRANSCEIVER WITH 3-STATE INPUTS/OUTPUTS
logo
Fairchild Semiconductor
74AC245 FAIRCHILD-74AC245_10 Datasheet
415Kb / 12P
   Octal Bidirectional Transceiver with 3-STATE Inputs/Outputs
logo
ON Semiconductor
MC74AC245 ONSEMI-MC74AC245_15 Datasheet
99Kb / 8P
   Octal Bidirectional Transceiver with 3-State Inputs/Outputs
February, 2015 ??Rev. 8
MC74AC245 ONSEMI-MC74AC245 Datasheet
102Kb / 12P
   OCTAL BIDIRECTIONAL TRANSCEIVER WITH 3-STATE INPUTS/OUTPUTS
May, 2001 ??Rev. 5
logo
Fairchild Semiconductor
74AC245 FAIRCHILD-74AC245 Datasheet
101Kb / 10P
   Octal Bidirectional Transceiver with 3-STATE Inputs/Outputs
logo
Motorola, Inc
MC74F1245 MOTOROLA-MC74F1245 Datasheet
96Kb / 3P
   OCTAL BIDIRECTIONAL TRANSCEIVER WITH 3-STATE INPUTS/OUTPUTS
logo
AVG Semiconductors(HITE...
DV74ACT245 AVG-DV74ACT245 Datasheet
327Kb / 5P
   Octal bidirectional Transceiver with 3-State Inputs/Outputs
logo
Fairchild Semiconductor
74LVT245 FAIRCHILD-74LVT245 Datasheet
83Kb / 8P
   Low Voltage Octal Bidirectional Transceiver with 3-STATE Inputs/Outputs
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com