Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

NBSG14BA Arkusz danych(PDF) 9 Page - ON Semiconductor

Numer części NBSG14BA
Szczegółowy opis  2.5V/3.3V SiGe Differential 1:4 Clock/Data Driver with RSECL Outputs
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  ONSEMI [ON Semiconductor]
Strona internetowa  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NBSG14BA Arkusz danych(HTML) 9 Page - ON Semiconductor

Back Button NBSG14BA Datasheet HTML 5Page - ON Semiconductor NBSG14BA Datasheet HTML 6Page - ON Semiconductor NBSG14BA Datasheet HTML 7Page - ON Semiconductor NBSG14BA Datasheet HTML 8Page - ON Semiconductor NBSG14BA Datasheet HTML 9Page - ON Semiconductor NBSG14BA Datasheet HTML 10Page - ON Semiconductor NBSG14BA Datasheet HTML 11Page - ON Semiconductor NBSG14BA Datasheet HTML 12Page - ON Semiconductor NBSG14BA Datasheet HTML 13Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 9 / 13 page
background image
NBSG14
http://onsemi.com
9
Table 9. AC CHARACTERISTICS for QFN−16
VCC = 0 V; VEE = −3.465 V to −2.375 V or VCC = 2.375 V to 3.465 V; VEE = 0 V
Symbol
Characteristic
−40
°C
25
°C
85
°C
Unit
Min
Typ
Max
Min
Typ
Max
Min
Typ
Max
fmax
Maximum Frequency
(See Figure 4) (Note 29)
10.5
12
10.5
12
10.5
12
GHz
tPLH,
tPHL
Propagation Delay to
Output Differential
90
125
160
90
125
160
90
125
160
ps
tSKEW
Duty Cycle Skew (Note 30)
Within−Device Skew (Note 31)
Device−to−Device Skew (Note 32)
3
6
25
15
15
50
3
6
25
15
15
50
3
6
25
15
15
50
ps
tJITTER
RMS Random Clock Jitter
(Figure 4) (Note 34)
fin < 10 GHz
Peak−to−Peak Data Dependent Jitter
(Note 35)
fin < 10 Gb/s
0.2
1
0.2
10
1
0.2
1
ps
VINPP
Input Voltage Swing/Sensitivity
(Differential Configuration) (Note 33)
75
2600
75
2600
75
2600
mV
tr
tf
Output Rise/Fall Times
Q, Q
(20% − 80%) @ 1 GHz
15
30
55
20
30
55
20
30
55
ps
NOTE: Device will meet the specifications after thermal equilibrium has been established when mounted in a test socket or printed circuit
board with maintained transverse airflow greater than 500 lfpm. Electrical parameters are guaranteed only over the declared
operating temperature range. Functional operation of the device exceeding these conditions is not implied. Device specification limit
values are applied individually under normal operating conditions and not valid simultaneously.
29. Measured using a 500 mV source, 50% duty cycle clock source. All outputs loaded with 50
W to VCC − 2.0 V. Input edge rates 40 ps
(20% − 80%)
30. See Figure 6. tSKEW = |tPLH − tPHL| for a nominal 50% Differential Clock Input Waveform.
31. Within−Device skew is measured between outputs under identical transitions and conditions on any one device.
32. Device−to−device skew for identical transitions at identical VCC levels.
33. VINPP (MAX) cannot exceed VCC − VEE (applicable only when VCC−VEE < 2600 mV).
34. Additive RMS Jitter with 50% duty cycle clock signal at 10 GHz.
35. Additive Peak−to−Peak data dependent jitter with NRZ PRBS 231−1 data at 10 Gb/s.


Podobny numer części - NBSG14BA

ProducentNumer częściArkusz danychSzczegółowy opis
logo
ON Semiconductor
NBSG14BA ONSEMI-NBSG14BA Datasheet
354Kb / 12P
   2.5V/3.3V SiGe Differential 1:4 Clock/Data Driver with RSECL Outputs
August, 2003 ??Rev. 7
NBSG14BAEVB ONSEMI-NBSG14BAEVB Datasheet
354Kb / 12P
   2.5V/3.3V SiGe Differential 1:4 Clock/Data Driver with RSECL Outputs
August, 2003 ??Rev. 7
NBSG14BAR2 ONSEMI-NBSG14BAR2 Datasheet
354Kb / 12P
   2.5V/3.3V SiGe Differential 1:4 Clock/Data Driver with RSECL Outputs
August, 2003 ??Rev. 7
More results

Podobny opis - NBSG14BA

ProducentNumer częściArkusz danychSzczegółowy opis
logo
ON Semiconductor
NBSG14 ONSEMI-NBSG14 Datasheet
354Kb / 12P
   2.5V/3.3V SiGe Differential 1:4 Clock/Data Driver with RSECL Outputs
August, 2003 ??Rev. 7
NBSG111 ONSEMI-NBSG111 Datasheet
174Kb / 11P
   2.5V/3.3V SiGe Differential 1:10 Clock/Data Driver with RSECL Outputs
January, 2007 ??Rev. 8
NBSG11 ONSEMI-NBSG11 Datasheet
81Kb / 10P
   2.5V/3.3V SiGe 1:2 Differential Clock Driver with RSECL* Outputs
April, 2003 - Rev. 6
NBSG11 ONSEMI-NBSG11_06 Datasheet
117Kb / 12P
   2.5V/3.3V SiGe 1:2 Differential Clock Driver with RSECL Outputs
July, 2006 ??Rev. 8
NBSG16 ONSEMI-NBSG16 Datasheet
138Kb / 12P
   2.5V/3.3V SiGe Differential Receiver/Driver with RSECL Outputs
July, 2006 ??Rev. 14
NBSG14 ONSEMI-NBSG14_14 Datasheet
397Kb / 12P
   SiGe Differential 1:4 Clock/Data Driver
June, 2014 ??Rev. 17
NBSG16BA ONSEMI-NBSG16BA Datasheet
104Kb / 10P
   2.5V/3.3V SiGe Differential Receiver/Driver with RSECLOutputs
May, 2003 - Rev. 12
NB7VQ58M ONSEMI-NB7VQ58M Datasheet
1Mb / 9P
   1.8V / 2.5V / 3.3V Differential 2:1 Clock/Data Multiplexer / Translator with CML Outputs
August, 2009 ??Rev. 0
NB7L111M ONSEMI-NB7L111M Datasheet
256Kb / 13P
   2.5V / 3.3V, 6.125Gb/s 1:10 Differential Clock/Data Driver with CML Output
January, 2006 ??Rev. 1
NB7L14M ONSEMI-NB7L14M Datasheet
230Kb / 11P
   2.5V/3.3VDifferential 1:4 Clock/Data Fanout Buffer/Translator with CML Outputs and Internal Termination
January, 2006 ??Rev. 1
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com