Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

NBSG111 Arkusz danych(PDF) 8 Page - ON Semiconductor

Numer części NBSG111
Szczegółowy opis  2.5V/3.3V SiGe Differential 1:10 Clock/Data Driver with RSECL Outputs
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  ONSEMI [ON Semiconductor]
Strona internetowa  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NBSG111 Arkusz danych(HTML) 8 Page - ON Semiconductor

Back Button NBSG111 Datasheet HTML 3Page - ON Semiconductor NBSG111 Datasheet HTML 4Page - ON Semiconductor NBSG111 Datasheet HTML 5Page - ON Semiconductor NBSG111 Datasheet HTML 6Page - ON Semiconductor NBSG111 Datasheet HTML 7Page - ON Semiconductor NBSG111 Datasheet HTML 8Page - ON Semiconductor NBSG111 Datasheet HTML 9Page - ON Semiconductor NBSG111 Datasheet HTML 10Page - ON Semiconductor NBSG111 Datasheet HTML 11Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 8 / 11 page
background image
NBSG111
http://onsemi.com
8
Table 8. DC CHARACTERISTICS, NECL OR RSNECL INPUT WITH NECL OUTPUT
VCC = 0 V; VEE = −3.465 V to −2.375 V (Note 12)
Symbol
Characteristic
−40°C
25°C
70°C
Unit
Min
Typ
Max
Min
Typ
Max
Min
Typ
Max
IEE
Negative Power Supply Current
70
85
110
70
85
110
70
85
110
mA
VOH
Output HIGH Voltage (Note 13)
−1135
−980
−885
−1090
−970
−840
−1065
−940
−815
mV
VOUTPP Output Voltage Amplitude
305
420
545
305
420
545
305
420
545
mV
VIH
Input HIGH Voltage
(Single−Ended) (Notes 15 and 16)
VTHR
+ 75
VCC
1000*
VCC
VTHR
+ 75
VCC
1000*
VCC
VTHR
+ 75
VCC
1000*
VCC
mV
VIL
Input LOW Voltage
(Single−Ended) (Notes 15 and 17)
VIH
2500
VCC
1400*
VTHR
− 75
VIH
2500
VCC
1400*
VTHR
− 75
VIH
2500
VCC
1400*
VTHR
− 75
mV
VBB
NECL Output Voltage Reference
−1475 −1400 −1235 −1475
−1400 −1235 −1475 −1400 −1235
mV
VIHCMR
Input HIGH Voltage Common Mode
Range (Differential Configuration)
(Note 14)
VEE+1.2
0.0
VEE+1.2
0.0
VEE+1.2
0.0
V
VMM
LVCMOS Output Voltage Reference
(@ − 2.5 VEE)
(@ − 3.3 VEE)
−1450
−1850
−1250
−1650
−1050
−1450
−1450
−1850
−1250
−1650
−1050
−1450
−1450
−1850
−1250
−1650
−1050
−1450
mV
RTIN
Internal Input Termination Resistor
45
50
55
45
50
55
45
50
55
W
IIH
Input HIGH Current (@ VIH)
30
100
30
100
30
100
mA
IIL
Input LOW Current (@ VIL)
25
100
25
100
25
100
mA
NOTE: Device will meet the specifications after thermal equilibrium has been established when mounted in a test socket or printed circuit
board with maintained transverse airflow greater than 500 lfpm. Electrical parameters are guaranteed only over the declared
operating temperature range. Functional operation of the device exceeding these conditions is not implied. Device specification limit
values are applied individually under normal operating conditions and not valid simultaneously.
12.Input and output parameters vary 1:1 with VCC.
13.All outputs loaded with 50 W to VCC − 1.5 V. VOH/VOL measured at VIH/VIL (Typical).
14.VIHCMR min varies 1:1 with VEE, VIHCMR max varies 1:1 with VCC. The VIHCMR range is referenced to the most positive side of the differential
input signal.
15.VTHR is the voltage applied to the complementary input, typically VBB or VMM. VTHR(MIN) = VIHCMR + 75 mV. VTHR(MAX) = VIHCMR − 75 mV.
16.VIH cannot exceed VCC.
17.VIL always w VEE.
*Typicals used for testing purposes.


Podobny numer części - NBSG111

ProducentNumer częściArkusz danychSzczegółowy opis
logo
ON Semiconductor
NBSG111BA ONSEMI-NBSG111BA Datasheet
355Kb / 12P
   Evaluation Board Manual for NBSG111
October, 2003 ??Rev. 0
NBSG111BAEVB ONSEMI-NBSG111BAEVB Datasheet
355Kb / 12P
   Evaluation Board Manual for NBSG111
October, 2003 ??Rev. 0
More results

Podobny opis - NBSG111

ProducentNumer częściArkusz danychSzczegółowy opis
logo
ON Semiconductor
NBSG14 ONSEMI-NBSG14 Datasheet
354Kb / 12P
   2.5V/3.3V SiGe Differential 1:4 Clock/Data Driver with RSECL Outputs
August, 2003 ??Rev. 7
NBSG14 ONSEMI-NBSG14_06 Datasheet
390Kb / 13P
   2.5V/3.3V SiGe Differential 1:4 Clock/Data Driver with RSECL Outputs
July, 2006 ??Rev. 9
NBSG11 ONSEMI-NBSG11 Datasheet
81Kb / 10P
   2.5V/3.3V SiGe 1:2 Differential Clock Driver with RSECL* Outputs
April, 2003 - Rev. 6
NBSG11 ONSEMI-NBSG11_06 Datasheet
117Kb / 12P
   2.5V/3.3V SiGe 1:2 Differential Clock Driver with RSECL Outputs
July, 2006 ??Rev. 8
NBSG16 ONSEMI-NBSG16 Datasheet
138Kb / 12P
   2.5V/3.3V SiGe Differential Receiver/Driver with RSECL Outputs
July, 2006 ??Rev. 14
NB7L111M ONSEMI-NB7L111M Datasheet
256Kb / 13P
   2.5V / 3.3V, 6.125Gb/s 1:10 Differential Clock/Data Driver with CML Output
January, 2006 ??Rev. 1
NBSG14 ONSEMI-NBSG14_14 Datasheet
397Kb / 12P
   SiGe Differential 1:4 Clock/Data Driver
June, 2014 ??Rev. 17
NBSG16BA ONSEMI-NBSG16BA Datasheet
104Kb / 10P
   2.5V/3.3V SiGe Differential Receiver/Driver with RSECLOutputs
May, 2003 - Rev. 12
logo
Micrel Semiconductor
SY100EP111U MICREL-SY100EP111U_11 Datasheet
104Kb / 9P
   2.5V/3.3V 1:10 DIFFERENTIAL LVPECL/LVECL/HSTL CLOCK DRIVER
logo
ON Semiconductor
MC100LVEP111 ONSEMI-MC100LVEP111_06 Datasheet
155Kb / 10P
   2.5V / 3.3V 1:10 Differential ECL/PECL/HSTL Clock Driver
November, 2006 ??Rev. 13
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com