Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

NBSG72AMNR2 Arkusz danych(PDF) 8 Page - ON Semiconductor

Numer części NBSG72AMNR2
Szczegółowy opis  2.5V/3.3V SiGe Differential 2 x 2 Crosspoint Switch with Output Level Select
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  ONSEMI [ON Semiconductor]
Strona internetowa  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NBSG72AMNR2 Arkusz danych(HTML) 8 Page - ON Semiconductor

Back Button NBSG72AMNR2 Datasheet HTML 4Page - ON Semiconductor NBSG72AMNR2 Datasheet HTML 5Page - ON Semiconductor NBSG72AMNR2 Datasheet HTML 6Page - ON Semiconductor NBSG72AMNR2 Datasheet HTML 7Page - ON Semiconductor NBSG72AMNR2 Datasheet HTML 8Page - ON Semiconductor NBSG72AMNR2 Datasheet HTML 9Page - ON Semiconductor NBSG72AMNR2 Datasheet HTML 10Page - ON Semiconductor NBSG72AMNR2 Datasheet HTML 11Page - ON Semiconductor NBSG72AMNR2 Datasheet HTML 12Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 14 page
background image
NBSG72A
http://onsemi.com
8
Table 10. AC CHARACTERISTICS VCC = 0 V; VEE = −3.465 V to −2.375 V or VCC = 2.375 V to 3.465 V; VEE = 0 V (Note 18)
Symbol
Characteristic
−40°C
25°C
85°C
Unit
Min
Typ
Max
Min
Typ
Max
Min
Typ
Max
VOUTPP Output Voltage Amplitude
fin < 5 GHz
(Note 18)
fin v 7 GHz
400
200
590
250
450
180
590
250
440
130
590
250
mV
tPLH
Propagation Delay to Output Differential
D0, D1 → Q0, Q1
SELA, SELB → Q0, Q1
170
190
205
265
255
350
170
190
205
265
255
350
170
190
210
265
260
350
ps
tPHL
Propagation Delay to Output Differential
D0, D1 → Q0, Q1
SELA, SELB → Q0, Q1
170
150
205
215
255
270
170
150
205
215
255
270
170
150
210
215
260
270
ps
tSKEW
Duty Cycle Skew (Note 19)
Within−Device Skew
Device−to−Device Skew
5.0
5.0
15
25
25
50
5.0
5.0
15
25
25
50
5.0
5.0
15
25
25
50
ps
tJITTER
RMS Random Clock Jitter (Note 20)
v 1 GHz
OLS = VCC
v 5 GHz
OLS = VCC
v 6.5 GHz
OLS = VCC
v 1 GHz
OLS = VCC − 400 mV
v 5 GHz
OLS = VCC − 400 mV
v 6.5 GHz
OLS = VCC − 400 mV
v 1 GHz
OLS = VCC − 800 mV
v 5 GHz
OLS = VCC − 800 mV
v 6.5 GHz
OLS = VCC − 800 mV
v 1 GHz
OLS = VEE
v 5 GHz
OLS = VEE
v 6.5 GHz
OLS = VEE
Peak−to−Peak Data Dependent Jitter
(Note 21)
fin v 7 Gb/s
0.16
0.14
0.21
0.23
0.18
0.2
0.17
0.14
0.2
0.18
0.16
0.18
12
0.3
0.4
0.5
0.4
0.5
0.5
0.3
0.4
0.5
0.3
0.6
0.5
18
0.17
0.16
0.31
0.23
0.19
0.25
0.18
0.16
0.27
0.19
0.17
0.24
12
0.3
0.4
0.7
0.4
0.5
0.6
0.3
0.3
0.7
0.3
0.4
0.6
18
0.18
0.19
0.44
0.25
0.23
0.32
0.19
0.2
0.38
0.2
0.2
0.34
12
0.4
0.4
0.9
0.4
0.5
0.7
0.3
0.3
0.9
0.3
0.4
0.8
18
ps
VINPP
Input Voltage Swing/Sensitivity
(Differential Configuration) (Note 22)
75
2600
75
2600
75
2600
mV
tr
tf
Output Rise/Fall Times
(Q0, Q1)
(20% − 80%)
tr
@ 1 GHz
tf
40
30
55
45
70
55
40
30
55
45
70
55
40
30
55
45
70
55
ps
NOTE: Device will meet the specifications after thermal equilibrium has been established when mounted in a test socket or printed circuit
board with maintained transverse airflow greater than 500 lfpm. Electrical parameters are guaranteed only over the declared
operating temperature range. Functional operation of the device exceeding these conditions is not implied. Device specification limit
values are applied individually under normal operating conditions and not valid simultaneously.
18.Measured using a 75 mV source, 50% duty cycle clock source. All loading with 50 W to VCC − 2.0 V. OLS = FLOAT. Input edge rates 40 ps
(20% − 80%).
19.tSKEW = |tPLH − tPHL| for a nominal 50% differential clock input waveform.
20.Additive RMS jitter with 50% Duty Cycle clock signal.
21.Additive Peak−to−Peak data dependent jitter with NRZ PRBS 231−1 data at 7 Gb/s.
22.Input Voltage Swing is a single−ended measurement operating in differential mode. VINPP (max) cannot exceed VCC − VEE.


Podobny numer części - NBSG72AMNR2

ProducentNumer częściArkusz danychSzczegółowy opis
logo
ON Semiconductor
NBSG72AMNR2 ONSEMI-NBSG72AMNR2 Datasheet
140Kb / 16P
   2.5V/3.3V SiGe Differential 2 X 2 Crosspoint Switch with Output Level Select
October, 2004 ??Rev. 2
NBSG72AMNR2G ONSEMI-NBSG72AMNR2G Datasheet
658Kb / 16P
   2.5 V/3.3 V SiGe Differential 2 x 2 Crosspoint Switch with Output Level Selec
June, 2014 ??Rev. 8
More results

Podobny opis - NBSG72AMNR2

ProducentNumer częściArkusz danychSzczegółowy opis
logo
ON Semiconductor
NBSG72A ONSEMI-NBSG72A Datasheet
140Kb / 16P
   2.5V/3.3V SiGe Differential 2 X 2 Crosspoint Switch with Output Level Select
October, 2004 ??Rev. 2
NBSG72AMNEVB ONSEMI-NBSG72AMNEVB Datasheet
658Kb / 16P
   2.5 V/3.3 V SiGe Differential 2 x 2 Crosspoint Switch with Output Level Select
June, 2014 ??Rev. 8
NB6L72 ONSEMI-NB6L72_09 Datasheet
140Kb / 11P
   2.5V / 3.3V Differential 2 X 2 Crosspoint Switch with LVPECL Outputs
April, 2008 - Rev. 4
NB6L72M ONSEMI-NB6L72M Datasheet
149Kb / 10P
   2.5V / 3.3V Differential 2 X 2 Crosspoint Switch with CML Outputs
December, 2006 ??Rev. 0
NB6L72M ONSEMI-NB6L72M_07 Datasheet
149Kb / 10P
   2.5V / 3.3V Differential 2 X 2 Crosspoint Switch with CML Outputs
January, 2007 ??Rev. 1
NBSG86A ONSEMI-NBSG86A_06 Datasheet
143Kb / 14P
   2.5V/3.3V SiGe Differential Smart Gate with Output Level Select
July, 2006 ??Rev. 10
NB6L72 ONSEMI-NB6L72 Datasheet
149Kb / 10P
   2.5V / 3.3V Differential 2 X 2 Crosspoint Switch with LVPECL Outputs
December, 2006 ??Rev. 0
NBSG86ABA ONSEMI-NBSG86ABA Datasheet
113Kb / 14P
   2.5V/3.3V SiGe Differential Smart Gate with Output Level Select
May, 2004 ??Rev. 8
NBSG86A ONSEMI-NBSG86A_14 Datasheet
137Kb / 17P
   2.5V/3.3V SiGe Differential Smart Gate with Output Level Select
June, 2014 ??Rev. 19
NBSG72AMN ONSEMI-NBSG72AMN_14 Datasheet
658Kb / 16P
   2.5 V/3.3 V SiGe Differential 2 x 2 Crosspoint Switch with Output Level Selec
June, 2014 ??Rev. 8
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com