Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

BYM26G Arkusz danych(PDF) 4 Page - NXP Semiconductors

Numer części BYM26G
Szczegółowy opis  Fast soft-recovery controlled avalanche rectifiers
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  PHILIPS [NXP Semiconductors]
Strona internetowa  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

BYM26G Arkusz danych(HTML) 4 Page - NXP Semiconductors

  BYM26G Datasheet HTML 1Page - NXP Semiconductors BYM26G Datasheet HTML 2Page - NXP Semiconductors BYM26G Datasheet HTML 3Page - NXP Semiconductors BYM26G Datasheet HTML 4Page - NXP Semiconductors BYM26G Datasheet HTML 5Page - NXP Semiconductors BYM26G Datasheet HTML 6Page - NXP Semiconductors BYM26G Datasheet HTML 7Page - NXP Semiconductors BYM26G Datasheet HTML 8Page - NXP Semiconductors BYM26G Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 12 page
background image
1996 May 24
4
Philips Semiconductors
Product specification
Fast soft-recovery
controlled avalanche rectifiers
BYM26 series
THERMAL CHARACTERISTICS
Note
1. Device mounted on an epoxy-glass printed-circuit board, 1.5 mm thick; thickness of Cu-layer
≥40 µm, see Fig.19.
For more information please refer to the
“General Part of associated Handbook”.
Cd
diode capacitance
f = 1 MHz; VR =0V;
see Figs 17 and 18
BYM26A to C
85
pF
BYM26D and E
75
pF
BYM26F and G
65
pF
maximum slope of reverse recovery
current
when switched from
IF = 1 A to VR ≥ 30 V and
dIF/dt = −1A/µs;
see Fig.21
BYM26A to C
−−
7A/
µs
BYM26D and E
−−
6A/
µs
BYM26F and G
−−
5A/
µs
SYMBOL
PARAMETER
CONDITIONS
VALUE
UNIT
Rth j-tp
thermal resistance from junction to tie-point
lead length = 10 mm
25
K/W
Rth j-a
thermal resistance from junction to ambient
note 1
75
K/W
SYMBOL
PARAMETER
CONDITIONS
MIN.
TYP.
MAX.
UNIT
dI
R
dt
--------


Podobny numer części - BYM26G

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Gulf Semiconductor
BYM26G GULFSEMI-BYM26G Datasheet
72Kb / 2P
   SINTERED GLASS JUNCTION FAST AVALANCHE RECTIFIER VOLTAGE: 1400V CURRENT: 2.3A
More results

Podobny opis - BYM26G

ProducentNumer częściArkusz danychSzczegółowy opis
logo
NXP Semiconductors
BYV36 PHILIPS-BYV36 Datasheet
78Kb / 14P
   Fast soft-recovery controlled avalanche rectifiers
1996 Jul 01
BYW95 PHILIPS-BYW95 Datasheet
54Kb / 8P
   Fast soft-recovery controlled avalanche rectifiers
1996 Jun 07
BYD31 PHILIPS-BYD31 Datasheet
59Kb / 9P
   Fast soft-recovery controlled avalanche rectifiers
1996 Sep 18
BYD37 PHILIPS-BYD37 Datasheet
65Kb / 12P
   Fast soft-recovery controlled avalanche rectifiers
1999 Nov 16
BYD52 PHILIPS-BYD52 Datasheet
51Kb / 8P
   Fast soft-recovery controlled avalanche rectifiers
1998 Dec 03
BYV96 PHILIPS-BYV96 Datasheet
54Kb / 8P
   Fast soft-recovery controlled avalanche rectifiers
1996 Jun 07
BYD33 PHILIPS-BYD33 Datasheet
65Kb / 12P
   Fast soft-recovery controlled avalanche rectifiers
1996 Sep 18
logo
New Jersey Semi-Conduct...
BYW95 NJSEMI-BYW95 Datasheet
141Kb / 2P
   Fast soft-recovery controlled avalanche rectifiers
logo
NXP Semiconductors
BYD53 PHILIPS-BYD53 Datasheet
81Kb / 12P
   Fast soft-recovery controlled avalanche rectifiers
1998 Dec 04
BYM36 PHILIPS-BYM36 Datasheet
78Kb / 14P
   Fast soft-recovery controlled avalanche rectifiers
1996 Sep 18
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com