Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

AD8367 Arkusz danych(PDF) 9 Page - Analog Devices

Numer części AD8367
Szczegółowy opis  500 MHz, Linear-in-dB VGA with AGC Detector
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  AD [Analog Devices]
Strona internetowa  http://www.analog.com
Logo AD - Analog Devices

AD8367 Arkusz danych(HTML) 9 Page - Analog Devices

Back Button AD8367_05 Datasheet HTML 5Page - Analog Devices AD8367_05 Datasheet HTML 6Page - Analog Devices AD8367_05 Datasheet HTML 7Page - Analog Devices AD8367_05 Datasheet HTML 8Page - Analog Devices AD8367_05 Datasheet HTML 9Page - Analog Devices AD8367_05 Datasheet HTML 10Page - Analog Devices AD8367_05 Datasheet HTML 11Page - Analog Devices AD8367_05 Datasheet HTML 12Page - Analog Devices AD8367_05 Datasheet HTML 13Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 24 page
background image
AD8367
Rev. A | Page 9 of 24
250
0
50
100
150
200
0
–120
–95
–73
–47
–25
0
500
400
300
200
100
FREQUENCY (MHz)
Figure 15. Input Resistance and Series Reactance vs. Frequency
at VGAIN = 500 mV
0
180
30
330
60
90
270
300
120
240
150
210
300mV
500mV
700mV
Figure 16. Input Reflection Coefficient vs.
Frequency from 10 MHz to 500 MHz for Multiple Values of VGAIN
70
40
45
50
55
60
65
20
15
–10
–5
0
5
10
0
500
400
300
200
100
FREQUENCY (MHz)
Figure 17. Output Resistance and Series Reactance vs.
Frequency at VGAIN = 500 mV
0
180
30
330
60
90
270
300
120
240
150
210
300mV
500mV
700mV
Figure 18. Output Reflection Coefficient vs. Frequency from
10 MHz to 500 MHz for Multiple Values of VGAIN
0.5
–0.3
–0.2
–0.1
0
0.1
0.2
0.3
0.4
TIME (200ns/DIV)
VGAIN
VOUT
Figure 19. AGA Time Domain Response (3 dB Steps)
25
0
5
10
15
20
0.1
100k
10k
1k
100
10
1
FREQUENCY (kHz)
100pF
1nF
NO CAP
10pF
10nF
Figure 20. Gain vs. Frequency for Multiple Values of
HPFL Capacitor at VGAIN = 500 mV


Podobny numer części - AD8367_05

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Analog Devices
AD8367-EVAL AD-AD8367-EVAL Datasheet
607Kb / 16P
   500 MHz, Linear-in-dB VGA with AGC Detector
REV. 0
AD8367ARU AD-AD8367ARU Datasheet
607Kb / 16P
   500 MHz, Linear-in-dB VGA with AGC Detector
REV. 0
AD8367ARU-REEL AD-AD8367ARU-REEL Datasheet
607Kb / 16P
   500 MHz, Linear-in-dB VGA with AGC Detector
REV. 0
AD8367ARU-REEL-7 AD-AD8367ARU-REEL-7 Datasheet
607Kb / 16P
   500 MHz, Linear-in-dB VGA with AGC Detector
REV. 0
AD8367ARUZ AD-AD8367ARUZ Datasheet
492Kb / 24P
   500 MHz, Linear-in-dB VGA with AGC Detector
REV. A
More results

Podobny opis - AD8367_05

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Analog Devices
AD8367 AD-AD8367 Datasheet
607Kb / 16P
   500 MHz, Linear-in-dB VGA with AGC Detector
REV. 0
AD8367 AD-AD8367_15 Datasheet
492Kb / 24P
   500 MHz, Linear-in-dB VGA with AGC Detector
REV. A
AD8368 AD-AD8368_15 Datasheet
859Kb / 20P
   800 MHz, Linear-in-dB VGA with AGC Detector
REV. B
AD8368 AD-AD8368 Datasheet
471Kb / 20P
   800 MHz, Linear-in-dB VGA with AGC Detector
REV. 0
AD8368 AD-AD8368_07 Datasheet
511Kb / 20P
   800 MHz, Linear-in-dB VGA with AGC Detector
REV. A
AD8386 AD-AD8386_17 Datasheet
742Kb / 20P
   Linear-in-dB VGA with AGC Detector
ADL6337 AD-ADL6337 Datasheet
1Mb / 41P
   35 dB Gain, 500 MHz to 5200 MHz Transmit VGA
Rev. B
ADL6012 AD-ADL6012 Datasheet
268Kb / 7P
   500 MHz BW Envelope Detector
logo
Linear Technology
LTC5596 LINER-LTC5596 Datasheet
2Mb / 22P
   100MHz to 40GHz Linear-in-dB RMS Power Detector with 35dB Dynamic Range
logo
Analog Devices
LTC5597 AD-LTC5597 Datasheet
2Mb / 22P
   100MHz to 70GHz Linear-in-dB RMS Power Detector with 35dB Dynamic Range
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com