Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

AD8370AREZ-RL7 Arkusz danych(PDF) 6 Page - Analog Devices

Numer części AD8370AREZ-RL7
Szczegółowy opis  LF to 750 MHz, Digitally Controlled VGA
Download  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  AD [Analog Devices]
Strona internetowa  http://www.analog.com
Logo AD - Analog Devices

AD8370AREZ-RL7 Arkusz danych(HTML) 6 Page - Analog Devices

Back Button AD8370AREZ-RL7 Datasheet HTML 2Page - Analog Devices AD8370AREZ-RL7 Datasheet HTML 3Page - Analog Devices AD8370AREZ-RL7 Datasheet HTML 4Page - Analog Devices AD8370AREZ-RL7 Datasheet HTML 5Page - Analog Devices AD8370AREZ-RL7 Datasheet HTML 6Page - Analog Devices AD8370AREZ-RL7 Datasheet HTML 7Page - Analog Devices AD8370AREZ-RL7 Datasheet HTML 8Page - Analog Devices AD8370AREZ-RL7 Datasheet HTML 9Page - Analog Devices AD8370AREZ-RL7 Datasheet HTML 10Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 28 page
background image
AD8370
Rev. A | Page 6 of 28
PIN CONFIGURATION AND FUNCTION DESCRIPTIONS
6
7
8
11
10
9
AD8370
TOP VIEW
(Not to Scale)
2
3
4
5
15
14
116
13
12
INHI
ICOM
VCCI
PWUP
VOCM
VCCO
OCOM
OPHI
OPLO
OCOM
VCCO
LTCH
CLCK
DATA
ICOM
INLO
Figure 3.16-Lead TSSOP
Table 3. Pin Function Descriptions
Pin No.
Mnemonic
Description
1
INHI
Balanced Differential Input. Internally biased.
2, 15, PADDLE
ICOM
Input Common. Connect to a low impedance ground. This node is also connected to the exposed pad
on the bottom of the device.
3
VCCI
Input Positive Supply. 3.0 V to 5.5 V. Should be properly bypassed.
4
PWUP
Power Enable Pin. Device is operational when PWUP is pulled high.
5
VOCM
Common-Mode Output Voltage Pin. The midsupply ((VVCCO − VOCOM)/2) common-mode voltage is delivered
to this pin for external bypassing for additional common-mode supply decoupling. This can be achieved
with a bypass capacitor to ground. This pin is an output only and is not to be driven externally.
6, 11
VCCO
Output Positive Supply. 3.0 V to 5.5 V. Should be properly bypassed.
7, 10
OCOM
Output Common. Connect to a low impedance ground.
8
OPHI
Balanced Differential Output. Biased to midsupply.
9
OPLO
Balanced Differential Output. Biased to midsupply.
12
LTCH
Serial Data Latch Pin. Serial data is clocked into the shift register via the DATA pin when LTCH is low. Data
in shift register is latched on the next high-going edge.
13
CLCK
Serial Clock Input Pin.
14
DATA
Serial Data Input Pin.
16
INLO
Balanced Differential Input. Internally biased.


Podobny numer części - AD8370AREZ-RL7

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Analog Devices
AD8370AREZ-RL7 AD-AD8370AREZ-RL7 Datasheet
774Kb / 28P
   LF to 750 MHz, Digitally Controlled VGA
REV. B
More results

Podobny opis - AD8370AREZ-RL7

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Analog Devices
AD8370 AD-AD8370_15 Datasheet
774Kb / 28P
   LF to 750 MHz, Digitally Controlled VGA
REV. B
AD8370-EVALZ AD-AD8370-EVALZ Datasheet
774Kb / 28P
   LF to 750 MHz, Digitally Controlled VGA
REV. B
AD8370ARE AD-AD8370ARE Datasheet
1Mb / 28P
   LF to 750 MHz Digitally Controlled VGA
REV. 0
AD8369 AD-AD8369 Datasheet
968Kb / 24P
   45 dB Digitally Controlled VGA LF to 600 MHz
REV. 0
AD8369 AD-AD8369_15 Datasheet
809Kb / 24P
   45 dB Digitally Controlled VGA LF to 600 MHz
REV. 0
AD8369ARUZ AD-AD8369ARUZ Datasheet
809Kb / 24P
   45 dB Digitally Controlled VGA LF to 600 MHz
REV. 0
ADL5243 AD-ADL5243 Datasheet
1Mb / 32P
   100 MHz to 4000 MHz RF/IF Digitally Controlled VGA
REV. A
ADL5240 AD-ADL5240_13 Datasheet
1Mb / 28P
   100 MHz to 4000 MHz RF/IF Digitally Controlled VGA
ADL5240 AD-ADL5240 Datasheet
1Mb / 24P
   100 MHz to 4000 MHz RF/IF Digitally Controlled VGA
REV. 0
AD8369 AD-AD8369_17 Datasheet
856Kb / 24P
   45 dB Digitally Controlled VGA
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com