Zakładka z wyszukiwarką danych komponentów |
|
AD9631AN Arkusz danych(PDF) 2 Page - Analog Devices |
|
AD9631AN Arkusz danych(HTML) 2 Page - Analog Devices |
2 / 20 page REV. C –2– AD9631/AD9632–SPECIFICATIONS AD9631A AD9632A Parameter Conditions Min Typ Max Min Typ Max Unit DYNAMIC PERFORMANCE Bandwidth (–3 dB) Small Signal VOUT 0.4 V p-p 220 320 180 250 MHz Large Signal 1 VOUT = 4 V p-p 150 175 155 180 MHz Bandwidth for 0.1 dB Flatness VOUT = 300 mV p-p AD9631, RF = 140 W; 130 130 MHz AD9632, RF = 425 W Slew Rate, Average ± VOUT = 4 V Step 1000 1300 1200 1500 V/ ms Rise/Fall Time VOUT = 0.5 V Step 1.2 1.4 ns VOUT = 4 V Step 2.5 2.1 ns Settling Time To 0.1% VOUT = 2 V Step 11 11 ns To 0.01% VOUT = 2 V Step 16 16 ns HARMONIC/NOISE PERFORMANCE Second Harmonic Distortion 2 V p-p; 20 MHz, RL = 100 W –64 –57 –54 –47 dBc RL = 500 W –72 –65 –72 –65 dBc Third Harmonic Distortion 2 V p-p; 20 MHz, RL = 100 W –76 –69 –74 –67 dBc RL = 500 W –81 –74 –81 –74 dBc Third Order Intercept 25 MHz 46 41 dBm Noise Figure RS = 50 W 18 14 dB Input Voltage Noise 1 MHz to 200 MHz 7.0 4.3 nV/ ÷Hz Input Current Noise 1 MHz to 200 MHz 2.5 2.0 pA/ ÷Hz Average Equivalent Integrated Input Noise Voltage 0.1 MHz to 200 MHz 100 60 mV rms Differential Gain Error (3.58 MHz) RL = 150 W 0.03 0.06 0.02 0.04 % Differential Phase Error (3.58 MHz) RL = 150 W 0.02 0.04 0.02 0.04 Degree Phase Nonlinearity DC to 100 MHz 1.1 1.1 Degree DC PERFORMANCE 2 , RL = 150 W Input Offset Voltage 3 310 2 5 mV TMIN–TMAX 13 8 mV Offset Voltage Drift ±10 ±10 mV/ C Input Bias Current 2 7 2 7 mA TMIN–TMAX 10 10 mA Input Offset Current 0.1 3 0.1 3 mA TMIN–TMAX 55 mA Common-Mode Rejection Ratio VCM = ±2.5 V 70 90 70 90 dB Open-Loop Gain VOUT = ±2.5 V 46 52 46 52 dB TMIN–TMAX 40 40 dB INPUT CHARACTERISTICS Input Resistance 500 500 k W Input Capacitance 1.2 1.2 pF Input Common-Mode Voltage Range ±3.4 ±3.4 V OUTPUT CHARACTERISTICS Output Voltage Range, RL = 150 W±3.2 ±3.9 ±3.2 ±3.9 V Output Current 70 70 mA Output Resistance 0.3 0.3 W Short Circuit Current 240 240 mA POWER SUPPLY Operating Range ±3.0 ±5.0 ±6.0 ±3.0 ±5.0 ±6.0 V Quiescent Current 17 18 16 17 mA TMIN–TMAX 21 20 mA Power Supply Rejection Ratio TMIN–TMAX 50 60 56 66 dB NOTES 1See Absolute Maximum Ratings and Theory of Operation sections of this data sheet. 2Measured at A V = 50. 3Measured with respect to the inverting input. Specifications subject to change without notice. ELECTRICAL CHARACTERISTICS ( VS = 5 V; RLOAD = 100 ; AV= 1 (AD9631); AV = 2 (AD9632), unless otherwise noted.) |
Podobny numer części - AD9631AN |
|
Podobny opis - AD9631AN |