Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

AD629BN Arkusz danych(PDF) 3 Page - Analog Devices

Numer części AD629BN
Szczegółowy opis  High Common-Mode Voltage, Difference Amplifier
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  AD [Analog Devices]
Strona internetowa  http://www.analog.com
Logo AD - Analog Devices

AD629BN Arkusz danych(HTML) 3 Page - Analog Devices

  AD629BN Datasheet HTML 1Page - Analog Devices AD629BN Datasheet HTML 2Page - Analog Devices AD629BN Datasheet HTML 3Page - Analog Devices AD629BN Datasheet HTML 4Page - Analog Devices AD629BN Datasheet HTML 5Page - Analog Devices AD629BN Datasheet HTML 6Page - Analog Devices AD629BN Datasheet HTML 7Page - Analog Devices AD629BN Datasheet HTML 8Page - Analog Devices AD629BN Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 16 page
background image
AD629
Rev. B | Page 3 of 16
SPECIFICATIONS
TA = 25°C, VS = ±15 V, unless otherwise noted.
Table 1.
AD629A
AD629B
Parameter
Condition
Min
Typ
Max
Min
Typ
Max
Unit
GAIN
VOUT = ±10 V, RL = 2 kΩ
Nominal Gain
1
1
V/V
Gain Error
0.01
0.05
0.01
0.03
%
Gain Nonlinearity
4
10
4
10
ppm
RL = 10 kΩ
1
1
3
ppm
Gain vs. Temperature
TA = TMIN to TMAX
3
10
3
10
ppm/°C
OFFSET VOLTAGE
Offset Voltage
0.2
1
0.1
0.5
mV
VS = ±5 V
1
mV
vs. Temperature
TA = TMIN to TMAX
6
20
3
10
μV/°C
vs. Supply (PSRR)
VS = ±5 V to ± 15 V
84
100
90
110
dB
INPUT
Common-Mode Rejection Ratio
VCM = ±250 V dc
77
88
86
96
dB
TA = TMIN to TMAX
73
82
dB
VCM = 500 V p-p, dc to 500 Hz
77
86
dB
VCM = 500 V p-p, dc to 1 kHz
88
90
dB
Operating Voltage Range
Common mode
±270
±270
V
Differential
±13
±13
V
Input Operating Impedance
Common mode
200
200
Differential
800
800
OUTPUT
Operating Voltage Range
RL = 10 kΩ
±13
±13
V
RL = 2 kΩ
±12.5
±12.5
V
VS = ±12 V, RL = 2 kΩ
±10
±10
V
Output Short-Circuit Current
±25
±25
mA
Capacitive Load
Stable operation
1000
1000
pF
DYNAMIC RESPONSE
Small Signal –3 dB Bandwidth
500
500
kHz
Slew Rate
1.7
2.1
1.7
2.1
V/μs
Full Power Bandwidth
VOUT = 20 V p-p
28
28
kHz
Settling Time
0.01%, VOUT = 10 V step
15
15
μs
0.1%, VOUT = 10 V step
12
12
μs
0.01%, VCM = 10 V step, VDIFF = 0 V
5
5
μs
OUTPUT NOISE VOLTAGE
0.01 Hz to 10 Hz
15
15
μV p-p
Spectral Density, ≥100 Hz1
550
550
nV/√Hz
POWER SUPPLY
Operating Voltage Range
±2.5
±18
±2.5
±18
V
Quiescent Current
VOUT = 0 V
0.9
1
0.9
1
mA
TMIN to TMAX
1.2
1.2
mA
TEMPERATURE RANGE
For Specified Performance
TA = TMIN to TMAX
−40
+85
−40
+85
°C
1 See Figure 19.


Podobny numer części - AD629BN

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Analog Devices
AD629BN AD-AD629BN Datasheet
302Kb / 12P
   High Common-Mode Voltage Difference Amplifier
REV. A
More results

Podobny opis - AD629BN

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Analog Devices
AD629 AD-AD629 Datasheet
302Kb / 12P
   High Common-Mode Voltage Difference Amplifier
REV. A
logo
Burr-Brown (TI)
INA117 BURR-BROWN-INA117 Datasheet
192Kb / 14P
   High Common-Mode Voltage DIFFERENCE AMPLIFIER
logo
Texas Instruments
INA117KUG4 TI1-INA117KUG4 Datasheet
312Kb / 17P
[Old version datasheet]   High Common-Mode Voltage DIFFERENCE AMPLIFIER
logo
Analog Devices
AD629 AD-AD629_15 Datasheet
410Kb / 16P
   High Common-Mode Voltage, Difference Amplifier
REV. C
logo
Texas Instruments
INA149 TI-INA149 Datasheet
1Mb / 24P
[Old version datasheet]   High Common-Mode Voltage Difference Amplifier
INA149-EP TI1-INA149-EP Datasheet
1Mb / 26P
[Old version datasheet]   HIGH COMMON-MODE VOLTAGE DIFFERENCE AMPLIFIER
logo
Analog Devices
LT6376 AD-LT6376 Datasheet
613Kb / 30P
   Common Mode Voltage Difference Amplifier
logo
Burr-Brown (TI)
INA148 BURR-BROWN-INA148 Datasheet
123Kb / 12P
   짹200V Common-Mode Voltage DIFFERENCE AMPLIFIER
logo
Linear Technology
LT6375 LINER-LT6375 Datasheet
1Mb / 32P
   270V Common Mode Voltage Difference Amplifier
logo
Texas Instruments
INA148 TI1-INA148 Datasheet
326Kb / 16P
[Old version datasheet]   200V Common-Mode Voltage DIFFERENCE AMPLIFIER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com