Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

AD829JR-REEL7 Arkusz danych(PDF) 7 Page - Analog Devices

Numer części AD829JR-REEL7
Szczegółowy opis  High Speed, Low Noise Video Op Amp
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  AD [Analog Devices]
Strona internetowa  http://www.analog.com
Logo AD - Analog Devices

AD829JR-REEL7 Arkusz danych(HTML) 7 Page - Analog Devices

Back Button AD829JR-REEL7 Datasheet HTML 3Page - Analog Devices AD829JR-REEL7 Datasheet HTML 4Page - Analog Devices AD829JR-REEL7 Datasheet HTML 5Page - Analog Devices AD829JR-REEL7 Datasheet HTML 6Page - Analog Devices AD829JR-REEL7 Datasheet HTML 7Page - Analog Devices AD829JR-REEL7 Datasheet HTML 8Page - Analog Devices AD829JR-REEL7 Datasheet HTML 9Page - Analog Devices AD829JR-REEL7 Datasheet HTML 10Page - Analog Devices AD829JR-REEL7 Datasheet HTML 11Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 16 page
background image
REV. G
AD829
–7–
120
100
80
60
40
20
0
100
1k
10k
100k
1M
10M
100M
100
80
40
–20
0
FREQUENCY (Hz)
20
GAIN
15V
SUPPLIES
1k
LOAD
GAIN
5V
SUPPLIES
500
LOAD
PHASE
CCOMP = 0pF
60
TPC 10. Open-Loop Gain and
Phase Margin vs. Frequency
120
100
80
60
40
1k
10k
100k
1M
10M
100M
FREQUENCY (Hz)
20
CCOMP = 0pF
TPC 13. Common-Mode
Rejection Ratio vs. Frequency
100
300
1k
3k
10k
30k
100k
–110
FREQUENCY (Hz)
–105
–100
–95
–90
–85
–80
–75
–70
RL = 500
RL = 2k
VIN = 3V RMS
AV = –1
CCOMP = 30pF
CLOAD = 100pF
TPC 16. Total Harmonic
Distortion (THD) vs. Frequency
105
100
95
90
85
80
75
10
100
1k
10k
LOAD RESISTANCE ( )
VS = 5V
VS = 15V
TPC 11. Open-Loop Gain vs.
Resistive Load
30
25
20
15
10
5
0
10
100
INPUT FREQUENCY (MHz)
1
VS = ±15V
RL = 1k
AV = +20
CCOMP = 0pF
VS = ±5V
RL = 500
AV = +20
CCOMP = 0pF
TPC 14. Large Signal Frequency
Response
SECOND HARMONIC
–20
–30
–40
–50
–60
–70
VIN = 2.24V RMS
AV = –1
RL = 250
CLOAD = 0
CCOMP = 30pF
0
500k
1.0M
1.5M
2.0M
FREQUENCY (Hz)
THIRD HARMONIC
TPC 17. Second and Third
Harmonic Distortion vs.
Frequency
120
100
80
60
40
1k
10k
100k
1M
10M
100M
FREQUENCY (Hz)
20
SUPPLY
+
SUPPLY
CCOMP = 0pF
TPC 12. Power Supply Rejection
Ratio (PSRR) vs. Frequency
10
8
6
4
2
0
020
40
60
80
100 120
160
1%
1%
140
2
4
6
8
0.1%
ERROR
AV = –19
CCOMP = 0pF
–10
SETTLING TIME (ns)
0.1%
TPC 15. Output Swing and Error vs.
Settling Time
5
4
3
2
1
0
10
100
1k
10k
100k
FREQUENCY (Hz)
1M
10M
TPC 18. Input Voltage Noise
Spectral Density


Podobny numer części - AD829JR-REEL7

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Analog Devices
AD829JR-REEL7 AD-AD829JR-REEL7 Datasheet
321Kb / 12P
   High-Speed, Low-Noise Video Op Amp
REV. E
AD829JR-REEL7 AD-AD829JR-REEL7 Datasheet
385Kb / 20P
   High Speed, Low Noise Video Op Amp
Rev. I
AD829JR-REEL7 AD-AD829JR-REEL7 Datasheet
394Kb / 21P
   High Speed, Low Noise Video Op Amp
More results

Podobny opis - AD829JR-REEL7

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Analog Devices
AD829JNZ AD-AD829JNZ Datasheet
379Kb / 20P
   High Speed, Low Noise Video Op Amp
Rev. I
AD829 AD-AD829 Datasheet
321Kb / 12P
   High-Speed, Low-Noise Video Op Amp
REV. E
AD829 AD-AD829_15 Datasheet
379Kb / 20P
   High Speed, Low Noise Video Op Amp
Rev. I
AD829 AD-AD829_17 Datasheet
394Kb / 21P
   High Speed, Low Noise Video Op Amp
AD829 AD-AD829_11 Datasheet
385Kb / 20P
   High Speed, Low Noise Video Op Amp
Rev. I
AD8022 AD-AD8022_05 Datasheet
370Kb / 16P
   Dual High Speed, Low Noise Op Amp
REV. B
logo
Linear Technology
LT1007 LINER-LT1007_09 Datasheet
75Kb / 2P
   Low Noise, High Speed Precision Op Amp
logo
Analog Devices
AD8022 AD-AD8022_15 Datasheet
527Kb / 17P
   Dual High Speed, Low Noise Op Amp
REV. C
logo
Linear Technology
RH37C LINER-RH37C_15 Datasheet
106Kb / 2P
   Low Noise, High Speed Precision Op Amp
OP227EN LINER-OP227EN Datasheet
2Mb / 12P
   Dual Matched Low Noise Precision Op Amp and Dual High Speed Low Noise Prescision Op Amp
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com