Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

BYQ63 Arkusz danych(PDF) 6 Page - NXP Semiconductors

Numer części BYQ63
Szczegółowy opis  Ripple blocking diode
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  PHILIPS [NXP Semiconductors]
Strona internetowa  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

BYQ63 Arkusz danych(HTML) 6 Page - NXP Semiconductors

  BYQ63 Datasheet HTML 1Page - NXP Semiconductors BYQ63 Datasheet HTML 2Page - NXP Semiconductors BYQ63 Datasheet HTML 3Page - NXP Semiconductors BYQ63 Datasheet HTML 4Page - NXP Semiconductors BYQ63 Datasheet HTML 5Page - NXP Semiconductors BYQ63 Datasheet HTML 6Page - NXP Semiconductors BYQ63 Datasheet HTML 7Page - NXP Semiconductors BYQ63 Datasheet HTML 8Page - NXP Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 6 / 8 page
background image
1998 Dec 04
6
Philips Semiconductors
Product specification
Ripple blocking diode
BYQ63
Fig.10 Test circuit and turn-on time waveform and definition.
Input impedance oscilloscope: 1 M
Ω, 22 pF; tr ≤ 7 ns.
Source impedance: 50
Ω; tr ≤ 10 ns.
handbook, full pagewidth
MBH530
50
10
DUT
0
IF
(A)
VF
(V)
0
100%
90%
10%
3V
ton
Fig.11 Test circuit and reverse recovery time waveform and definition.
Input impedance oscilloscope: 1 M
Ω, 22 pF; tr ≤ 7 ns.
Source impedance: 50
Ω; tr ≤ 15 ns.
handbook, full pagewidth
10
1
50
25 V
DUT
MAM057
+
t rr
0.5
0
0.5
1.0
IF
(A)
IR
(A)
t
0.25


Podobny numer części - BYQ63

ProducentNumer częściArkusz danychSzczegółowy opis
logo
NXP Semiconductors
BYQ60EW PHILIPS-BYQ60EW Datasheet
56Kb / 6P
   Rectifier diodes ultrafast, rugged
December 1998 Rev 1.000
BYQ60EW-150 PHILIPS-BYQ60EW-150 Datasheet
56Kb / 6P
   Rectifier diodes ultrafast, rugged
December 1998 Rev 1.000
BYQ60EW-200 PHILIPS-BYQ60EW-200 Datasheet
56Kb / 6P
   Rectifier diodes ultrafast, rugged
December 1998 Rev 1.000
logo
WeEn Semiconductors
BYQ60W-600PT2 WEEN-BYQ60W-600PT2 Datasheet
546Kb / 10P
   Ultrafast power diode
BYQ60W-600PT2Q WEEN-BYQ60W-600PT2Q Datasheet
546Kb / 10P
   Ultrafast power diode
More results

Podobny opis - BYQ63

ProducentNumer częściArkusz danychSzczegółowy opis
logo
NXP Semiconductors
BYD67 PHILIPS-BYD67 Datasheet
59Kb / 8P
   Ripple blocking diode
1999 Oct 20
BYM63 PHILIPS-BYM63 Datasheet
82Kb / 7P
   Ripple blocking diode
1996 Jun 10
BYD63 PHILIPS-BYD63 Datasheet
77Kb / 7P
   Ripple blocking diode
1996 Jun 10
logo
EIC discrete Semiconduc...
BYD67A EIC-BYD67A Datasheet
104Kb / 2P
   RIPPLE BOCKING DIODE
logo
Microsemi Corporation
TD3165 MICROSEMI-TD3165 Datasheet
54Kb / 1P
   Solar Array Blocking Diode
logo
Diotec Semiconductor
TGL200C2K DIOTEC-TGL200C2K Datasheet
161Kb / 2P
   Blocking Diode and Transient Voltage Suppressor
logo
NXP Semiconductors
BZD142W PHILIPS-BZD142W Datasheet
50Kb / 8P
   ZenBlockTM; zener with integrated blocking diode
2001 Oct 10
BZD142 PHILIPS-BZD142 Datasheet
55Kb / 8P
   ZenBlockTM; zener with integrated blocking diode
2000 Dec 19
BZG142 PHILIPS-BZG142 Datasheet
61Kb / 8P
   SMA ZenBlock; zener with integrated blocking diode
2001 Aug 20
logo
Solid State Optronic
STZ8082 SSOUSA-STZ8082 Datasheet
400Kb / 9P
   High Blocking Voltage
More results


Html Pages

1 2 3 4 5 6 7 8


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com