Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

AD8056AR Arkusz danych(PDF) 2 Page - Analog Devices

Numer części AD8056AR
Szczegółowy opis  Low Cost, 300 MHz Voltage Feedback Amplifiers
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  AD [Analog Devices]
Strona internetowa  http://www.analog.com
Logo AD - Analog Devices

AD8056AR Arkusz danych(HTML) 2 Page - Analog Devices

  AD8056AR Datasheet HTML 1Page - Analog Devices AD8056AR Datasheet HTML 2Page - Analog Devices AD8056AR Datasheet HTML 3Page - Analog Devices AD8056AR Datasheet HTML 4Page - Analog Devices AD8056AR Datasheet HTML 5Page - Analog Devices AD8056AR Datasheet HTML 6Page - Analog Devices AD8056AR Datasheet HTML 7Page - Analog Devices AD8056AR Datasheet HTML 8Page - Analog Devices AD8056AR Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 16 page
background image
AD8055/AD8056
Rev. J | Page 2 of 16
TABLE OF CONTENTS
Features .............................................................................................. 1
Applications....................................................................................... 1
General Description ......................................................................... 1
Connection Diagrams...................................................................... 1
Revision History ............................................................................... 2
Specifications..................................................................................... 3
Absolute Maximum Ratings............................................................ 5
Maximum Power Dissipation ..................................................... 5
ESD Caution.................................................................................. 5
Typical Performance Characteristics ............................................. 6
Test Circuits..................................................................................... 11
Applications..................................................................................... 12
Four-Line Video Driver............................................................. 12
Single-Ended-to-Differential Line Driver............................... 12
Low Noise, Low Power Preamp................................................ 12
Power Dissipation Limits .......................................................... 13
Resistor Selection ....................................................................... 13
Driving Capacitive Loads.......................................................... 13
Outline Dimensions ....................................................................... 14
Ordering Guide .......................................................................... 16
REVISION HISTORY
2/06—Rev. I to Rev. J
Changes to Format .............................................................Universal
Updated Outline Dimensions ....................................................... 15
Changes to Ordering Guide .......................................................... 16
2/04—Rev. H to Rev. I
Changes to Features.......................................................................... 1
Changes to Ordering Guide ............................................................ 3
6/03—Rev. G to Rev. H
Changes to Absolute Maximum Ratings ....................................... 3
Updated Ordering Guide................................................................. 3
Updated Outline Dimensions ....................................................... 11
2/03—Rev. F to Rev. G
Changes to Product Description .................................................... 1
Changes to Specifications ................................................................ 2
Change to Ordering Guide.............................................................. 3
Outline Dimensions Updated ....................................................... 11
10/02—Rev. E to Rev. F
Text Changes to Reflect Extended Temperature Range for
R-8, N-8 Packages..............................................................................1
Changes to Specifications.................................................................2
Changes to Absolute Maximum Ratings........................................3
Figure 2 Replaced ..............................................................................3
Changes to Ordering Guide .............................................................3
Outline Dimensions Updated....................................................... 11
7/01—Rev. D to Rev. E
TPC 24 Replaced with New Graph .................................................7
3/01—Rev. C to Rev. D
Edit to Curve in TPC 23 ...................................................................7
2/01—Rev. B to Rev. C
Edits to Text at Top of Specifications Page (65 to 5)....................2


Podobny numer części - AD8056AR

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Analog Devices
AD8056AR AD-AD8056AR Datasheet
207Kb / 11P
   Low Cost, 300 MHz Voltage Feedback Amplifiers
REV. B
AD8056AR AD-AD8056AR Datasheet
491Kb / 17P
   Low Cost, 300 MHz Voltage Feedback Amplifiers
Rev. J
AD8056AR-REEL AD-AD8056AR-REEL Datasheet
207Kb / 11P
   Low Cost, 300 MHz Voltage Feedback Amplifiers
REV. B
AD8056AR-REEL AD-AD8056AR-REEL Datasheet
491Kb / 17P
   Low Cost, 300 MHz Voltage Feedback Amplifiers
Rev. J
AD8056AR-REEL7 AD-AD8056AR-REEL7 Datasheet
207Kb / 11P
   Low Cost, 300 MHz Voltage Feedback Amplifiers
REV. B
More results

Podobny opis - AD8056AR

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Analog Devices
AD8055 AD-AD8055_15 Datasheet
491Kb / 17P
   Low Cost, 300 MHz Voltage Feedback Amplifiers
Rev. J
AD8056 AD-AD8056_15 Datasheet
491Kb / 17P
   Low Cost, 300 MHz Voltage Feedback Amplifiers
Rev. J
AD8055 AD-AD8055 Datasheet
207Kb / 11P
   Low Cost, 300 MHz Voltage Feedback Amplifiers
REV. B
AD8055ART AD-AD8055ART Datasheet
491Kb / 17P
   Low Cost, 300 MHz Voltage Feedback Amplifiers
Rev. J
AD8057 AD-AD8057_03 Datasheet
260Kb / 16P
   Low Cost, High Performance Voltage Feedback, 325 MHz Amplifiers
REV. B
AD8057 AD-AD8057 Datasheet
184Kb / 14P
   Low Cost, High Performance Voltage Feedback, 325 MHz Amplifiers
REV. A
AD8061 AD-AD8061 Datasheet
314Kb / 16P
   Low-Cost, 300 MHz Rail-to-Rail Amplifiers
REV. C
AD8061 AD-AD8061_07 Datasheet
530Kb / 20P
   Low Cost, 300 MHz Rail-to-Rail Amplifiers
Rev. E
AD8061 AD-AD8061_15 Datasheet
393Kb / 20P
   Low Cost, 300 MHz Rail-to-Rail Amplifiers
Rev. J
AD8062 AD-AD8062_15 Datasheet
393Kb / 20P
   Low Cost, 300 MHz Rail-to-Rail Amplifiers
Rev. J
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com