Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

BYR29F-500 Arkusz danych(PDF) 5 Page - NXP Semiconductors

Numer części BYR29F-500
Szczegółowy opis  Rectifier diodes ultrafast
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  PHILIPS [NXP Semiconductors]
Strona internetowa  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

BYR29F-500 Arkusz danych(HTML) 5 Page - NXP Semiconductors

  BYR29F-500 Datasheet HTML 1Page - NXP Semiconductors BYR29F-500 Datasheet HTML 2Page - NXP Semiconductors BYR29F-500 Datasheet HTML 3Page - NXP Semiconductors BYR29F-500 Datasheet HTML 4Page - NXP Semiconductors BYR29F-500 Datasheet HTML 5Page - NXP Semiconductors BYR29F-500 Datasheet HTML 6Page - NXP Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 5 / 6 page
background image
Philips Semiconductors
Product specification
Rectifier diodes
BYR29F series
ultrafast
MECHANICAL DATA
Dimensions in mm
Net Mass: 2 g
Fig.11. SOD100; The seating plane is electrically isolated from all terminals.
Notes
1. Refer to mounting instructions for F-pack envelopes.
2. Epoxy meets UL94 V0 at 1/8".
10.2
max
5.7
max
3.2
3.0
0.9
0.5
4.4
max
2.9 max
4.4
4.0
seating
plane
7.9
7.5
17
max
0.55 max
1.3
13.5
min
5.08
0.9
0.7
M
0.4
top view
3.5 max
not tinned
4.4
ka
September 1998
5
Rev 1.400


Podobny numer części - BYR29F-500

ProducentNumer częściArkusz danychSzczegółowy opis
logo
NXP Semiconductors
BYR29 PHILIPS-BYR29 Datasheet
43Kb / 5P
   Rectifier diodes ultrafast
September 1998 Rev 1.300
logo
Unisonic Technologies
BYR29 UTC-BYR29 Datasheet
153Kb / 3P
   RECTIFIER DIODE ULTRAFAST
logo
WeEn Semiconductors
BYR29 WEEN-BYR29 Datasheet
390Kb / 7P
   Rectifier diodes ultrafast
logo
NXP Semiconductors
BYR29-500 PHILIPS-BYR29-500 Datasheet
43Kb / 5P
   Rectifier diodes ultrafast
September 1998 Rev 1.300
BYR29-600 PHILIPS-BYR29-600 Datasheet
43Kb / 5P
   Rectifier diodes ultrafast
September 1998 Rev 1.300
More results

Podobny opis - BYR29F-500

ProducentNumer częściArkusz danychSzczegółowy opis
logo
NXP Semiconductors
BYV79 PHILIPS-BYV79 Datasheet
34Kb / 6P
   Rectifier diodes ultrafast
October 1994 Rev 1.100
BYW29 PHILIPS-BYW29 Datasheet
33Kb / 6P
   Rectifier diodes ultrafast
October 1994 Rev 1.100
BYT79 PHILIPS-BYT79_15 Datasheet
120Kb / 7P
   Rectifier diodes ultrafast
September 1998
BYV29 PHILIPS-BYV29_15 Datasheet
119Kb / 7P
   Rectifier diodes ultrafast
September 1998
BYV29F PHILIPS-BYV29F Datasheet
52Kb / 7P
   Rectifier diodes ultrafast
February 1999 Rev 1.400
BYV72F PHILIPS-BYV72F Datasheet
40Kb / 6P
   Rectifier diodes ultrafast
October 1994 Rev 1.100
BYW29F PHILIPS-BYW29F Datasheet
41Kb / 6P
   Rectifier diodes ultrafast
October 1994 Rev 1.100
BYQ28X PHILIPS-BYQ28X Datasheet
46Kb / 6P
   Rectifier diodes ultrafast
August 1996 Rev 1.000
BYR29 PHILIPS-BYR29 Datasheet
43Kb / 5P
   Rectifier diodes ultrafast
September 1998 Rev 1.300
logo
Guangdong Kexin Industr...
MURS260 KEXIN-MURS260 Datasheet
819Kb / 2P
   Ultrafast Rectifier Diodes
More results


Html Pages

1 2 3 4 5 6


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com