Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

AD8315ACHIPS Arkusz danych(PDF) 5 Page - Analog Devices

Numer części AD8315ACHIPS
Szczegółowy opis  50 dB GSM PA Controller
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  AD [Analog Devices]
Strona internetowa  http://www.analog.com
Logo AD - Analog Devices

AD8315ACHIPS Arkusz danych(HTML) 5 Page - Analog Devices

  AD8315ACHIPS Datasheet HTML 1Page - Analog Devices AD8315ACHIPS Datasheet HTML 2Page - Analog Devices AD8315ACHIPS Datasheet HTML 3Page - Analog Devices AD8315ACHIPS Datasheet HTML 4Page - Analog Devices AD8315ACHIPS Datasheet HTML 5Page - Analog Devices AD8315ACHIPS Datasheet HTML 6Page - Analog Devices AD8315ACHIPS Datasheet HTML 7Page - Analog Devices AD8315ACHIPS Datasheet HTML 8Page - Analog Devices AD8315ACHIPS Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 24 page
background image
AD8315
Rev. C | Page 5 of 24
ABSOLUTE MAXIMUM RATINGS
Table 3.
Parameter
Rating
Supply Voltage VPOS
5.5 V
Temporary Overvoltage VPOS
(100 cycles, 2 sec duration, ENBL Low)
6.3 V
VAPC, VSET, ENBL
0 V, VPOS
RFIN
17 dBm
Equivalent Voltage
1.6 V rms
Internal Power Dissipation
60 mW
θJA (MSOP)
200°C/W
θJA (LFCSP, Paddle Soldered)
80°C/W
θJA (LFCSP, Paddle Not Soldered)
200°C/W
Maximum Junction Temperature
125°C
Operating Temperature Range
−40°C to +85°C
Storage Temperature Range
−65°C to +150°C
Lead Temperature (Soldering 60 sec)
MSOP
300°C
LFCSP
240°C
Stresses above those listed under Absolute Maximum Ratings
may cause permanent damage to the device. This is a stress
rating only; functional operation of the device at these or any
other conditions above those indicated in the operational
section of this specification is not implied. Exposure to absolute
maximum rating conditions for extended periods may affect
device reliability.
ESD CAUTION
ESD (electrostatic discharge) sensitive device. Electrostatic charges as high as 4000 V readily accumulate on the
human body and test equipment and can discharge without detection. Although this product features
proprietary ESD protection circuitry, permanent damage may occur on devices subjected to high energy
electrostatic discharges. Therefore, proper ESD precautions are recommended to avoid performance
degradation or loss of functionality.


Podobny numer części - AD8315ACHIPS

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Analog Devices
AD8315ACP-EVAL AD-AD8315ACP-EVAL Datasheet
1Mb / 20P
   50 dB GSM PA Controller
REV. B
AD8315ACP-EVALZ AD-AD8315ACP-EVALZ Datasheet
447Kb / 22P
   50 dB GSM PA Controller
AD8315ACP-REEL AD-AD8315ACP-REEL Datasheet
1Mb / 20P
   50 dB GSM PA Controller
REV. B
AD8315ACP-REEL7 AD-AD8315ACP-REEL7 Datasheet
1Mb / 20P
   50 dB GSM PA Controller
REV. B
AD8315ACPZ-REEL7 AD-AD8315ACPZ-REEL7 Datasheet
447Kb / 22P
   50 dB GSM PA Controller
More results

Podobny opis - AD8315ACHIPS

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Analog Devices
AD8315 AD-AD8315 Datasheet
1Mb / 20P
   50 dB GSM PA Controller
REV. B
AD8315 AD-AD8315_16 Datasheet
447Kb / 22P
   50 dB GSM PA Controller
AD8311 AD-AD8311 Datasheet
734Kb / 24P
   50 dB GSM PA Controller
REV. 0
AD8311 AD-AD8311_15 Datasheet
505Kb / 24P
   50 dB GSM PA Controller
REV. A
AD8315 AD-AD8315_15 Datasheet
553Kb / 24P
   50 dB GSM PA Controller
REV. C
AD8316 AD-AD8316 Datasheet
497Kb / 20P
   Dual Output GSM PA Controller
REV. C
logo
Radiometrix Ltd
GTC01 RADIOMETRIX-GTC01 Datasheet
401Kb / 11P
   GSM Telemetry Controller
logo
Fairchild Semiconductor
RMPA1852 FAIRCHILD-RMPA1852 Datasheet
464Kb / 11P
   Quad-Band GSM/EDGE PA Module
logo
Skyworks Solutions Inc.
SKY77340 SKYWORKS-SKY77340 Datasheet
537Kb / 27P
   PA Module for Quad-Band GSM / EDGE
SKY77344 SKYWORKS-SKY77344 Datasheet
71Kb / 2P
   PA Module for Quad-Band GSM / EDGE
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com