Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

AD8337BCPZ-REEL7 Arkusz danych(PDF) 7 Page - Analog Devices

Numer części AD8337BCPZ-REEL7
Szczegółowy opis  General-Purpose, Low Cost, DC-Coupled VGA
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  AD [Analog Devices]
Strona internetowa  http://www.analog.com
Logo AD - Analog Devices

AD8337BCPZ-REEL7 Arkusz danych(HTML) 7 Page - Analog Devices

Back Button AD8337BCPZ-REEL7 Datasheet HTML 3Page - Analog Devices AD8337BCPZ-REEL7 Datasheet HTML 4Page - Analog Devices AD8337BCPZ-REEL7 Datasheet HTML 5Page - Analog Devices AD8337BCPZ-REEL7 Datasheet HTML 6Page - Analog Devices AD8337BCPZ-REEL7 Datasheet HTML 7Page - Analog Devices AD8337BCPZ-REEL7 Datasheet HTML 8Page - Analog Devices AD8337BCPZ-REEL7 Datasheet HTML 9Page - Analog Devices AD8337BCPZ-REEL7 Datasheet HTML 10Page - Analog Devices AD8337BCPZ-REEL7 Datasheet HTML 11Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 24 page
background image
AD8337
Rev. B | Page 7 of 24
TYPICAL PERFORMANCE CHARACTERISTICS
VS = ±2.5 V, TA = 25°C, RL = 500 Ω, including a 20 Ω snubbing resistor, f = 10 MHz, CL = 2 pF, VIN = 10 mV p-p, noninverting
configuration, unless otherwise noted.
–5
25
10
0
20
30
–800
5
VGAIN (mV)
–600
–200
–400
400
600
200
800
0
15
+85°C
+25°C
–40°C
Figure 3. Gain vs. VGAIN at Three Temperatures
See Figure 44
1.5
0
2.0
–800
VGAIN (mV)
–600
–200
–400
400
600
200
800
0
–2.0
–0.5
0.5
–1.0
1.0
–1.5
+85°C
+25°C
–40°C
Figure 4. Gain Error vs. VGAIN at Three Temperatures
See Figure 44
0
–800
VGAIN (mV)
–600
–200
–400
400
600
200
800
0
–0.5
0.5
RELATIVE TO BEST FIT
LINE FOR 10MHz
–2.0
2.0
–1.5
1.5
–1.0
1.0
f = 1MHz
f = 10MHz
f = 70MHz
f = 100MHz
f = 150MHz
Figure 5. Gain Error vs. VGAIN at Five Frequencies
See Figure 44
GAIN ERROR (dB)
0
30
50
20
40
10
60
500 UNITS
VGAIN = –0.4V
VGAIN =0V
VGAIN = +0.4V
Figure 6. Gain Error Histogram for Three Values of VGAIN
GAIN SCALING (dB/V)
0
30
50
20
40
10
19.7
20.1
20.0
19.9
19.8
19.6
19.3
19.4
19.5
500 UNITS
–0.4V ≤ VGAIN ≤ +0.4V
Figure 7. Gain Scaling Histogram
INTERCEPT (dB)
0
30
50
20
40
10
12.6
13.0
12.9
12.8
12.7
12.5
12.2
12.3
12.4
500 UNITS
Figure 8. Intercept Histogram


Podobny numer części - AD8337BCPZ-REEL7

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Analog Devices
AD8337BCPZ-REEL7 AD-AD8337BCPZ-REEL7 Datasheet
954Kb / 28P
   General-Purpose, Low Cost, DC-Coupled VGA
More results

Podobny opis - AD8337BCPZ-REEL7

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Analog Devices
AD8337 AD-AD8337_15 Datasheet
1Mb / 32P
   General-Purpose, Low Cost, DC-Coupled VGA
REV. C
AD8337 AD-AD8337 Datasheet
773Kb / 28P
   General-Purpose, Low Cost, DC-Coupled VGA
REV. A
AD8337 AD-AD8337_16 Datasheet
954Kb / 28P
   General-Purpose, Low Cost, DC-Coupled VGA
AD8336 AD-AD8336_17 Datasheet
782Kb / 27P
   General-Purpose Wide Bandwidth, DC-Coupled VGA
AD8336 AD-AD8336 Datasheet
1Mb / 28P
   General-Purpose, ??5 to 125, Wide Bandwidth, DC-Coupled VGA
REV. 0
logo
List of Unclassifed Man...
TVGA9000 ETC1-TVGA9000 Datasheet
836Kb / 12P
   LOW COST VGA CONTROLLER
TVGA9000C ETC1-TVGA9000C Datasheet
1Mb / 22P
   LOW COST VGA CONTROLLER
logo
AVAGO TECHNOLOGIES LIMI...
AT-41586 AVAGO-AT-41586 Datasheet
152Kb / 5P
   Low Cost General Purpose Transistors
logo
Agilent(Hewlett-Packard...
AT-41586 HP-AT-41586 Datasheet
76Kb / 5P
   Low Cost General Purpose Transistors
AT41586 HP-AT41586 Datasheet
61Kb / 6P
   Low Cost General Purpose Transistors
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com